Part Number Hot Search : 
AD679AJ 6F15TR EDZ20B VMX1497G HER7G FSA8009 1N5255B E170A
Product Description
Full Text Search
 

To Download HLMP-K600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description this family of t-1 lamps is widely used in general-purpose indicator applications. difus ants, tints, and optical design are balanced to yield superior light output and wide view - ing angles. several intensity choices are available in each color for increased design fexibility. hlmp-1301, hlmp-1401, hlmp-1503, hlmp-k401, HLMP-K600 t-1 (3 mm) difused led lamps data sheet package dimensions notes: 1. all dimensions are in mm (inches). 2. an epoxy meniscus may extend about 1 mm (0.040") down the leads. 3. for pcb hole recommendations, see the precautions section. features ?? ? high intensity ?? ? choice of 4 bright colors: C high efciency red C orange C yellow C high performance green ?? ? popular t-1 diameter package ?? ? selected minimum intensities ?? ? wide viewing angle ?? ? general purpose leads ?? ? reliable and rugged ?? ? available on tape and reel 0.65 (0.026) max. 24.1(.95) min. 4.70 (.185) 4.19 (.165) 3.43 (.135) 2.92 (.115) 1.52 (.060) 1.02 (.040) 2.79 (.110) 2.29 (.090) 1.14 (.045) 0.51 (.020) (0.022) 0.55 (0.016) 0.40 sq. typ. ? 3.17 (.125) 2.67 (.105) 6.35 (.250) 5.58 (.220) cathode
2 selection guide material color part number luminous intensity iv (mcd) at 10 ma min. max. gaasp on gap red hlmp-1301 3.4 C hlmp-1301-e00xx 3.4 C hlmp-1301-fg0xx 5.4 17.2 hlmp-1301-g00xx 8.6 C hlmp-1301-gh0xx 8.6 27.6 yellow hlmp-1401 2.2 C hlmp-1401-d00xx 3.6 C hlmp-1401-e00xx 5.7 C hlmp-1401-ef0xx 5.7 18.4 hlmp-1401-efbxx 5.7 18.4 orange hlmp-k401 2.1 C hlmp-k401-e00xx 3.4 C hlmp-k401-ef0xx 3.4 10.8 hlmp-k401-fgdxx 5.4 17.2 gap green hlmp-1503 1.0 C hlmp-1503-c00xx 2.6 C hlmp-1503-d00xx 4.2 C hlmp-1503-de0xx 4.2 13.4 hlmp-1503-dedxx 4.2 13.4 emerald green [1] HLMP-K600 1.0 C note: 1. please refer to application note 1061 for information comparing standard green and emerald green light output degradation.
3 part numbering system hlmp ? x x xx - x x x xx mechanic al o ption 00: bulk 01: t ape & r eel , cr imped l eads 02, bx: t ape & r eel , str aigh t l eads a1: r igh t angle housing , unev en l eads a2: r igh t angle housing , e v en l eads d x, ee: ammo p ack , str aigh t l eads r4: t ape & r eel , c oun t er clock wise vx: ammo p ack , hor iz on tal l eads fg: p r oduc ts need in v en t or y c on tr ol f or c ust omer idi c olor bin o ptions 0: f ull c olor bin distr ibution b: c olor bins 2 & 3 only d: c olor bins 4 & 5 only maximum i v bin o ptions 0: open (no max. limit) o thers: p lease r ef er t o the i v bin t able minimum i v bin o ptions p lease r ef er t o the i v bin t able c olor o ptions 3: g ap her 4: g ap y ello w (ex c ept k4xx s er ies) 5: g ap gr een 6: g ap emer ald gr een p ack age o ptions 1: t -1 (3 mm) k : t -1 (3 mm) or ange (k4xx) or emer ald gr een (k6xx)
4 absolute maximum ratings at t a = 25 c parameter her/orange yellow green units peak forward current 90 60 90 ma average forward current [1] 25 20 25 ma dc current [2] 30 20 30 ma reverse voltage (ir = 100 a) 5 5 5 v transient forward current [4] (10 sec pulse) 500 500 500 ma led junction temperature 110 110 110 c operating temperature range -40 to +100 -40 to +100 -20 to +100 c storage temperature range -40 to +100 -40 to +100 -40 to +100 c notes: 1. see figure 5 (her/orange), 10 (yellow), or 15 (green/emerald green) to establish pulsed operating conditions. 2. for red, orange, and green series derate linearly from 50c at 0.5 ma/c. for yellow series derate linearly from 50c at 0.2 ma/c. 3. for red, orange, and green series derate power linearly from 25c at 1.8 mw/c. for yellow series derate power linearly from 50c at 1.6 mw/c. 4. the transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the led die and wirebond. it is not recommended that the device be operated at peak currents beyond the peak forward current listed in the absolute maximum ratings.
5 electrical characteristics at t a = 25 c symbol description device hlmp- min. typ. max. units test conditions 2 1 / 2 included angle between half luminous intensity points all 60 deg. i f = 10 ma see note 1 l peak peak wavelength high efciency red 635 nm measurement at peak orange 600 yellow 583 green 565 emerald green 558 l d dominant wavelength high efciency red 626 nm see note 2 orange 602 yellow 585 green 569 emerald green 560 dl 1 / 2 spectral line halfwidth high efciency red 40 nm yellow 36 green 28 emerald green 24 t s speed of response high efciency red 90 ns orange 280 yellow 90 green 500 emerald green 3100 c capacitance high efciency red 11 pf v f = 0; orange 4 f = 1 mhz yellow 15 green 18 emerald green 35 r j-pin thermal resistance all 290 c/w junction to cathode lead v f forward voltage her/orange 1.5 1.9 2.4 v i f = 10 ma yellow 1.5 2.0 2.4 green 1.5 2.1 2.7 emerald green 2.1 2.7 v r reverse breakdown voltage all 5.0 v i r = 100 a h v luminous efcacy high efciency red 145 lumens see note 3 orange 380 watt yellow 500 green 595 emerald green 655 notes: 1. 1/2 is the of-axis angle at which the luminous intensity is half the axial luminous intensity. 2. the dominant wavelength, l d , is derived from the cie chromaticity diagram and represents the single wavelength which defnes the color of the device. 3. radiant intensity, l e , in watts/steradian, may be found from the equation i e = i v / h v , where i v is the luminous intensity in candelas and h v is the luminous efcacy in lumens/watt.
6 figure 5. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings) figure 3. relative luminous intensity vs. dc forward current figure 2. forward current vs. forward voltage characteristics figure 4. relative efciency (luminous intensity per unit current) vs. peak led current t-1 high efciency red, orange difused lamps figure 1. relative intensity vs. wavelength orange high efficiency red wavelength ? nm relative intensity 1.0 0.5 0 500 550 600 650 700 750 yellow emerald green high performance green t a = 25 c algaas red figure 6. relative luminous intensity vs. angular displacement
7 t-1 yellow difused lamps figure 10. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings) figure 7. forward current vs. forward voltage characteristics figure 8. relative luminous intensity vs. forward current figure 9. relative efciency (luminous intensity per unit current) vs. peak current figure 11. relative luminous intensity vs. angular displacement
8 t-1 green/emerald green difused lamps figure 13. relative luminous intensity vs. forward current figure 12. forward current vs. forward voltage characteristics figure 14. relative efciency (luminous intensi - ty per unit vurrent) vs. peak led current figure 15. maximum tolerable peak current vs. pulse duration. (i dc max as per max ratings) figure 16. relative luminous intensity vs. angular displacement
9 intensity bin limits color intensity range (mcd) bin min. max. d 2.4 3.8 e 3.8 6.1 f 6.1 9.7 g 9.7 15.5 h 15.5 24.8 i 24.8 39.6 j 39.6 63.4 k 63.4 101.5 l 101.5 162.4 m 162.4 234.6 n 234.6 340.0 red/orange o 340.0 540.0 p 540.0 850.0 q 850.0 1200.0 r 1200.0 1700.0 s 1700.0 2400.0 t 2400.0 3400.0 u 3400.0 4900.0 v 4900.0 7100.0 w 7100.0 10200.0 x 10200.0 14800.0 y 14800.0 21400.0 z 21400.0 30900.0 c 2.5 4.0 d 4.0 6.5 e 6.5 10.3 f 10.3 16.6 g 16.6 26.5 h 26.5 42.3 i 42.3 67.7 j 67.7 108.2 k 108.2 173.2 yellow l 173.2 250.0 m 250.0 360.0 n 360.0 510.0 o 510.0 800.0 p 800.0 1250.0 q 1250.0 1800.0 r 1800.0 2900.0 s 2900.0 4700.0 t 4700.0 7200.0 u 7200.0 11700.0 v 11700.0 18000.0 w 18000.0 27000.0
10 intensity bin limits, continued intensity range (mcd) color bin min. max. a 1.1 1.8 b 1.8 2.9 c 2.9 4.7 d 4.7 7.6 e 7.6 12.0 f 12.0 19.1 g 19.1 30.7 h 30.7 49.1 i 49.1 78.5 j 78.5 125.7 green/ k 125.7 201.1 emerald green l 201.1 289.0 m 289.0 417.0 n 417.0 680.0 o 680.0 1100.0 p 1100.0 1800.0 q 1800.0 2700.0 r 2700.0 4300.0 s 4300.0 6800.0 t 6800.0 10800.0 u 10800.0 16000.0 v 16000.0 25000.0 w 25000.0 40000.0 maximum tolerance for each bin limit is 18%.
11 color categories lambda (nm) c olor category # min. max. 9 522.5 555.5 emerald green 8 555.5 558.5 7 558.5 561.5 6 561.5 564.5 6 561.5 564.5 5 564.5 567.5 green 4 567.5 570.5 3 570.5 573.5 2 573.5 576.5 1 582.0 584.5 3 584.5 587.0 yellow 2 587.0 589.5 4 589.5 592.0 5 592.0 593.0 1 597.0 599.5 2 599.5 602.0 3 602.0 604.5 orange 4 604.5 607.5 5 607.5 610.5 6 610.5 613.5 7 613.5 616.5 8 616.5 619.5 tolerance for each bin limit is 0.5 nm.
12 mechanical option matrix mechanical option code defnition 00 bulk packaging, minimum increment 500 pcs/bag 01 tape & reel, crimped leads, minimum increment 1800 pcs/bag 02 tape & reel, straight leads, minimum increment 1800 pcs/bag a1 right angle housing, uneven leads, minimum increment 500 pcs/bag a2 right angle housing, even leads, minimum increment 500 pcs/bag bg tape & reel, straight leads in 2k increment bj tape & reel, straight leads in 2k increment dd ammo pack, straight leads in 2k increment dj ammo pack, straight leads in 2k increment ee ammo pack, straight leads in 5k increment r4 tape & reel, straight leads, counter clockwise, anode lead leaving the reel frst va ammo pack, horizontal leads in 2k increment vb ammo pack, horizontal leads in 2k increment fg inventory control for customer idi note: all categories are established for classifcation of products. products may not be available in all categories. please contact your local avago representative for further clarifcation or information.
figure 17. recommended wave soldering profle for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. obsoletes 5989-4252en av02-1555en - august 22, 2013 laminar wave bottom side of pc board hot air knife turbulent wave fluxing preheat 0 10 20 30 50 100 150 200 250 30 40 50 time ? seconds temperature ? c 60 70 80 90 100 top side of pc board conveyor speed = 1.83 m/min (6 ft/min) preheat setting = 150c (100c pcb) solder wave temperature = 245c air knife air temperature = 390c air knife distance = 1.91 mm (0.25 in.) air knife angle = 40 solder: sn63; flux: rma note: allow for boards to be sufficiently cooled before exerting mechanical force. precautions lead forming ? the leads of an led lamp may be preformed or cut to length before they are inserted and soldered into the pc board. ? if forming a lead is required before it is soldered, then take care to avoid any excessive mechanical stress induced to the led package. otherwise, cut the led leads to length after soldering at room temperature. the solder joint formed will absorb the mechanical stress of the lead cutting from traveling to the led chip die attach and wirebond. ? it is recommended that tooling be made precisely and the leads cut to length, rather than relying on your hand. soldering conditions ? care must be taken during pcb assembly and soldering process to prevent damage to led component. ? the closest an led is allowed to be soldered on board is 1.59 mm below the body (encapsulant epoxy) for those parts without standof. ? recommended soldering conditions: wave soldering manual solder dipping pre-heat temperature 105 c max. C pre-heat time 30 sec max. C peak temperature 250 c max. 260 c max. dwell time 3 sec max. 5 sec max. ? the wave soldering parameter must be set and maintained according to the recommended temperature and dwell time in the solder wave. customer is advised to periodically check the soldering profle to ensure the soldering profle used always conforms to recommended soldering condition. ? if necessary, use a fxture during soldering process to hold the led component in the proper orientation with respect to the pcb. ? proper handling is a must to avoid excessive thermal stresses to led components when heated. therefore, the soldered pcb must be allowed to cool to room temperature, 25 c, before handling. ? to ensure solderability, pay special attention to board fabrication, solder masking, surface plating and lead hole size and component orientation. ? here are the recommended pc board plated through- hole sizes for led component leads: led component lead size diagonal plated through- hole diameter lead size (typ.) 0.45 0.45 mm (0.018 0.018 in.) 0.636 mm (0.025 in) 0.98 to 1.08 mm (0.039 to 0.043 in) dambar shear- of area (max.) 0.65 mm (0.026 in) 0.919 mm (0.036 in) lead size (typ.) 0.50 0.50 mm (0.020 0.020 in.) 0.707 mm (0.028 in) 1.05 to 1.15 mm (0.041 to 0.045 in) dambar shear- of area (max.) 0.70 mm (0.028 in) 0.99 mm (0.039 in) note: refer to application note an1027 for more information on soldering led components.


▲Up To Search▲   

 
Price & Availability of HLMP-K600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X