Part Number Hot Search : 
V56CH8 SL486 MPXQS22K E004997 4ACT1 LMK316B 1N4762A IRF953
Product Description
Full Text Search
 

To Download FYS-18011GX-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 product specification model no. fys-18011g/hxx-xx fys-18011g/hxx-xx a descriptions & features: 1.80 inch (45.00mm) digit height single digit displ ay case mold type. checked by approved by rohs compliant. low current operation low power consumption. easy mounting on p.c. board or socket. customer approved signatures prepared by http://www.foryard.com
model no. rev. -xx: ref surface / epoxy color 1 2 3 black gray red white red green mechanical dimensions notes: 1. all pins are 0.51[.020]mm 2. dimension in millimeter [inch], tolerance is 0. 25 [.010] and angle is 1 unless otherwise noted. 3. bending length*1%. 4.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/5 fys-18011g/hxx-xx a 4 green yellow ref surface color white epoxy color http://www.foryard.com 0 model no. fys-18011g/hxx-xx water clear color number
model no. rev. all light on segments feature & pin position internal circuit diagrams page 3/5 model no. fys-18011g/hxx-xx fys-18011g/hxx-xx a http://www.foryard.com
model no. rev. min 5 -40 -40 electrical-optical characteristics color code & chip characteristics:(test condition:i f=20ma) typ h red 90nm 2.00 s hi red 20nm 1.80 d super red 20nm 1.90 e orange 35nm 1.90 a amber 35nm 1.90 y yellow 35nm 1.90 g green 10nm 1.90 3.40 2.80 2.80 pg pure green 36nm 2.80 uhr ultra hi red 20nm 1.90 ur ultra red 20nm 1.90 ue ultra orange 20nm 1.90 ua ultra amber algainp 20nm 1.90 2.50 uy ultra yellow algainp 20nm 1.90 2.50 ug ultra green algainp 30nm 1.90 2.50 pg ultra pure green ingan 36nm 2.80 3.80 bg ultra bluish green ingan 36nm 2.80 3.80 30nm 2.80 30nm 2.80 note: 1.luminous intensity is based on the foryard standa rds. 2.pay attention about static for ingan page 4/5 fys-18011g/hxx-xx a model no. fys-18011g/hxx-xx standard brightness forward voltage(vf) unit:v 30 absolute maximum ratings (ta=25 ) (ta=25 ) gaasp 2.50 2.50 0.7~1(mw) 60~120 algainp 640nm 30~60 430nm 6~12(mw) 60~100 3.80 460nm 520nm 26~38 13~18 625nm max emitting color dice material gaasp 2.50 reverse voltage vr ir=30 570nm 470nm gaasp 2.50 algaas/dh 650nm 2.50 tstr +85 operating temperature max unit test condition peak wave length( p ) spectral line halfwidth(? 1/2) ma mw algainp 625nm 2.50 2.50 2.50 algainp 30~60~80 260~310 260~310 40~100~150 50~140~190 635nm 590nm 520nm 505nm ingan 60nm 3.80 3.80 4.40 b blue ingan ultra brightness http://www.foryard.com segment-to-segment luminous intensity ratio(iv-m) 1.5:1 610nm 6~12(mw) 4~6(mw) 470nm 80~90~120 3.80 80~90~120 ultra blue ingan ub 460nm 3.80 gap pulse current ipeak duty=0.1ms,1khz forward current if power dissipation symbol 100 v pd parameter value 14~18 570nm 590nm 15~20 14~20 610nm 1 luminous intensity (iv) unit:mcd algaas/sh 660nm 700nm gap 2.50 +85 13~18 ma 150 2.50 storage temperature topr
model no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/5 http://www.foryard.com fys-18011g/hxx-xx a model no. fys-18011g/hxx-xx foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led pn:fys-18011xx-xx qty: 768 pcs date:xxxx/xx/xx gw: 23kg nw: 25kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention part no: fys-18011xx-xx date:xxxx/xx/xx q'ty: 48 pcs 12pcs/foam 4foams/bag 4bags/box 4boxes/carton outside label qc: qc pass foryard qc: qc pass xxxxxxxxxx 56.0 3 6 . 0 3 1 . 0 54.0 1 7 . 0 1 4 . 5 rohs rohs rohs rohs outside label


▲Up To Search▲   

 
Price & Availability of FYS-18011GX-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X