Part Number Hot Search : 
IRFSL HEVAL 73K222AU F9540N CY101 AD7305 C101K HC4P55
Product Description
Full Text Search
 

To Download FS-2000A-4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fs2000 series fast switching synthesizer supports hundreds of fast switching, high spectral purity applications. features: ? ultra-fast switching <1 sec ? wide and narrow band ? exceptionally clean ? an ideal source for: simulators radar rcs ew ate systems subsystems description: the fs-2000 family of frequency synthesizers operate in the frequency of 1 mhz to 18.4 ghz and offer submicrosecond frequency switch - ing speed, and submicrosecond level correction, coupled with superb spectral purity. with an installed base supporting hundreds of submicrosecond switching and high spectral purity applications, the fs-2000 family are prov - en performers for a diverse range of stringent applications. introduced in 1986, fs-2000 frequency synthesizers incorporate the most significant advances in frequency synthesizer technology and are based on aeroflexs patented wideband direct analog synthesis techniques. the technology has been constantly refined and enhanced so that today the family comprises more than thirty models and a host of options which assure that your application has a reliable, proven, signal source. aeroflexs fs-2000 is the most significant advance in frequency synthesizer technology in over 10 years. it is the first synthesizer to combine ultra fast switching, low phase noise, and low spurious over a wide frequency range. aeroflexs patented method achieves direct analog synthesis over an octave range. this combined with extensive hybrid - ization enables the fs-2000 to be packaged in 1/3 the size of previous synthesizers. in addition, built-in fault isolation and modular construction reduce mttr (mean time to repair). interchangeability and commonality of boards and modules minimize spare parts requirements. fs-2000 fre - quency synthesizers have uncompromising perform - ance. switching speed is specified simply; less than 1 usecond between any two frequencies with any resolution- no ifs, ands, or buts. close-in spectral purity is virtually that of the frequency reference, multiplied to the output frequency, while far-out noise decreases monoton - ically to the floor. no phase-locked loops, no complicated schemes. just simple, direct and reliable. the fs-2000 is based on an iterative, modular direct analog architecture with a central reference generator that synthesizes 50, 100, 150, 200 and 800 mhz signals from a 100 mhz refer - ence derived by multiplying a 5 or 10 mhz reference oscillator appropriately and improving far-out noise by judicious filtering. all frequencies are derived in an iterative frequency generation architecture. frequencies are generated as a decade of frequency steps over an octave from 500 mhz inputs to the next stage. final outputs are produced by a scaling mod - ule which provides for doubling, dividing, or hetero - dyning to achieve a range of 10 mhz to 2.3 ghz. units which have extended frequency ranges use an additional scaling module which doubles to 4.6 ghz, and again to 9.2 and 18.4 ghz. the architecture also provides the additional benefit of simplifying the user interface programming in binary coded decimal (bcd). naturally, a variety of interfaces are optionally provided, including ieee-488 and a user friendly keyboard. this unique, interactive, modular architecture also allows for easy configurations of oem or specialized products. signal & control sol utions phone: (732) 460-0212, fax: (732) 460-0214 www.aeroflex.com/ascs, email: ascs-sales@aeroflex.com revision date: 8/21/2013
2 fs2000 series fast switching synthesizer best of both worlds the fs-2000b and keyboard controlled units provide all the performance of the sub-microsecond system synthesizer and easy to use, incredibly clean, bench synthesizers. the fs-2000b is like two synthesizers in one; a 1 usec switching computer controlled system synthesizer, and an ieee-488 programmable keyboard entry bench synthesizer with extensive sweep and synchronization capability. you can conveniently use the fs-2000 for system development with the convenience of keyboard entry of frequency increments and sweeps, as well as ieee-488 fs-2000-18, fs-2000b-9, fs2000b-4, fs-2000b-2 programming. with the flip of a switch, the fs-2000b becomes a bcd program - mable 1 usec switching synthesizer. even if you do not need fast switching, the fs-2000b-18 is one of the lowest phase noise 18 fhz synthesizers available. the fs-2000 provides programmable and keyboard controlled modulation of am and fm, and 1 usec frequency switching us to 4 ghz. the fs-2000c is also a pin-for-pin replacement for the eaton/ailtech 382/384m, with substantially improved perform - ance and reliability. signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? acc-sales@aerofex.com revision date: 8/21/2013
3 fs2000 series fast switching synthesizer selection guide 0: optional std: standard *3 - standard 4/8 mms module fits in 70001a main frame. fs2000ew models incorporate wideband fm and fm active front panel indicator. refer to back page for complete list of synthesizers and options. **refer to page 7 for complete outline drawings. options: fm option 120 C wideband fm available for fs2000a/b frequency range (mhz) peak deviation wide (mhz) +/- mhz narrow mhz 50-69 1.5 1/10 of wide 70-139 0.75 140-279 1.5 280-559 3.0 560-1149 6.0 1150-2299 12. 0 2300-4599 24.0 4600-9199 48.0 9200-18399 96.0 option 121 C programmable fm; maintains constant deviation available for fs2000a frequency range (mhz) peak deviation (mhz) 50-1149 0.01, 0.1, 1 1150-18399 0.1, 1, 10 frequency range: external source only rate: dc: 0 to 5 mhz ac: 50 hz to 5 mhz option 122 C pulse modulation on/off: 60 db rise/fall time: 40 ns option 125 C fast attenuator frequency range: 0.5 to 18 ghz attenuation range 0 to 60 db attenuation increments: 0.25 db switching time: 1 m s maximum option 128 C slow attenuator frequency range: 10 mhz-18.399 ghz attenuation range: 0 to 120 db attenuation increments: 1 db switching time: 20 ms maximum contact the factory for non-standard options such as phase modulation or requirements not satisfied by standard options. frequency range model fs-2000 available options standard interface size am fm pulse attenuation slow fast 10 mhz to 2.3 ghz a-2 b-2 0 0 bcd ieee-488/bcd 2 2 10 mhz to 4.0 ghz a-4 b-4 0 0 0 0 bcd ieee-488/bcd 2 2 10 mhz to 9.2 ghz a-9 b-9 0 0 bcd ieee-488/bcd 2 2 10 mhz to 18.4 ghz a-18 b-18 mms-18 0 0 0 0 0 bcd ieee-488/bcd msib/ieee-488 2 2 3* signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? ascs-sales@aerofex.com revision date: 8/21/2013
4 switching speed: the fs-2000 switches between any two frequencies. 50 mhz-18.4 ghz in less than 1 msec. the switch - ing time is measured: from the time the fs-2000 receives a strobe command to switch until the phase dector output shows arrival at new frequency. the fs-2000 is unique: the larger the step, the faster the switching speed: with 1 ghz steps and larger, typically switching in less than 250 nsec. phase noise: the fs-2000 provides sub-microsecond switch - ing and superior phase noise performance. the absolute phase noise curve below shows the actual output which includes the noise contribution of the internal 10 mhz standard. the residual phase noise of the fs-2000 is also shown below. this indicates that if a lower noise external reference (5 mhz, 10 mhz or 100 mhz) is used, the phase noise theoretically can approach the residual phase noise of the fs-2000. oem configuration guide: aeroflexs modular architec - ture and iterative frequency plan makes it ideally suited for custom oem applications. just two standard modules make up a 50 mhz - 2.3 ghz, 100 mhz resolution oem synthesizer with the same specifications as the standard family, needing only dc power and frequency reference. to obtain finer resolution and/ or wider frequency coverage, just add the appropriate standard modules. factory assistance is available to help you configure an oem synthesizer which best meets your electrical or environ - mental specifications. modularity for custom configurations shock and vibration mounting available signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? acc-sales@aerofex.com revision date: 8/21/2013
5 fs2000 series fast switching synthesizer specifcations frequency: accuracy and stability: same as reference oscillator reference oscillator: internal: 10 mhz quartz oscillator aging rate 5 x 10 -9 /day after 24 hours (in normal operating environment) external: any 5 mhz or 10 mhz frequency standard at a level of 0 dbm + 2 db frequency switching speed: 1 m sec maximum for any step size between any two frequencies. amplitude settling time 2 m sec maximum; to be within +2 db of final amplitude. model resolution fs-2000-2, -4: 1.0 hz standard 0.1 hz option 101 fs-2000-9: 2.0 hz standard 0.2 hz option 101 fs-2000-18: 4.0 hz standard 0.4 hz option 101 model range fs-2000 a/b-2 50 mhz to 2300 mhz (2299,999999 mhz) fs-2000 a/b-4 50 mhz to 4000 mhz (3999,999999 mhz)* fs-2000 a/b-9 50 mhz to 9200 mhz (9199,999998 mhz) fs-2000 a/b-18 50 mhz to 18400 mhz (18399,999996 mhz) *option 112 extends upper frequency to 4600 mhz (4599,999999 mhz) spectral purity: absolute ssb phase noise in dbc/hz (includes noise at internal reference) offset from carrier carrier frequency 100 mhz 600 mhz 1.2 ghz 2.4 ghz 4.6 ghz 9.2 ghz 18.4 ghz 10 hz 100 85 79 73 67 61 55 100 hz 113 98 92 86 80 74 68 1 khz 128 113 107 101 95 89 83 20 khz 145 138 132 126 122 116 110 100 khz 147 140 134 128 122 116 110 10 mhz 147 140 134 128 122 116 110 40 mhz 147 140 134 128 122 116 110 signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? ascs-sales@aerofex.com revision date: 8/21/2013
6 physical dimensions: weight fs-2000: 46 lbs. (20.9 kg) fs-2000a, fs-2000b or fs-2000c: 50 lbs. (22.7 kg) dimensions fs-2000: 8.37 w x 5.22 h x 25.0 d (21.26 x 13.26 x 63.5 cm) fs-2000a, fs-2000b or fs-2000c: 16.75 x 5.22 h x 23.88 d (42.55 x 13.26.60.66 cm) specifcation (cont): spurious signals: output: level: +10 dbm leveling: 2 db (5c of calibration temperature) impedance: 50 w remote programming control interface: interface: standard: 44 bits parallel bcd ttl compatible; positive true with strobe. mating connector: 3m p/n 3564-1000 b chassis only: in addition to standard interface: ieee-488-1978: all functions controlled from the front panel, with the exception of the power line switch, are programmable with the same accuracy and resolution as in manual mode. c chassis only: in addition to standard interface: modulation control interface; pin-for-pin replacement for eaton/ailtech 382/382 m. mating connector: 3m p/n 3366-1000. digital sweep: sweep modes auto: sweep repeats automatically single: single sweep activated by front panel keyboard sweep modes: sweep speed: sweep repeats automatically 1 ms, 10 ms and 100 ms per step external - synchronized variable to 700 sec per step in conjunction with above: sweep up: frequency sweeps from lower fre - quency to upper frequency, then return back to lower frequency. sweep dn: frequency sweeps from upper fre - quency to lower frequency, then return back to upper frequency. sweep up/dn: frequency sweeps from lower fre - quency to upper frequency, then from upper frequency to lower frequency. no. of steps: selectable from 1 to 10,000 steps. step size: selectable, any size consistent with resolution of unit. stop sweep: causes internal sweet to halt immedi - ately. return control to command level. general: operating temperature range: 0 to 50c power requirements: 120/250 vac 48 to 440 hz, 250 watts frequency range (mhz) 50 to 2300 2300 to 4600 4600 to 9200 9200 to 18000 spurious non-harmonically related -70 dbc -62 dbc -56 dbc -50 dbc sub-harmonically related ? (f/2, 3f/2, etc) -40 dbc -40 dbc -30 dbc -30 dbc harmonics ? -25 dbc* -25 dbc -25 dbc -25 dbc *560 to 800 mhz ? option 123: -55 dbc ? fa 4000-1: -50 dbc fs2000 series fast switching synthesizer signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? acc-sales@aerofex.com revision date: 8/21/2013
7 fs2000 series fast switching synthesizer model description: fs-2000a-2 10 mhz to 2.3 ghz (1 mhz resolution) fs-2000b-2 10 mhz to 2.3 ghz (1 hz resolution) keyboard main frame (includes gpib) FS-2000A-4 10 mhz to 4.0 ghz (1 hz resolution) fs-2000b-4 10 mhz to 4.0 ghz (1 hz resolution) keyboard main frame (includes gpib) fs-2000a-9 10 mhz to 9.2 ghz (2 hz resolution) fs-2000b-9 10 mhz to 9.2 ghz (2 hz resolution) keyboard main frame (includes gpib) fs-2000a-18 10 mhz to 18.4 ghz (4 hz resolution) fs-2000b-18 10 mhz to 18.4 ghz (4 hz resolution) keyboard main frame (includes gpib) fs-2000-mms-18** 10 mhz to 18.4 ghz (0.4 hz resolution) includes frequency modulation output level control +10 to -110 dbm in 1 db steps: two 4-slot mms modules **mms does not include 70001a main frame options: model description 101 (up to 4 ghz, 0.1 hz resolution) (4.6 to 9.2 ghz, 0.2 hz resolution) (9.2 to 18.4 ghz, 0.4 hz resolution) 112 extends upper frequency of -4 to 4.6 ghz 116 100 mhz reference 117 reversed fan for increased air flow with filter *120 non-programmable wideband fm *122 pulse modulation 500 mhz to 4, 9, 18 ghz, 60 db on/off, 40 nsec r/f *123 low sub-harmonics at -66 dbc 125 fast attenuator 126 high speed memory/hp 8510 interface (separate unit) 128 slow attenuator 129 differential bcd 904 extra manual 905 slides for full rack * these options available in a and b chassis only. signal & control sol utions aerofex signal & control solutions www.aerofex.com/ascs ? ascs-sales@aerofex.com revision date: 8/21/2013
fs1200b series fast switching synthesizer signal & control sol utions aeroflex control componen. reserves the right to make changes to any products and services herein at any time without notice. consult aeroflex or an authorized sales representative to verify that the information in this data sheet is current before using this product. aeroflex does not assume any responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in writing by aeroflex; nor does the purchase, lease, or use of a product or service from aeroflex convey a license under any patent rights, copyrights, trademark rights, or any other of the intellectual rights of aeroflex or of third parties. copyright 2013 aeroflex signal & control solutions. all rights reserved. www.aerofex.com/microwave www.aerofex.com/ascs aeroflex signal & control solutions aeroflex microelectronic solutions 40 industrial way east 35 south service rd eatontown , nj 07724 [usa] plainview, ny 11803 [usa} fax: (732) 460-0214 fax: (516) 694-4823 sales phone: (732) 460-0212 ascs-sales@aeroflex.com iso 9001:2008 certifed our passion for performance is defned by three attributes represented by these three icons: solution-minded, performance-driven and customer-focused. revision date: 8/21/2012


▲Up To Search▲   

 
Price & Availability of FS-2000A-4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X