Part Number Hot Search : 
8M000 20240 SCSF2 40250 27C010 SFH617A X9221UP SCSF0
Product Description
Full Text Search
 

To Download DTC123YE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc123 ye/yua/yca/ysa npn small signal transistor small signal diode package packing marking sot-523 3k / 7" reel 62 sot-323 3k / 7" reel 62 sot-23 3k / 7" reel 62 to-92s 3k / 7" reel jsa 300 mw vv ma c notes:1. valid provided that electrodes are kept at ambient temperature symbol min typ max unit v i(off) 0.3 v v i(on) 3v v o(on) 0.1 0.3 v i i 3.8 ma i o off) 0.5 a g i 33 r 1 1.54 2.2 2.86 k ? r 2 /r 1 3.6 4.5 5.5 f t 250 mhz features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. ? only the on/off conditions need to be set for operation,marking device design easy. ? the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. orderin g information v o =10v,i o =5ma,f=100mhz input resistanceresistance ratio transition frequency output currentdc current gain input current v i =5v v cc =50v,v i =0 v o =5v,i o =10ma v o =0.3v,i o =20ma rating at 25c ambient temperature unless otherwise specified.junction and storage temperature range tj, t stg -55 to + 150 je pd v cc parameter input voltage 100 units 50 symbol 200 value jua jca 150 output voltage -5 12 input voltage i o /i i =10ma/0.5ma condtion v cc =5v,i o =100 a i o i c(max) 100 v in part no. dtc123 ye dtc123 yua output current supply voltage power dissipation dtc123 yca dtc123 ysa type number maximum ratings and electrical characteristics version:a12 downloaded from: http:///
dtc123 ye/yua/yca/ysanpn small signal transistor aa c c min max min max min max min max 2.80 3.00 0.11 0.12 1.90 2.10 0.07 0.08 1.20 1.40 0.05 0.06 1.15 1.35 0.05 0.05 0.30 0.50 0.01 0.02 0.25 0.35 0.01 0.01 1.80 2.00 0.07 0.08 1.20 1.40 0.05 0.06 2.25 2.55 0.09 0.10 2.00 2.20 0.08 0.09 0.90 1.20 0.04 0.04 0.80 1.00 0.03 0.04 a a c c min max min max min max min max 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.80 0.03 0.03 0.75 0.85 0.03 0.03 0.25 0.35 0.01 0.01 0.17 0.27 0.01 0.01 0.90 1.10 0.04 0.04 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.90 0.03 0.04 0.50 0.02 a e bg f c min max min max 3.85 4.15 0.15 0.16 3.01 3.31 0.12 0.13 15.10 15.50 0.59 0.61 0.38 0.55 0.01 0.02 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 0.36 0.51 0.01 0.02 sot-323 d e sot-23 dimensions unit (mm) d e unit (inch) ab c dimensions unit (mm) unit (inch) ab c f sot-523 dimensions unit (mm) 0.550 ref 0.022 ref f g d e f sot-723 unit (inch) ab c dimensions unit (mm) unit (inch) ab c d 0.8 typ 0.31typ e f to-92s dimensions unit (mm) unit (inch) e f g ab cd b d f e g b d f e b d f e b d f e version:a12 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC123YE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X