Part Number Hot Search : 
PEMD3 GP1A91LC BGD812 PTF10015 120EC ER802 SB4040ST CF601M
Product Description
Full Text Search
 

To Download DTB120225UC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a division of cui inc date page series: description: 12/2010 1 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com features ?short circuit protection ?reverse polarity protection ?led indicator ?ul 60950 approved ?meets fcc class b emi standard ?designed for optimum lead acid battery charging model output voltage output current output wattage nominal (v dc) min (a) max (a) max (w) dtb120150uc 12 0 1.5 18 DTB120225UC 12 0 2.25 26.4 dtb120300uc 12 0 3 36 dtb240080uc 24 0 0.8 19.2 dtb240125uc 24 0 1.25 30 dtb240150uc 24 0 1.5 36 part number key dtb120125uc -pxxx- fl - cxx factory designation base number example of 12 v dc, 1.25 a reserved for custom configurations rohs dc plug type: see output plug options on page 6 discontinued
a division of cui inc date page series: description: 12/2010 2 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com input parameter conditions/description min nom max units rated input voltage 100 240 v ac frequency range 47 63 hz rated input current 1.5 a inrush current 120 v ac, cold start, 25c 10 a output parameter conditions/description min nom max units fast charge (cc mode) led: red output curent output voltage dtb120125 dtb120225 dtb120300 dtb240080 dtb240125 dtb240150 12 v 24 v 1.3 2.05 2.7 0.65 1.05 1.3 1.5 2.25 3 0.8 1.25 1.5 1.7 2.45 3.3 0.95 1.45 1.7 14.7 29 a a a a a a v dc v dc continuous charge (cc & cv mode) led: red output current output voltage dtb120125 dtb120225 dtb120300 dtb240080 dtb240125 dtb240150 12 v 24 v 0.55 0.8 1.2 0.25 0.4 0.55 14.3 28.5 0.75 1 1.5 0.4 0.6 0.75 14.5 28.8 0.95 1.2 1.8 0.55 0.8 0.95 14.7 29.1 a a a a a a v dc v dc stand-by charge (cc mode) led: green output current output voltage dtb120125 dtb120225 dtb120300 dtb240080 dtb240125 dtb240150 12 v 24 v 13.5 27.1 13.7 27.4 0.75 1 1.5 0.4 0.6 0.75 13.9 27.7 a a a a a a v dc v dc open state (cv mode) led: green output current output voltage dtb120125 dtb120225 dtb120300 dtb240080 dtb240125 dtb240150 12 v 24 v 13.5 27.1 0 0 0 0 0 0 13.7 27.4 13.9 27.7 a a a a a a v dc v dc charge parameter conditions/description min nom max units reverse polarity protection short circuit protection auto recovery reverse current 5m a battery type charger is good for lead acid battery cc: continue current, cv: continue voltage discontinued
a division of cui inc date page series: description: 12/2010 3 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com safety & emi parameter conditions/description min nom max units hi-pot input to output at 5 ma for 1 minute input to output at 5 ma for 1 minute 3,000 4,242 v ac v dc safety approvals ul/cul, ce emi standard fcc class b warranty* standard warranty length 6 months environmental parameter conditions/description min nom max units operating temperature 04 0 c relative humidity 89 5 % storage temperature -40 70 c * cui products are warranted against defect in materials and workmanship. this warranty does not cover damage or wear resulting from accident, misuse, or unauthorized adjustment, modification, or repair. in the event of a defect covered by this warranty, cui, at its option, will provide repair, replacement, or credit for products that are defective within the warranty period. discontinued
a division of cui inc date page series: description: 12/2010 4 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com mechanical drawing (dtb2120150, dtb240080) ac socket iec320/c8 dc cord ul2468, awg 24#*2c, black, 1.8 meter with dc connector case 115 l x 48 w x 31.5 h mm, tolerance: 1 mm center positive discontinued
a division of cui inc date page series: description: 12/2010 5 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com kks-10a mechanical drawing (all other models) ac socket iec320 ac cord svt awg 18*3c, ul 3pin, 1.8 meter dc cord ul2468, awg 20#*2c, black, 1.8 meter with dc connector case 118 l x 60 w x 37.5 h mm, tolerance: 1 mm center positive discontinued
a division of cui inc date page series: description: 12/2010 6 of 6 lead acid battery charger 18 ~ 36 w desk-top 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 .612 .2300 fax 503 .612 .2382 www.v-in nity.com output plug options 12 12 9.5 9.5 10 1.7 1.7 0.7 eiaj-3 eiaj-2 eiaj-1 eiaj 4.75 4.0 2.35 p14/p14r p13/p13r c unit ba p12/p12r mm mm mm 2.5 2.1 5.5 5.5 p11 c unit ba p10 mm mm 10 10 10 12 12 1.05 1.35 1.3 2.5 2.1 3.8 3.8 3.5 5.5 5.5 p9/p9r p8/p8r p7/p7r p6/p6r c unit ba p5/p5r mm mm mm mm mm ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? add suffix ?n? for center negative: pxx n right angle pxr standard px right angle pxxr standard pxx add suffix ?p? for center positive: pxx p eiaj plugs locking dc plug standard dc plug *contact cui for additional output plug options. discontinued


▲Up To Search▲   

 
Price & Availability of DTB120225UC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X