Part Number Hot Search : 
41727 1905X002 PE97632 SC900A EVKIT SY89473 20H32 MN14821
Product Description
Full Text Search
 

To Download DF005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DF005 thru df10 single phase 1.0 amps. silicon bridge rectifiers voltage range 50 to 1000 volts current 1.0 amperes features ? ul recognized file # e-230084 ? ideal for printed circuit board ? reliable low cost construction technique results in inexpensive product ? high temperature soldering guaranteed: 260 / 10 seconds / 0.375 ( 9.5mm ) lead length at 5 lbs., ( 2.3 kg ) tension mechanical data ? case: molded plastic ? lead: solder plated ? polarity: as marked dimensions in inches and (millimeters) db .350(8.9) .300(7.6) .045(1.14) .035(0.89) .185(4.69) .150(3.81) .255(6.5) .245(6.2) .315(8.0) .285(7.24) .205(5.2) .195(5.0) .335(8.51) .320(8.13) .130(3.30) .120(3.05) .023(0.58) .018(0.46) .08(2.03) .05(1.27) .075(1.90) .055(1.39) .013(0.33) .0088(0.22) + - ~ ~ maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number DF005 df01 df02 df04 df06 df08 df10 units maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 40 i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @ 1.0a v f 1.1 v maximum dc reverse current @ ta=25 rated dc blocking voltage per leg ta = 125 i r 10 500 a typical thermal resistance (note) r ja r jl 40 15 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note thermal resistance from junction to ambient and from junction to lead mounted on p.c.b.with 0.47 0.47 (12 12mm) copper pads. tiger electronic co.,ltd
page 2 of 2 h p://www.21yangjie.com rating and characteristic curves DF005 thru df10


▲Up To Search▲   

 
Price & Availability of DF005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X