commercial grade ( general ( u p to 50v ) ) c1005 [ eia cc0402 ] l 1.00mm +/-0.05mm w 0.50mm +/-0.05mm t 0.50mm +/-0.05mm b 0.10mm min. g 0.30mm min. jb ( -25 to 85 de g c +/-10% ) 1h ( 50vdc ) 3.3nf m ( +/-20% ) 2.5% max. 10gohm min. not a pp licable all s p ecifications are sub j ect to chan g e without notice. january 3, 2016 C1005JB1H332M050BA tdk item descri p tion : c1005jb1h332mt**** cap. vs. freq. characteristic 0.1 1 10 0.001 0.01 0.1 1 10 100 1000 frequency/mhz cap./nf |z|, esr vs. freq. characteristics 0.1 1 10 100 1000 10000 100000 1000000 10000000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz |z|, esr/ohm |z| esr dc bias characteristic -45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 0 1 02 03 04 05 06 0 dc bias/v cap. change/% temperature characteristics -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 -40 -20 0 20 40 60 80 100 temperature/degc cap. change/% temp.chara. tcbias(1/2rated) ripple temperature rise characteristics 0 5 10 15 20 25 0 0.05 0.1 0.15 0.2 current/arms temperature rise/degc 100khz 500khz 1mhz application & main feature series dimensions tem p erature c haracteristic rated volta g e c a p acitance c a p acitance tolerance dissi p ation facto r insulation resistance a e c - q 2 00 characterization sheet ( multilayer ceramic chip capacitors )
|