Part Number Hot Search : 
TD880 KA3843AM A17555 82000 ADJ51006 709ZCPB 150K0 R7000
Product Description
Full Text Search
 

To Download ASM3P2811B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 august, 2011 ? rev. 3 1 publication order number: asm3p2811a/d asm3p2811a/b, asm3p2812a/b, asm3p2814a/b low power emi reduction ic description the asm3p28xx devices are versatile spread spectrum frequency modulators designed specifically for a wide range of input clock frequencies from 10 mhz to 40 mhz. refer to input/output frequency range selection table . the asm3p28xx can generate an emi reduced clock from crystal, ceramic resonator, or system clock. the asm3p28xx ? a and the asm3p28xx ? b offer various combinations of spread options and percentage deviations. refer to frequency deviation and spread selection table. these combinations include down and center spread, and percentage deviation range from 0.625% to ? 3.5%. the asm3p28xx reduces electromagnetic interference (emi) at the clock source, allowing system wide reduction of emi of down stream clock and data dependent signals. the asm3p28xx allows significant system cost savings by reducing the number of circuit board layers, ferrite beads, shielding, and other passive components that are traditionally required to pass emi regulations. the asm3p28xx modulates the output of a single pll in order to ?spread? the bandwidth of a synthesized clock, and more importantly, decreases the peak amplitudes of its harmonics. this results in significantly lower system emi compared to the typical narrow band signal produced by oscillators an d most frequency generators. lowering emi by increasing a signal?s bandwidth is called ?spread spectrum clock generation.? the asm3p28xx uses the most efficient and optimized modulation profile approved by the fcc and is implemented in a proprietary all ? digital method. applications the asm3p28xx is targeted towards emi management for memory and lvds interfaces in mobile graphic chipsets and high ? speed digital applications such as pc peripheral devices, consumer electronics, and embedded controller systems. features ? fcc approved method of emi attenuation ? provides up to 15 db emi reduction ? generates a 1x, 2x and 4x low emi spread spectrum clock of the input frequency ? 1x: asm3p2811a/b ? 2x: asm3p2812a/b ? 4x: asm3p2814a/b ? optimized for input frequency range from 10 mhz to 40 mhz ? internal loop filter minimizes external components and board space ? selectable spread options: ? down spread and center spread ? 8 frequency deviation selections: ? 0.625% to ? 3.5% ? low inherent cycle ? to ? cycle jitter ? 3.3 v operating voltage ? cmos/ttl compatible inputs and outputs ? pin ? out compatible with cypress cy25811, cy25812 and cy25814 ? commercial and industrial temperature range ? available in 8 ? pin soic and tssop packages ? these devices are pb ? free, halogen free/bfr free and are rohs compliant http://onsemi.com soic ? 8 s suffix case 751bd pin configuration (top view) see detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ordering information xout vdd frs modout vss d_c xin / clkin 1 srs tssop ? 8 t suffix case 948al
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 2 figure 1. block diagram vdd pll vco vss modout loop filter output divider crystal oscillator xout xin / clkin phase detector d_c srs frs modulation frequency divider feedback divider table 1. pin description pin# pin name type description 1 xin / clkin i crystal connection or external clock input. 2 vss p ground to entire chip. 3 d_c i digital logic input used to select down (low) or center (high) spread options. (refer to frequency deviation and spread selection table). this pin has an internal pull ? up resistor. 4 srs i spread range select. digital logic input used to select frequency deviation (refer to frequency deviation and spread selection table). this pin has an internal pull ? up resistor. 5 modout o spread spectrum clock output 6 frs i frequency range select. digital logic input used to select input frequency range (refer to input/output frequency range selection table ). this pin has an internal pull ? up resistor. 7 vdd p power supply for the entire chip. 8 xout o crystal connection. if using an external reference, this pin must be left unconnected. table 2. input/output frequency range selection frs (pin 6) part number modulation rate asm3p2811 (1x) asm3p2812 (2x) asm3p2814 (4x) input (mhz) output (mhz) input (mhz) output (mhz) input (mhz) output (mhz) 0 10 ? 20 10 ? 20 10 ? 20 20 ? 40 10 ? 20 40 ? 80 input frequency / 448 1 20 ? 40 20 ? 40 20 ? 40 40 ? 80 20 ? 40 80 ? 160 input frequency / 896
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 3 table 3. output frequency deviation and spread selection part number d_c (pin 3) srs (pin 4) frequency deviation (%) (note 1) fs = 0 fs = 1 10/20/40 (mhz) 20/40/80 (mhz) 20/40/80 (mhz) 40/80/160 (mhz) asm3p28xxa 0 0 ? 3 ? 2.5 ? 2.7 ? 2.6 0 1 ? 3.7 ? 3.4 ? 3.8 ? 3.6 1 0 1.5 1.2 1.5 1.3 1 1 1.8 1.6 1.9 1.8 asm3p28xxb 0 0 ? 1.7 ? 1.0 ? 1.5 ? 1.4 0 1 ? 2.0 ? 1.5 ? 2.0 ? 1.9 1 0 0.75 0.6 0.8 0.7 1 1 1.0 0.75 1.0 0.9 1. frequency deviation given in the table is for the output frequency range covering asm3p2811x / 12x / 14x. table 4. absolute maximum ratings symbol parameter rating unit v dd , v in voltage on any pin with respect to ground ? 0.5 to +4.6 v t stg storage temperature ? 65 to +125 c t s max. soldering temperature (10 sec) 260 c t j junction temperature 150 c t dv static discharge voltage (as per jedec std 22 ? a114 ? b) 2 kv stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. table 5. operating conditions symbol parameter min max unit vdd voltage on any pin with respect to gnd 3.0 3.6 v t a operating temperature ? 40 +85 c c l load capacitance 10 pf c in input capacitance 7 pf
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 4 table 6. dc electrical characteristics symbol parameter min typ max unit v il input low voltage vss ? 0.3 0.8 v v ih input high voltage 2 v dd +0.3 v i il input low current (inputs d_c, srs and frs are pulled high internally) ? 50  a i ih input high current 50  a i xol xout output low current (v xol @ 0.4 v, v dd = 3.3 v) 3 ma i xoh xout output high current (v xoh @ 2.5 v, v dd = 3.3 v) 3 ma v ol output low voltage (v dd = 3.3 v, i ol = 5 ma) 0.4 v v oh output high voltage (v dd = 3.3 v, i oh = ? 5 ma) 2.5 v i cc dynamic supply current (unloaded output) 8 18 ma i dd static supply current, standby mode (clkin pulled to gnd) 4.5 ma vdd operating voltage 3.0 3.3 3.6 v t on power up time (first locked clock cycle after power up) 500  s z out clock out impedance 76  table 7. ac electrical characteristics symbol parameter min typ max unit f in input frequency for asm3p2811/12/13/14 a/b 10 40 mhz f out output frequency for asm3p2811a/b 10 40 mhz output frequency for asm3p2812a/b 20 80 mhz output frequency for asm3p2814a/b 40 160 mhz t lh (note 2) output rise time (measured at 0.8 v to 2.0 v) 0.5 0.9 1.2 ns t hl (note 2) output fall time (measured at 2.0 v to 0.8 v) 0.8 1.0 1.3 ns t jc cycle ? to ? cycle jitter (unloaded output) 250 ps t d output duty cycle 45 50 55 % 2. t lh and t hl are measured into a capacitive load of 10 pf.
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 5 package dimensions tssop8, 4.4x3 case 948al ? 01 issue o e1 e a2 a1 e b d c a top view side view end view  1 l1 l notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec mo-153. symbol min nom max a a1 a2 b c d e e1 e l1 0o 8o l 0.05 0.80 0.19 0.09 0.50 2.90 6.30 4.30 0.65 bsc 1.00 ref 1.20 0.15 1.05 0.30 0.20 0.75 3.10 6.50 4.50 0.90 0.60 3.00 6.40 4.40
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 6 package dimensions soic 8, 150 mils case 751bd ? 01 issue o e1 e a a1 h l c e b d pin # 1 identification top view side view end view notes: (1) all dimensions are in millimeters. angles in degrees. (2) complies with jedec ms-012. symbol min nom max a a1 b c d e e1 e h 0o 8o 0.10 0.33 0.19 0.25 4.80 5.80 3.80 1.27 bsc 1.75 0.25 0.51 0.25 0.50 5.00 6.20 4.00 l 0.40 1.27 1.35
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 7 table 8. ordering information part number marking package type temperature asm3p2811af ? 08sr 3p2811afs soic ? tape & reel, pb free commercial asm3p2811af ? 08st 3p2811afs soic ? tube, pb free commercial asm3p2811af ? 08tr 3p2811aft tssop ? tape & reel, pb free commercial asm3p2811af ? 08tt 3p2811aft tssop ? tube, pb free commercial ASM3P2811Bf ? 08sr 3p2811bfs soic ? tape & reel, pb free commercial ASM3P2811Bf ? 08st 3p2811bfs soic ? tube, pb free commercial ASM3P2811Bf ? 08tr 3p2811bft tssop ? tape & reel, pb free commercial ASM3P2811Bf ? 08tt 3p2811bft tssop ? tube, pb free commercial asm3p2812af ? 08sr 3p2812afs soic ? tape & reel, pb free commercial asm3p2812af ? 08st 3p2812afs soic ? tube, pb free commercial asm3p2812af ? 08tr 3p2812aft tssop ? tape & reel, pb free commercial asm3p2812af ? 08tt 3p2812aft tssop ? tube, pb free commercial asm3p2812bf ? 08sr 3p2812bfs soic ? tape & reel, pb free commercial asm3p2812bf ? 08st 3p2812bfs soic ? tube, pb free commercial asm3p2812bf ? 08tr 3p2812bft tssop ? tape & reel, pb free commercial asm3p2812bf ? 08tt 3p2812bft tssop ? tube, pb free commercial asm3p2814af ? 08sr 3p2814afs soic ? tape & reel, pb free commercial asm3p2814af ? 08st 3p2814afs soic ? tube, pb free commercial asm3p2814af ? 08tr 3p2814aft tssop ? tape & reel, pb free commercial asm3p2814af ? 08tt 3p2814aft tssop ? tube, pb free commercial asm3p2814bf ? 08sr 3p2814bfs soic ? tape & reel, pb free commercial asm3p2814bf ? 08st 3p2814bfs soic ? tube, pb free commercial asm3p2814bf ? 08tr 3p2814bft tssop ? tape & reel, pb free commercial asm3p2814bf ? 08tt 3p2814bft tssop ? tube, pb free commercial asm3i2811af ? 08sr 3i2811afs soic ? tape & reel, pb free industrial asm3i2811af ? 08st 3i2811afs soic ? tube, pb free industrial asm3i2811af ? 08tr 3i2811aft tssop ? tape & reel, pb free industrial asm3i2811af ? 08tt 3i2811aft tssop ? tube, pb free industrial asm3i2811bf ? 08sr 3i2811bfs soic ? tape & reel, pb free industrial asm3i2811bf ? 08st 3i2811bfs soic ? tube, pb free industrial asm3i2811bf ? 08tr 3i2811bft tssop ? tape & reel, pb free industrial asm3i2811bf ? 08tt 3i2811bft tssop ? tube, pb free industrial asm3i2812af ? 08sr 3i2812afs soic ? tape & reel, pb free industrial asm3i2812af ? 08st 3i2812afs soic ? tube, pb free industrial asm3i2812af ? 08tr 3i2812aft tssop ? tape & reel, pb free industrial asm3i2812af ? 08tt 3i2812aft tssop ? tube, pb free industrial asm3i2812bf ? 08sr 3i2812bfs soic ? tape & reel, pb free industrial asm3i2812bf ? 08st 3i2812bfs soic ? tube, pb free industrial asm3i2812bf ? 08tr 3i2812bft tssop ? tape & reel, pb free industrial asm3i2812bf ? 08tt 3i2812bft tssop ? tube, pb free industrial asm3i2814af ? 08sr 3i2814afs soic ? tape & reel, pb free industrial asm3i2814af ? 08st 3i2814afs soic ? tube, pb free industrial
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 8 table 8. ordering information (continued) part number temperature package type marking asm3i2814af ? 08tr 3i2814aft tssop ? tape & reel, pb free industrial asm3i2814af ? 08tt 3i2814aft tssop ? tube, pb free industrial asm3i2814bf ? 08sr 3i2814bfs soic ? tape & reel, pb free industrial asm3i2814bf ? 08st 3i2814bfs soic ? tube, pb free industrial asm3i2814bf ? 08tr 3i2814bft tssop ? tape & reel, pb free industrial asm3i2814bf ? 08tt 3i2814bft tssop ? tube, pb free industrial asm3p2811ag ? 08sr 3p2811ags soic ? tape & reel, green commercial asm3p2811ag ? 08st 3p2811ags soic ? tube, green commercial asm3p2811ag ? 08tr 3p2811agt tssop ? tape & reel, green commercial asm3p2811ag ? 08tt 3p2811agt tssop ? tube, green commercial ASM3P2811Bg ? 08sr 3p2811bgs soic ? tape & reel, green commercial ASM3P2811Bg ? 08st 3p2811bgs soic ? tube, green commercial ASM3P2811Bg ? 08tr 3p2811bgt tssop ? tape & reel, green commercial ASM3P2811Bg ? 08tt 3p2811bgt tssop ? tube, green commercial asm3p2812ag ? 08sr 3p2812ags soic ? tape & reel, green commercial asm3p2812ag ? 08st 3p2812ags soic ? tube, green commercial asm3p2812ag ? 08tr 3p2812agt tssop ? tape & reel, green commercial asm3p2812ag ? 08tt 3p2812agt tssop ? tube, green commercial asm3p2812bg ? 08sr 3p2812bgs soic ? tape & reel, green commercial asm3p2812bg ? 08st 3p2812bgs soic ? tube, green commercial asm3p2812bg ? 08tr 3p2812bgt tssop ? tape & reel, green commercial asm3p2812bg ? 08tt 3p2812bgt tssop ? tube, green commercial asm3p2814ag ? 08sr 3p2814ags soic ? tape & reel, green commercial asm3p2814ag ? 08st 3p2814ags soic ? tube, green commercial asm3p2814ag ? 08tr 3p2814agt tssop ? tape & reel, green commercial asm3p2814ag ? 08tt 3p2814agt tssop ? tube, green commercial asm3p2814bg ? 08sr 3p2814bgs soic ? tape & reel, green commercial asm3p2814bg ? 08st 3p2814bgs soic ? tube, green commercial asm3p2814bg ? 08tr 3p2814bgt tssop ? tape & reel, green commercial asm3p2814bg ? 08tt 3p2814bgt tssop ? tube, green commercial asm3i2811ag ? 08sr 3i2811ags soic ? tape & reel, green industrial asm3i2811ag ? 08st 3i2811ags soic ? tube, green industrial asm3i2811ag ? 08tr 3i2811agt tssop ? tape & reel, green industrial asm3i2811ag ? 08tt 3i2811agt tssop ? tube, green industrial asm3i2811bg ? 08sr 3i2811bgs soic ? tape & reel, green industrial asm3i2811bg ? 08st 3i2811bgs soic ? tube, green industrial asm3i2811bg ? 08tr 3i2811bgt tssop ? tape & reel, green industrial asm3i2811bg ? 08tt 3i2811bgt tssop ? tube, green industrial asm3i2812ag ? 08sr 3i2812ags soic ? tape & reel, green industrial asm3i2812ag ? 08st 3i2812ags soic ? tube, green industrial asm3i2812ag ? 08tr 3i2812agt tssop ? tape & reel, green industrial asm3i2812ag ? 08tt 3i2812agt tssop ? tube, green industrial
asm3p2811a/b, asm3p2812a/b, asm3p2814a/b http://onsemi.com 9 table 8. ordering information (continued) part number temperature package type marking asm3i2812bg ? 08sr 3i2812bgs soic ? tape & reel, green industrial asm3i2812bg ? 08st 3i2812bgs soic ? tube, green industrial asm3i2812bg ? 08tr 3i2812bgt tssop ? tape & reel, green industrial asm3i2812bg ? 08tt 3i2812bgt tssop ? tube, green industrial asm3i2814ag ? 08sr 3i2814ags soic ? tape & reel, green industrial asm3i2814ag ? 08st 3i2814ags soic ? tube, green industrial asm3i2814ag ? 08tr 3i2814agt tssop ? tape & reel, green industrial asm3i2814ag ? 08tt 3i2814agt tssop ? tube, green industrial asm3i2814bg ? 08sr 3i2814bgs soic ? tape & reel, green industrial asm3i2814bg ? 08st 3i2814bgs soic ? tube, green industrial asm3i2814bg ? 08tr 3i2814bgt tssop ? tape & reel, green industrial asm3i2814bg ? 08tt 3i2814bgt tssop ? tube, green industrial on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. asm3p2811a/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of ASM3P2811B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X