Part Number Hot Search : 
UZ8113 IRFS4 BR200 60200 MA2SV05 MB3505 01800 MBR2045
Product Description
Full Text Search
 

To Download AMSRW-7824L-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series amsrw-78-nz up to 12 watt | dc-dc switching regulator www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.b 1 of 3 north america only features: ? 3 pin sip package ? ? pin-out compatible with lm78xx linear regulators ? ? short circuit protection ? ? non-isolated regulated outputs ? soft start ? models single output model input voltage (v) output voltage (v) output current max (ma) efficiency vin min (%) efficiency vin max (%) amsrw-783.3-nz 9 ~ 72 3.3 500 82 75 amsrw-7805-nz 9 ~ 72 5 500 87 81 amsrw-786.5-nz 9 ~ 72 6.5 500 91 84 amsrw-7812-nz 17 ~ 72 12 500 93 89 amsrw-7824-nz 36 ~ 72 24 500 95 91 90 degree angle pins version (l) amsrw-783.3l-nz 9 ~ 72 3.3 500 82 75 amsrw-7805l-nz 9 ~ 72 5 500 87 81 amsrw-7812l-nz 17 ~ 72 12 500 93 89 amsrw-7815l-nz 20 ~ 72 15 500 94 90 AMSRW-7824L-NZ 36 ~ 72 24 500 95 91 input specifications input specifications nominal typical maximum units voltage range see the table above vdc quiescent current vin= nom, min load 1 5 ma short circuit consumption vin = nominal 0.72 1.2 w output specifications output specifications conditions typical maximum units voltage accuracy 100% load 2 3 % short circuit protection continuous. short circuit restart auto recovery output current limit 1.2 a dynamic load stability 10-100% load, 1 / 1.5ms 100 mv line voltage regulation vin=(ll-hl) at full load 0.4 1 % load voltage regulation 10-100% load 0.3 0.6 % temperature coefficient -40c to +85c ambient 0.015 %/ o c ripple & noise 20mhz bandwidth (10-100% load) 60 mv p-p maximum capacitive load 100 f general specifications input specifications conditions minimum maximum units switching frequency 100% load 120 800 khz operating temperature with derating above 71c -40 to +85 o c storage temperature -55 to +125 o c max case temperature 100 o c cooling free air convection humidity 95 % click on series name for product info on aimtec.com
series amsrw-78-nz up to 12 watt | dc-dc switching regulator www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.b 2 of 3 north america only general specifications (continued) input specifications conditions minimum maximum units case material non-conductive black plastic (ul94v-0 rated) weight 4 g dimensions (l x w x h) 0.45 x 0.35 x 0.69 inch 11.50 x 9.00 x 17.50 mm mtbf > 3 500 000hrs (mil-hdbk-217f , ground benign, t=+25c) soldering temperature 1.5 mm from case for 10 sec 300 o c note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications pin single 1 +vin 2 gnd 3 +vout dimensions footprint dimensions are typical values: mm (inch) general tolerance: 0.25 ( 0.01) pin tolerance: 0.1 ( 0.004) div: 2.54 (0.1) 2.54 (0.10) 2.54 (0.10) ? 1.0 +0.15/-0 (? 0.04 + 0.006/-0
series amsrw-78-nz up to 12 watt | dc-dc switching regulator www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.b 3 of 3 north america only typical application circuit abrupt low to high inputs may damage the regulator. c1 capacitor is required to filter potentially damaging voltage spikes if h igh voltage is applied. typical value is (47f / 100v). note: this part is not designed for parallel operation. recommended circuits conducted and radiated emissions note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com. free air convection -40 -20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c 71 c o derating


▲Up To Search▲   

 
Price & Availability of AMSRW-7824L-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X