Part Number Hot Search : 
RCM2030R 2SC3138 AMC102 EDC15 56160 2405D SMW02 MSZ522
Product Description
Full Text Search
 

To Download ADA1108R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features 8 diode array soic 16 pin surface mount package ul 94v-0 flammability classification mechanical molded soic 16 pin weight: 0.128 grams (approximate) marking: logo, device number, date code pin #1 defined by dot on top of package maximum ratings operating temperatures: -55 0 c to +150 0 c storage temperature: -55 0 c to +150 0 c forward surge current: 2.0 amps (8.3 ms) minimum breakdown voltage v (br) : 90v working peak reverse voltage v rwm : 75v continuous forward current i f : 40 ma power dissipation (p d ): 500 mw derating factor: 4.0 mw/ c packaging tape & reel eia standard 481 13 inch reel 2,500 pieces (optional) carrier tube 50 pcs per (standard) electrical characteristics @ 25 0 c unless otherwise specified v (br) @100a v v rwm v i r + 25oc a i r +150oc a cap @0v pf t rr ( ns) v f @if = 10ma v v f @if = 100ma v part number min max max @ v r max @ v r max max max max ADA1108R 90 75 . 10 0 20 50 20 4.0 5.0 1.00 1.20 ADA1108R switching diode array circuit diagram b p g d c j l a american microsemiconductor inc. p. 0. box 104 madison, new jersey 07940 u. s. a. http://www.americanmicrosemi.com phone: (973) 377-9566 fax: (973) 377-3078 email:sales@americanmicrosemi.com


▲Up To Search▲   

 
Price & Availability of ADA1108R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X