Part Number Hot Search : 
SEL4226C FR102 C2500 M54564 BU2727 A2000 9N03L BUK75
Product Description
Full Text Search
 

To Download 74LVC2G125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74 lvc2 g 125 document number: ds37932 rev. 1 - 2 1 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 dual buffer gate with 3 - state outputs description the 74LVC2G125 is a dual buffer gate with 3 - state outputs. the devic e is designed for operation over a power supply range of 1.65v to 5.5v . the device is fully specified for partial power down applications using i off . the i off circuitry disables the output , preventing damaging current backflow when the device is powered down. features ? wide supply voltage range from 1.65 to 5.5v ? 24ma output drive at 3.3v ? cmos l ow p ower c onsumption ? i off supp orts partial - power - down mode operation ? inputs accept up to 5.5v ? schmitt trigger action at all inputs makes the circuit tolerant for slower input rise and fall time s . the hysteresis is typically 100 mv at v cc = 3.0v. ? esd protection exceeds jesd 22 ? 2000 - v hum an body model (a114) ? exceeds 1000 - v charged device model (c101) ? totally lead - free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) pin assignments x 2 - dfn2010 - 8 x2 - dfn1410 - 8 x2 - dfn1210 - 8 applications ? voltage level shifting ? general purpo se logic ? power down signal isolation ? wide array of products s uch as: ? pcs, n etworking, n otebooks, n etbooks, pdas ? tablet computers, e - readers ? computer p eripherals, h ard d rives, cd/dvd rom s ? tv s , dvd s , dvr s , s et t op b ox es ? cell phones, personal navigation / gp s ? mp3 p layers , cameras, video recorders notes: 1 . no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated s definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, < 900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 1 o e 1 a 2 y g n d 2 a 1 y v c c 1 2 3 4 5 6 7 8 ( t o p v i e w ) 2 o e
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 2 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 ordering information (note 4) 74lvc2g 125 xxx - 7 logic device function package packing 74 : logic prefix 125 : 3 - state buffer hd4 : x 2 - dfn2010 - 8 - 7 : 7 tape & reel lvc : 1.65 v to 5.5 v oe - low hk3 : x2 - dfn1410 - 8 logic family ra3 : x2 - dfn1210 - 8 2g : dual gate device package code package (note 5 ) package size 7 tape and reel (note 6) quantity part number suffix 74 lvc2g125 hd4 - 7 hd4 x 2 - dfn2010 - 8 1 . 95 mm x 1 .0mm x 0.4 mm 0. 5 mm lead pitch 5 , 000/tape & ree l - 7 74 lvc2g125hk3 - 7 hk3 x2 - dfn1410 - 8 1 . 35 mm x 1 .0mm x 0.35 mm 0. 4 mm lead pitch 5 , 000/tape & ree l - 7 74 lvc2g125 ra3 - 7 ra3 x2 - dfn1210 - 8 1 . 2 mm x 1 .0mm x 0.35 mm 0. 3 mm lead pitch 5 , 000/tape & ree l - 7 notes: 4. for packaging details, go to our website at http://www.diodes.com/products/packages.html . 5. pad layout as shown i n diodes inc orporateds package outlin e pdfs , which can be found on our website at http://www.diodes.com/package - outlines.html . 6 . the tapi ng orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf . pin description s pin name pin no . description 1 1 output enable for buffer 1 1a 2 data input 2y 3 data output gnd 4 ground 2a 5 data inp ut 1y 6 data output 2 7 output enable for buffer 2 v cc 8 supply voltage logic diagram function table inputs output a y l h h l l l h x z oe 1 2 6 1 a 1 o e 1 y 7 5 3 2 a 2 o e 2 y oe
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 3 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 absolute maximum ratings (no tes 7 & 8 ) symbol description rating unit esd hbm human body model esd protection 2 k v esd cdm charged device model esd protection 1 k v v cc supply voltage - 0.5 to +6.5 v v i input voltage - 0.5 to +6.5 v v o output voltage - active mode - 0.5 to v cc +0 .5 v output voltage power down mode - 0.5 to +6.5 v i ik input clamp current v i <0 - 50 ma i ok output clamp current ( v o < 0 or v o > vcc ) 5 0 ma i o continuous output c urrent ( v o = 0 to v cc ) 5 0 ma i cc continuous current t hrough v cc 10 0 ma i gnd contin uous current t hrough gnd - 100 ma t j operating junction temperature - 40 to + 150 c t stg storage temperature - 65 to + 150 c note s : 7 . stresses beyond the absolute maximum may result in immediate failure or reduced reliability. these are stress values and device operation should be within recommend values. 8 . forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could cause a condition exceeding the maximum voltage. the ratings of both current and voltage must be maintained within the controlled range. recommended operating conditions (note 9 ) symbol parameter min max unit v cc operating voltage operating 1.65 5.5 v data r etention only 1.5 v i input voltage 0 5. 5 v v o output voltage active mode 0 v cc v output voltage power - d own mode 0 5.5 i oh high - level output c urrent v cc = 1.65 v - 4 ma v cc = 2.3 v - 8 v cc = 2.7 v - 12 v cc = 3.0 v - 16 - 24 v cc = 4.5 v - 32 i ol low - level output c urren t v cc = 1.65 v 4 ma v cc = 2.3 v 8 v cc = 2.7 v 12 v cc = 3.0 v 16 24 v cc = 4.5 v 32 t/v input transition rise or fall r ate v cc = 1.65v to 2.7 v 20 ns/v v cc = 2.7v to 5.5 v 1 0 t a operating free - air t emperature - 40 + 125 c note : 9 . unused inputs should be held at v cc or ground.
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 4 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 electrical characteristics (all typical values are at t a = + 25c ) symbol parameter test conditions v cc - 40c to +85 c - 40c to +125 c unit min typ. max min max v ih high - level input voltage v cc = 1.65v to 1.95v 0.65 x v cc 0.65 x v cc v v cc = 2.3v to 2.7v 1.7 1.7 v cc = 2.7v to 3.6v 2 .0 2 .0 v cc = 4.5v to 5.5v 0.7 x v cc 0.7 x v cc v il low - level input v oltage v cc = 1.65v to 1.95v 0.35 x v cc 0.35 x v cc v v cc = 2.3v to 2.7v 0.7 0.7 v cc = 2.7v to 3.6v 0.8 0.8 v cc = 4.5v to 5.5v 0.3 x v cc 0.3 x v cc v oh high - level output voltage i oh = - 100a 1.65v to 5.5v v cc C 0.1 vcc v cc C 0.1 v i oh = - 4ma 1.65v 1.2 1.53 0.95 i oh = - 8ma 2.3v 1.9 2.13 1.7 i oh = - 12ma 2.7 2.2 2.5 1.9 i oh = - 16ma 3v 2.4 2.7 2 .2 i oh = - 24ma 2.3 2.6 2.0 i oh = - 32ma 4.5v 3.8 4.1 3.4 v ol low - level output voltage i ol = 100a 1.65v to 5.5v 0 0.1 0.1 v i ol = 4ma 1.65v 0. 0 8 0.45 0.7 i ol = 8ma 2.3v 0.14 0.3 0.45 i ol = 12ma 2.7v 0.19 0.4 0 .6 i ol = 16ma 3v 0.25 0.4 0.6 i ol = 24ma 0.37 0.55 0.8 i ol = 32ma 4.5 v 0.43 0.55 0.8 i i input current v i = 5.5v or gnd 0 v to 5.5v 0.1 5 20 a i oz z - state leakage current v i = v ih or v il v o = 5.5v or gnd 3.6v 0.1 10 20 a i off power down leakage current v i or v o = 5.5v 0v 0.1 10 20 a i cc supply current v i = 5.5v or gnd i o =0 a 1.65v to 5.5v 0.1 10 40 a i cc additional supply current one input at v cc C 0.6v other inputs at v cc or gnd 2.3 v t o 5.5v 5 500 5 , 000 a c i input capacitance v i = v cc or gnd 3.3v 2.5 pf
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 5 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 operating characteristics parameter test conditions v cc = 1.8v v cc = 2.5v v cc = 3.3v v cc = 5v unit typ. typ. typ. typ. c pd power dissipation c apacitan ce f = 1 0 mhz output enabled 17 17 17 17 pf f = 10 mhz output disabled 5 5 5 5 pf package characteristics symbol parameter package test conditions min typ. max unit thermal resistance junction - to - ambient x2 - dfn2010 - 8 (note 10 ) 313 c/w x2 - dfn1410 - 8 321 x2 - dfn1210 - 8 395 thermal resistance junction - to - case x2 - dfn2010 - 8 (note 10 ) 145 c/w x2 - dfn1410 - 8 166 x2 - dfn1210 - 8 236 note: 10 . test condition for each package type : device mounted on fr - 4 subst rate pc board, 2oz copper, with minimum recommended pad layout . switching characteristics typical values at t a = +25 c and nominal voltages 1.8v, 2.5v, 2.7v, 3.3v, and 5.0v. see figure 1. parameter from input to output v cc t a = - 40 c to + 85 c t a = - 4 0 c to + 125 c unit min typ max min max t pd a y 1.8v 0.15v 1.0 3.7 9.1 1.0 11.4 ns 2.5v 0.2v 0.5 2.5 4.8 0.5 6.0 2.7v 1.0 2.7 4.8 1.0 6.0 3.3v 0.3v 0.5 2.3 4.4 0.5 5.5 5.0v 0.5v 0.5 1.9 3.7 0.5 4.6 t en y 1.8v 0.15v 1.5 4.3 9.9 1.5 12.4 ns 2.5v 0.2v 1.0 2.8 5.6 1.0 7.0 2.7v 1.5 3.3 5.7 1.5 7.1 3.3v 0.3v 0.5 2.4 5.0 0.5 5.9 5.0v 0.5v 0.5 2.0 3.8 0.5 4.8 t dis y 1.8v 0.15v 1.0 3.5 11 .6 1.0 14.1 ns 2.5v 0.2v 0.5 1.8 5.8 0.5 7.6 2.7v 1.0 2.7 4.8 1.0 6.2 3.3v 0.3v 1.0 2.7 4.6 1.0 5.9 5.0v 0.5v 0.5 1.8 3.4 0.5 4.6 oe
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 6 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 parameter measurement information test s1 t plh /t phl open t plz /t pzl v load t phz /t pzh gnd v cc inputs v m v load c l r l v? v i t r /t f 1.8v0.15v v cc 2ns cc /2 2 x v cc 30pf 1 k cc 2ns cc /2 2 x v cc 30pf 500 2.5ns 500 2.5ns 500 cc 2.5ns cc /2 2 x v cc 50pf 500 voltage waveform pulse duration voltage waveform enable and disable times low and high level enabling voltage wavefor m propagation delay times inverting and non inverting outputs figure 1. load circuit and voltage waveforms notes : a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10mhz . c. inputs are measu red separately one transition per measurement . d. t plz and t phz are the same as t dis . e. t pzl and t pzh are the same as t en . f. t plh and t phl are the same as t pd . r l r l c l ( s e e n o t e a ) f r o m o u t p u t u n d e r t e s t v l o a d o p e n g n d s 1 i n p u t t w v m v m v l 0 v o u t p u t c o n t r o l v m v m v l 0 v t p z l t p z h v m v l o a d / 2 v m t p h z v o h v o l v o h - v o u t p u t w a v e f o r m 1 s 1 a t v l o a d ( s e e n o t e b ) v o l + v o u t p u t w a v e f o r m 2 s 1 a t g n d ( s e e n o t e b ) t p l z 0 v i n p u t v m v m v l 0 v t p h l t p l h t p h l v m v m v m t p l h v o h v o l v o h v o l o u t p u t o u t p u t v m
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 7 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 marking information part number package identification code 74 lvc2 g125 hd4 - 7 x2 - dfn2010 - 8 9u 74 lvc2g125 hk3 - 7 x2 - dfn1410 - 8 9v 74 lvc2g125 ra3 - 7 x2 - dfn1210 - 8 9w y : y e a r : 0 ~ 9 ( t o p v i e w ) x : i n t e r n a l c o d e y w x x x x x : i d e n t i f i c a t i o n c o d e w : w e e k : a ~ z : 1 ~ 2 6 w e e k ; a ~ z : 2 7 ~ 5 2 w e e k ; z r e p r e s e n t s 5 2 a n d 5 3 w e e k
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 8 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 x2 - dfn1210 - 8 package outline dimensions please see h ttp://www.diodes.com/package - outlines.html for the latest version. x2 - dfn1210 - 8 x2 - dfn1210 - 8 dim min max typ a - 0.35 0.30 a1 0 0.03 0.02 b 0.10 0.20 0.15 d 1.15 1.25 1.20 e 0.95 1.05 1.00 e - - 0.30 k - - 0.25 k 1 - - 0.20 l 0.25 0.35 0.30 l1 0.30 0.40 0.35 z 0.050 0.100 0.075 z 1 0.050 0.100 0.075 all dimensions in mm suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. x2 - dfn1210 - 8 dimensions value (in mm) c 0.300 g 0.150 x 0.150 x1 1.050 y 0.500 y1 1.150 e k1 l(7x) d e z(4x) k l1 z1(4x) b (pin #1 id) c0.5x45 seating plane a a1 x1 y2 c x y g
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 9 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 x2 - dfn14 10 - 8 package outline dimensions please see http://www.diodes.com/p ackage - outlines.html for the latest version. x2 - dfn1410 - 8 x2 - dfn1410 - 8 dim min max typ a 0.30 0.35 0.33 a1 0.00 0.03 0.02 a3 -- -- 0.10 b 0.12 0.20 0.15 d 1.30 1.40 1.35 e 0.95 1.05 1.00 e -- -- 0.35 e1 -- -- 0.55 l 0.27 0.35 0.30 l1 0.32 0.40 0.35 all dimensions in mm suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. x2 - dfn1410 - 8 dimensions value (in mm) c 0.350 x 0.200 x1 1.250 y 0.600 y1 0.650 y2 1.400 1 a1 a a3 e d b l(7x) la e a e1 1 x1 y2 y y y1 x c
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 10 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 x2 - dfn2010 - 8 package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. x2 - dfn2010 - 8 x2 - dfn2010 - 8 dim min max typ a -- 0.40 -- a1 0.00 0.05 0.02 a3 -- -- 0.13 b 0.20 0.30 0.25 d 1.950 2.05 2.00 e 0.95 1.05 1.00 e -- -- 0.50 l 0.30 0.40 0.35 z -- -- 0.125 all dimensions in mm suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. x2 - dfn20 10 - 8 dimensions value (in mm) c 0.500 x 0.300 x1 1.800 y 0.600 y1 1.400 d e e b l a a3 seating plane z(4x) a1 r0.075 x1 y1 x c y
74 lvc2 g 125 document number: ds37932 rev. 1 - 2 11 of 11 www.diodes.com june 2016 ? diodes incorporated 74LVC2G125 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. di odes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companie s whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should custom ers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify an d hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of , directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, internatio nal or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or system s without the express written approval of the chie f executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in ac cordance with instruction s for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasona bly expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithsta nding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorpora ted and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 20 1 6 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVC2G125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X