Part Number Hot Search : 
CR18W 2100D 015020 39040 BD7996 MTP5P25 T15M256B GUF30A
Product Description
Full Text Search
 

To Download 74AUP2G157GN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74aup2g157 is a single 2-input multiplexe r which select data from two data inputs (i0 and i1) under control of a common data select input (s). the state of the common data select input determines the particular register from which the data comes. the output (y, y ) presents the selected data in the true (non-inverted) and complement form. the enable input (e ) is active low. when e is high, the output y is forced low and the output y is forced high regardless of all other input conditions. schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 0.8 v to 3.6 v. this device ensures a very low static and dynamic power consumption across the entire v cc range from 0.8 v to 3.6 v. this device is fully specified for pa rtial power-down ap plications using i off . the i off circuitry disables the output, preventin g the damaging backflow current through the device when it is powered down. 2. features and benefits ? wide supply voltage range from 0.8 v to 3.6 v ? high noise immunity ? complies with jedec standards: ? jesd8-12 (0.8 v to 1.3 v) ? jesd8-11 (0.9 v to 1.65 v) ? jesd8-7 (1.2 v to 1.95 v) ? jesd8-5 (1.8 v to 2.7 v) ? jesd8-b (2.7 v to 3.6 v) ? esd protection: ? hbm jesd22-a114f class 3a exceeds 5000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? low static power consumption; i cc = 0.9 ? a (maximum) ? latch-up performance exceeds 100 ma per jesd 78 class ii ? inputs accept voltages up to 3.6 v ? low noise overshoot and undershoot < 10 % of v cc ? i off circuitry provides partial power-down mode operation ? multiple package options ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c 74aup2g157 low-power 2-input multiplexer rev. 7 ? 18 january 2013 product data sheet
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 2 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74aup2g157dc ? 40 ? c to +125 ? c vssop8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 74aup2g157gt ? 40 ? c to +125 ? c xson8 plastic extremely thin sm all outline package; no leads; 8 terminals; body 1 ? 1.95 ? 0.5 mm sot833-1 74aup2g157gf ? 40 ? c to +125 ? c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 ? 1 ? 0.5 mm sot1089 74aup2g157gd ? 40 ? c to +125 ? c xson8 plastic extremely thin sm all outline package; no leads; 8 terminals; body 3 ? 2 ? 0.5 mm sot996-2 74aup2g157gm ? 40 ? c to +125 ? c xqfn8 plastic, extremely thin quad flat package; no leads; 8 terminals; body 1.6 ? 1.6 ? 0.5 mm sot902-2 74AUP2G157GN ? 40 ? c to +125 ? c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.2 ? 1.0 ? 0.35 mm sot1116 74aup2g157gs ? 40 ? c to +125 ? c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 ? 1.0 ? 0.35 mm sot1203 table 2. marking codes type number marking code [1] 74aup2g157dc a2p 74aup2g157gt a2p 74aup2g157gf ap 74aup2g157gd a2p 74aup2g157gm a2p 74AUP2G157GN ap 74aup2g157gs ap fig 1. logic symbol fig 2. iec logic symbol 001aah769 i0 i1 y s e y 001aah770 en 1 1 mux g1
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 3 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 6. pinning information 6.1 pinning fig 3. logic diagram fig 4. functional diagram 001aaf511 multiplexer output selector se 6 1 2 y y i0 i1 5 3 7 001aaf512 s e y y i1 i0 fig 5. pin configuration sot765-1 fig 6. pin configuration sot833-1, sot1089, sot1116 and sot1203 74aup2g157 i0 v cc i1 e ys gnd y 001aaf513 1 2 3 4 6 5 8 7 74aup2g157 s e v cc y y i1 i0 gnd 001aaf514 36 27 18 45 transparent top view
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 4 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level; x = don?t care. fig 7. pin configuration sot996-2 f ig 8. pin configuration sot902-2 001aai369 74aup2g157 transparent top view 8 7 6 5 1 2 3 4 i0 i1 y gnd v cc e s y 001aaf515 i1 s i0 v cc y e gnd y transparent top view 3 6 4 1 5 8 7 2 terminal 1 index area 74aup2g157 table 3. pin description symbol pin description sot765-1, sot8 33-1, sot1089, sot996-2, sot1116 and sot1203 sot902-2 i0 1 7 data input from source 0 i1 2 6 data input from source 1 y 3 5 complement multiplexer output gnd 4 4 ground (0 v) y 5 3 true multiplexer output s 6 2 data select input e 7 1 enable input (active low) v cc 8 8 supply voltage table 4. function table [1] input output e s i0 i1 y y hxxxl h lllxlh llhxhl lhxllh l hxhhl
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 5 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 8. limiting values [1] the minimum input and output voltage ratings may be exceed ed if the input and output current ratings are observed. [2] for vssop8 packages: above 110 ? c the value of p tot derates linearly with 8.0 mw/k. for xson8 and xqfn8 packages: above 118 ? c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions 10. static characteristics table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +4.6 v i ok output clamping current v o <0v ? 50 - ma v o output voltage active mode and power-down mode [1] ? 0.5 +4.6 v i o output current v o =0 vtov cc - ? 20 ma i cc supply current - 50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ? c [2] -2 5 0m w table 6. operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage active mode 0 v cc v power-down mode; v cc =0v 0 3.6 v t amb ambient temperature ? 40 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 0.8 v to 3.6 v 0 200 ns/v table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 ?c v ih high-level input voltage v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 6 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.75 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.11 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.32 - - v i o = ? 2.3 ma; v cc = 2.3 v 2.05 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.9 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.72 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.6 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.1 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.2 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.2 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --0 . 5 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v [1] --4 0 ? a c i input capacitance v cc = 0 v to 3.6 v; v i = gnd or v cc -0 . 6-p f c o output capacitance v o = gnd; v cc = 0 v - 1.3 - pf t amb = ? 40 ?c to +85 ?c v ih high-level input voltage v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 7 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.7 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.03 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.30 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.97 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.85 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.67 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.55 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.5 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.5 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.6 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --0 . 9 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v [1] --5 0 ? a t amb = ? 40 ? c to +125 ?c v ih high-level input voltage v cc = 0.8 v 0.75 ? v cc -- v v cc = 0.9 v to 1.95 v 0.70 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage v cc = 0.8 v - - 0.25 ? v cc v v cc = 0.9 v to 1.95 v - - 0.30 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 8 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer [1] one input at v cc ? 0.6 v, other input at v cc or gnd. v oh high-level output voltage v i = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.11 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.6 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 0.93 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.17 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.77 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.67 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.40 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.30 - - v v ol low-level output voltage v i = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v i i input leakage current v i = gnd to 3.6 v; v cc = 0 v to 3.6 v - - ? 0.75 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v - - ? 0.75 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v -- ? 0.75 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; v cc = 0.8 v to 3.6 v --1 . 4 ? a ? i cc additional supply current v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v [1] --7 5 ? a table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 9 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 11. dynamic characteristics table 8. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 11 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c) c l = 5 pf t pd propagation delay i0, i1 to y, y ; see figure 9 [2] v cc = 0.8 v - 21.2 - - - - ns v cc = 1.1 v to 1.3 v 2.5 6.1 13.3 2.2 13.8 13.9 ns v cc = 1.4 v to 1.6 v 1.9 4.2 7.8 2.0 8.4 8.8 ns v cc = 1.65 v to 1.95 v 1.7 3.4 6.2 1.6 6.9 7.3 ns v cc = 2.3 v to 2.7 v 1.5 2.7 4.3 1.2 4.9 5.2 ns v cc = 3.0 v to 3.6 v 1.3 2.4 3.7 1.0 4.0 4.2 ns stoy,y ; see figure 9 [2] v cc = 0.8 v - 23.6 - - - - ns v cc = 1.1 v to 1.3 v 2.6 6.6 13.8 2.2 14.3 14.5 ns v cc = 1.4 v to 1.6 v 1.9 4.5 8.0 2.1 8.7 9.1 ns v cc = 1.65 v to 1.95 v 1.7 3.6 6.3 1.6 7.0 7.4 ns v cc = 2.3 v to 2.7 v 1.6 2.8 4.4 1.2 5.0 5.3 ns v cc = 3.0 v to 3.6 v 1.3 2.5 3.7 1.0 4.0 4.2 ns e to y, y ; see figure 10 [2] v cc = 0.8 v - 22.6 - - - - ns v cc = 1.1 v to 1.3 v 2.7 6.4 13.7 2.5 14.3 14.5 ns v cc = 1.4 v to 1.6 v 2.1 4.4 8.0 2.1 8.7 9.1 ns v cc = 1.65 v to 1.95 v 1.8 3.6 6.3 1.6 7.0 7.4 ns v cc = 2.3 v to 2.7 v 1.6 2.8 4.2 1.4 4.8 5.1 ns v cc = 3.0 v to 3.6 v 1.4 2.5 3.6 1.1 3.9 4.2 ns
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 10 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer c l = 10 pf t pd propagation delay i0, i1 to y, y ; see figure 9 [2] v cc = 0.8 v - 24.5 - - - - ns v cc = 1.1 v to 1.3 v 2.9 6.9 15.1 2.5 15.6 15.8 ns v cc = 1.4 v to 1.6 v 2.2 4.8 8.9 2.4 9.6 10.0 ns v cc = 1.65 v to 1.95 v 2.1 4.0 7.1 1.9 7.9 8.3 ns v cc = 2.3 v to 2.7 v 1.9 3.2 5.0 1.6 5.7 6.0 ns v cc = 3.0 v to 3.6 v 1.7 2.9 4.4 1.3 4.7 5.0 ns stoy,y ; see figure 9 [2] v cc = 0.8 v - 27.2 - - - - ns v cc = 1.1 v to 1.3 v 3.0 7.4 15.5 2.6 16.1 16.4 ns v cc = 1.4 v to 1.6 v 2.3 5.1 9.0 2.4 9.8 10.3 ns v cc = 1.65 v to 1.95 v 2.1 4.2 7.2 1.9 8.0 8.4 ns v cc = 2.3 v to 2.7 v 1.9 3.4 5.1 1.6 5.7 6.1 ns v cc = 3.0 v to 3.6 v 1.7 3.0 4.4 1.4 4.7 5.0 ns e to y, y ; see figure 10 [2] v cc = 0.8 v - 25.9 - - - - ns v cc = 1.1 v to 1.3 v 3.1 7.2 15.5 2.8 16.1 16.4 ns v cc = 1.4 v to 1.6 v 2.5 5.0 9.0 2.4 9.8 10.3 ns v cc = 1.65 v to 1.95 v 2.2 4.1 7.1 1.9 8.0 8.4 ns v cc = 2.3 v to 2.7 v 1.9 3.3 4.9 1.7 5.5 5.9 ns v cc = 3.0 v to 3.6 v 1.7 3.0 4.2 1.5 4.6 4.8 ns table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 11 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c)
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 11 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer c l = 15 pf t pd propagation delay i0, i1 to y, y ; see figure 9 [2] v cc = 0.8 v - 27.8 - - - - ns v cc = 1.1 v to 1.3 v 3.3 7.7 16.8 2.8 17.4 17.6 ns v cc = 1.4 v to 1.6 v 2.5 5.4 9.8 2.7 10.6 11.2 ns v cc = 1.65 v to 1.95 v 2.4 4.4 7.8 2.2 8.7 9.2 ns v cc = 2.3 v to 2.7 v 2.2 3.7 5.6 1.9 6.4 6.7 ns v cc = 3.0 v to 3.6 v 2.0 3.4 4.9 1.6 5.3 5.6 ns stoy,y ; see figure 9 [2] v cc = 0.8 v - 30.7 - - - - ns v cc = 1.1 v to 1.3 v 3.3 8.2 17.2 2.9 17.9 18.2 ns v cc = 1.4 v to 1.6 v 2.6 5.7 10.0 2.7 10.9 11.4 ns v cc = 1.65 v to 1.95 v 2.4 4.7 7.9 2.2 8.9 9.4 ns v cc = 2.3 v to 2.7 v 2.2 3.8 5.7 1.9 6.5 6.8 ns v cc = 3.0 v to 3.6 v 2.0 3.5 5.0 1.6 5.4 5.7 ns e to y, y ; see figure 10 [2] v cc = 0.8 v - 29.1 - - - - ns v cc = 1.1 v to 1.3 v 3.5 8.0 17.2 3.1 17.9 18.2 ns v cc = 1.4 v to 1.6 v 2.8 5.6 9.9 2.7 10.9 11.4 ns v cc = 1.65 v to 1.95 v 2.4 4.6 7.9 2.2 8.9 9.4 ns v cc = 2.3 v to 2.7 v 2.2 3.8 5.5 2.0 6.2 6.6 ns v cc = 3.0 v to 3.6 v 2.0 3.4 4.7 1.8 5.1 5.4 ns table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 11 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c)
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 12 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer c l = 30 pf t pd propagation delay i0, i1 to y, y ; see figure 9 [2] v cc = 0.8 v - 35.4 - - - - ns v cc = 1.1 v to 1.3 v 4.3 9.8 21.6 3.7 22.5 22.8 ns v cc = 1.4 v to 1.6 v 3.3 6.9 12.4 3.4 13.6 14.4 ns v cc = 1.65 v to 1.95 v 3.1 5.7 10.0 2.8 11.3 11.9 ns v cc = 2.3 v to 2.7 v 2.9 4.8 7.2 2.6 8.2 8.7 ns v cc = 3.0 v to 3.6 v 2.8 4.4 6.4 2.3 6.9 7.3 ns stoy,y ; see figure 9 [2] v cc = 0.8 v - 38.8 - - - - ns v cc = 1.1 v to 1.3 v 4.4 10.5 22.0 3.7 23.0 23.4 ns v cc = 1.4 v to 1.6 v 3.3 7.2 12.6 3.5 13.9 14.6 ns v cc = 1.65 v to 1.95 v 3.1 5.9 10.1 2.8 11.4 12.0 ns v cc = 2.3 v to 2.7 v 2.9 4.9 7.3 2.6 8.3 8.7 ns v cc = 3.0 v to 3.6 v 2.7 4.5 6.4 2.3 6.9 7.3 ns e to y, y ; see figure 10 [2] v cc = 0.8 v - 36.8 - - - - ns v cc = 1.1 v to 1.3 v 4.4 10.1 22.1 3.9 23.0 23.4 ns v cc = 1.4 v to 1.6 v 3.6 7.1 12.6 3.5 13.8 14.6 ns v cc = 1.65 v to 1.95 v 3.1 5.8 10.0 2.8 11.3 12.0 ns v cc = 2.3 v to 2.7 v 2.9 4.9 7.1 2.7 8.0 8.5 ns v cc = 3.0 v to 3.6 v 2.7 4.5 6.2 2.4 6.7 7.0 ns table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 11 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c)
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 13 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl [3] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of the outputs. 12. waveforms c l = 5 pf, 10 pf, 15 pf and 30 pf c pd power dissipation capacitance f i = 1 mhz; v i =gndtov cc [3] v cc = 0.8 v - 5.2 - - - - pf v cc = 1.1 v to 1.3 v - 5.5 - - - - pf v cc = 1.4 v to 1.6 v - 5.7 - - - - pf v cc = 1.65 v to 1.95 v - 6.0 - - - - pf v cc = 2.3 v to 2.7 v - 6.9 - - - - pf v cc = 3.0 v to 3.6 v - 7.9 - - - - pf table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 11 . symbol parameter conditions t amb = 25 ?c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c) measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 9. the data inputs (i0, i1) and da ta select input (s) to output (y, y ) propagation delays 001aaf516 v i gnd i0, i1, s input v oh v ol y output v oh v ol y output v m t phl t plh t plh t phl v m v m
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 14 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer [1] for measuring enable and disable times r l = 5 k ? , for measuring propagation delays, setup and hold times and pulse width r l = 1 m ? . measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage levels that occur with the output load. fig 10. the enable input (e ) to output (y, y ) propagation delays 001aaf517 v i gnd v oh v ol y output v oh v ol v m t phl t plh t plh t phl v m v m y output e input table 9. measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 ? v cc 0.5 ? v cc v cc ? 3.0 ns test data is given in table 10 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 11. test circuit for measuring switching times 001aac521 dut r t v i v o v ext v cc r l 5 k c l g table 10. test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k ? or 1 m ? open gnd 2 ? v cc
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 15 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 13. package outline fig 12. package outline sot765-1 (vssop8) unit a 1 a max. a 2 a 3 b p lh e l p wy v ce d (1) e (2) z (1) references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.85 0.60 0.27 0.17 0.23 0.08 2.1 1.9 2.4 2.2 0.5 3.2 3.0 0.4 0.1 8 0 0.13 0.1 0.2 0.4 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.40 0.15 q 0.21 0.19 sot765-1 mo-187 02-06-07 w m b p d z e 0.12 14 8 5 a 2 a 1 q l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale vssop8: plastic very thin shrink small outline package; 8 leads; body width 2.3 mm sot765-1 1 pin 1 index
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 16 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 13. package outline sot833-1 (xson8) terminal 1 index area references outline version european projection issue date iec jedec jeita sot833-1 - - - mo-252 - - - sot833-1 07-11-14 07-12-07 dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 2.0 1.9 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.50.6 a (1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 (2) 4 (2) a
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 17 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 14. package outline sot1089 (xson8) references outline version european projection issue date iec jedec jeita sot1089 mo-252 sot1089_po 10-04-09 10-04-12 unit mm max nom min 0.5 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.35 0.30 0.27 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1 x 0.5 mm sot1089 a 1 bl 1 0.40 0.35 0.32 0.20 0.15 0.12 deee 1 l 0 0.5 1 mm scale terminal 1 index area e d detail x a a 1 l l 1 b e 1 e terminal 1 index area 1 4 8 5 (4) (2) (8) (2) x
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 18 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 15. package outline sot996-2 (xson8) references outline version european projection issue date iec jedec jeita sot996-2 sot996-2_po 07-12-21 12-11-20 unit (1) mm max nom min 0.5 0.05 0.00 2.1 1.9 3.1 2.9 0.5 0.3 0.15 0.05 0.6 0.4 0.5 1.5 0.05 a dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 3 x 2 x 0.5 mm sot996-2 a 1 b 0.35 0.15 deee 1 ll 1 l 2 v 0.1 wy 0.05 y 1 0.1 0 1 2 mm scale c y c y 1 x terminal 1 index area b a d e detail x a a 1 b 14 85 e 1 e ac b v c w l 2 l 1 l
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 19 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 16. package outline sot902-2 (xqfn8) references outline version european projection issue date iec jedec jeita sot902-2 - - - mo-255 - - - sot902-2_po 10-11-02 11-03-31 unit (1) mm max nom min 0.5 0.05 0.00 1.65 1.60 1.55 1.65 1.60 1.55 0.55 0.5 0.15 0.10 0.05 0.1 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. xqfn8: plastic, extremely thin quad flat package; no leads; 8 terminals; body 1.6 x 1.6 x 0.5 mm sot902-2 a 1 b 0.25 0.20 0.15 deee 1 l 0.35 0.30 0.25 l 1 vw 0.05 yy 1 0.05 0 1 2 mm scale terminal 1 index area b a d e x c y c y 1 terminal 1 index area 3 l l 1 b e 1 e ac b v c w 2 1 5 6 7 metal area not for soldering 8 4 a 1 a detail x
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 20 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 17. package outline sot1116 (xson8) references outline version european projection issue date iec jedec jeita sot1116 sot1116_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 1.25 1.20 1.15 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson8: extremely thin small outline package; no leads; 8 terminals; body 1.2 x 1.0 x 0.35 mm sot1116 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area e d (4) (2) (8) (2) a 1 a e 1 e 1 e 1 e l l 1 b 4321 5 6 7 8
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 21 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer fig 18. package outline sot1203 (xson8) references outline version european projection issue date iec jedec jeita sot1203 sot1203_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1.0 x 0.35 mm sot1203 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area e d (4) (2) (8) (2) a a 1 e l l 1 b e 1 e 1 e 1 1 8 2 7 3 6 4 5
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 22 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 14. abbreviations 15. revision history table 11. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model table 12. revision history document id release date data sheet status change notice supersedes 74aup2g157 v.7 20130118 product data sheet - 74aup2g157 v.6 modifications: ? for type number 74aup2g157gd xson8u has changed to xson8. 74aup2g157 v.6 20120606 product data sheet - 74aup2g157 v.5 74aup2g157 v.5 20111205 product data sheet - 74aup2g157 v.4 74aup2g157 v.4 20100730 product data sheet - 74aup2g157 v.3 74aup2g157 v.3 20080702 product data sheet - 74aup2g157 v.2 74aup2g157 v.2 20080219 product data sheet - 74aup2g157 v.1 74aup2g157 v.1 20061006 product data sheet - -
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 23 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer 16. legal information 16.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 16.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 16.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74aup2g157 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 7 ? 18 january 2013 24 of 25 nxp semiconductors 74aup2g157 low-power 2-input multiplexer export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 16.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 17. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74aup2g157 low-power 2-input multiplexer ? nxp b.v. 2013. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 18 january 2013 document identifier: 74aup2g157 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 18. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 functional description . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 14 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 16 legal information. . . . . . . . . . . . . . . . . . . . . . . 23 16.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 23 16.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 16.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 24 17 contact information. . . . . . . . . . . . . . . . . . . . . 24 18 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


▲Up To Search▲   

 
Price & Availability of 74AUP2G157GN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X