Part Number Hot Search : 
AQV21 74477003 01D05 1N6279 DC1253 68HC0 A208024 LQ52D00
Product Description
Full Text Search
 

To Download 4GBJ406L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features surge overload rating -150 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique the plastic material has ul flammability classification 94v-0 mounting postition:any maximum ratings and electrical characteristics maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward (with heatsink note 2) rectified current @ t c =100 (without heatsink) peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 4.0a dc v f v maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s typical junction capacitance per element (note1) c j pf typical thermal resistance r jc /w operating temperature range t j storage temperature range t stg notes: 1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2.device mounted on 50mm*50mm*1.6mm cu plate heatsink. 3.the typical data above is for reference only( ? ). 4GBJ406L glass passivated reverse voltage - 600 volts forward current - 4.0 amperes bridge rectifiers dimensions in inches and (milimeters) rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol unit i (av) 4.0 a 2.4 4GBJ406L 600 420 10.0 i r a i fsm 135 a 600 -55 to +150 rev. 2, 18-aug-2015 127 76 45 2.2 -55 to +150 0.92 4gbj ?.134(3.4) ?.122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45
rating and charactertic curves 4GBJ406L the cruve graph is for reference only, can't be the basis for judgment( ? )! rev. 2, 18-aug-2015 fig.1-forward current derating curve case temperature, c average forward current amperes 75 125 150 0.0 1.0 5.0 100 50 25 3.0 4.0 2.0 single phase half wave 60h z resistive or inductive load with heatsink without heatsink number of cyclets at 60hz peak forward surge current, amperes fig.2-maximum non-repetitive surge current 0 10 100 0 25 50 100 2 50 20 5 75 125 150 single half-sine-wave (jedec method) t j =25 c half-sine-wave (jedec method) instantaneous reverse current, (ua) fig.4-typical reverse characteristics percent of rated peak reverse voltage,(%) 100 10 1.0 0.1 0 40 60 80 100 120 140 20 1000 t j =150 c t j =125 c t j =100 c t j =25 c fig.5-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 10 100 50 t j =25 c,f=1mhz instantaneous forward current, amperes 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1.0 10.0 20.0 0 0.2 t j =25 c fig.3-typical forward characteristics instantaneous forward voltage. volts


▲Up To Search▲   

 
Price & Availability of 4GBJ406L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X