Part Number Hot Search : 
TDA4657 492LL DSPIC C550B 2SK108 BC108 2118M S2805D
Product Description
Full Text Search
 

To Download 4GBJ1506L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ideal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded plastic technique results in inexpensive product the plastic material has ul flammability classification 94v-0 maximum ratings and electrical characteristics maximum recurrent peak reverse voltage v rrm v maximum rms voltage v rms v maximum dc blocking voltage v dc v maximum average forward (with heatsink note 2) rectified current @ t c =100 (without heatsink) peak forward surage current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum forward voltage at 7.5a dc v f v i 2 t rating for fusing (t<8.3ms) i 2 t a 2 s maximum dc reverse current @ t j =25 at rated dc blocking voltage @ t j =125 operating temperature range t j storage temperature range t stg notes: 1.device mounted on 150mm*150mm*1.6mm cu plate heatsink. rev. 2, 18-aug-2015 127 characteristics reverse voltage - 600 volts forward current - 15 amperes glass passivated bridge rectifiers dimensions in inches and (milimeters) for capacitive load, derate current by 20% 4GBJ1506L i fsm unit symbol a a 240 420 600 600 240 4GBJ1506L a i r 0.92 single phase, half wave ,60hz, resistive or inductive load. rating at 25 ambient temperature unless otherwise specified. i (av) -55 to +150 10.0 15.0 3.2 500 4gbj ?.134(3.4) ?.122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45
rating and charactertic curves 4GBJ1506L the cruve graph is for reference only, can't be the basis for judgment( ? )! rev. 2, 18-aug-2015 1000 100 10 1.0 0.1 0 20 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.3-typical reverse characteristics t j =125 c t j =100 c t j =50 c t j =25 c average forward output current amperes case temperature, c fig.1-forward current derating curve 20 100 0 140 10.0 8.0 6.0 4.0 1.0 2.0 120 80 60 40 without heatsink with heatsink single phase half wave 60hz resistive or inductive load number of cycles at 60hz peak forward surge current , amperes fig.2-maxmun non-repetitive surge current 150 300 100 250 200 50 0 1 2 5 10 20 50 100 t j =150 c (jedec method) single -sine- wave instantaneous forward current, amperes 0.4 0.6 0.8 1.0 1.2 1.4 0.01 0.1 1.0 10.0 20.0 0 0.2 fig.4-typical forward characteristics instantaneous forward voltage. volts t j = 25 c pulse width 300us


▲Up To Search▲   

 
Price & Availability of 4GBJ1506L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X