Part Number Hot Search : 
M3481 IR212 MB91F S811H1 UPA2510 Y100E122 10025 TS4148
Product Description
Full Text Search
 

To Download 4GBJ10005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10005 4GBJ10005 thru 4gbj1010 glass passivated bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 10.0 amperes features maximum ratings and electrical characteristics notes: ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. 183 10 500 55 1.4 -55 to +150 -55 to +150 10.0 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward(with heatsink note 2) c rectified current @t peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) rating for fusing(t<8.3ms) maximum forward voltage at 5.0a dc maximum dc reverse current t a =25 c at rated dc blocking voltage t a =125 c typical junction capacitance (note 1) typical thermal resistance (note 2) operating junction temperature range storage temperature range i t c j r q ja t j t stg i r a s 2 2 v f a m c c/w c pf 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 4gbj 210.0 1.1 4gbj 1001 4gbj 1002 4gbj 1004 4gbj 1006 4gbj 1008 4gbj 1010 mdd catalog number 4g bj =100 c(without heatsink) 3.0 m a 1 . m ea s u r e d a t 1 . 0 m h z a nd a ppli e d r e v e r s e v o l t a g e o f 4 . 0 v dc. 2 . d e v i c e m o un t e d o n 75 mm * 75 mm * 1 . 6 mm c u pl a t e h ea t s in k. 3.the typical data above is for reference only( ? ). maximum forward voltage at 10.0a dc v f 1.0 volts dimensions in inches and (milimeters) ? .134(3.4) ? .122(3.1) spacing .303(7.7) .287(7.3) .287(7.3) .303(7.7) .303(7.7) .287(7.3) ? .122(3.1) ? .134(3.4) .023(0.6) .031(0.8) .114(2.9) .098(2.5) .150(3.8) .134(3.4) .173(4.4) .189(4.8) .382(9.7) .366(9.3) .157 (4.0) .669(17.0) .708(18.0) .150(3.8) .130(3.3) .074(1.9) .059(1.5) .035(0.9) .043(1.1) .083(2.1) .069(1.7) .041(1.05) .057(1.45) .578(14.7) .602(15.3) .995(25.3) .983(24.7) - ~ ~ + .118(3.0)*45 rating to 1000v prv ldeal for printed circuit board low forward voltage drop,high current capability reliable low cost construction utilizing molded the plastic material has u/l flammability classification 94v-0 plastic technique results in inexpensive product
ratings and characteristic curves 4GBJ10005 thru 4gbj1010 the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) ! 1000 100 10 1.0 0.1 020 40 60 80 100 percent of rated peak reverse voltage,(%) instantaneous reverse current ,(ua) fig.5-typical reverse characteristics t j =125c t j =100c t j =50c t j =25c fig.3-typical junction capacitance reverse voltage,(volts) capacitance,(pf) 10.0 100 1.0 1.0 10 100 t j =25c,f=1mh z average forward output current amperes case temperature, c fig.1-forward current derating curve 20 100 0 140 10.0 8.0 6.0 4.0 1.0 2.0 120 80 60 40 without heatsink with heatsink single phase half wave 60hz resistive or inductive load number of cyclets at 60hz peak forward surge current, amperes flg.2-maximum non-repetitive surge current 0 10 100 200 225 0 50 100 150 2 50 20 5 pulse width 8.3ms single half-sine-wave (jedec method) instantaneous forward voltage,volts fig.4-typical forward characteristics instantaneous forward current, (a) 0 0.2 0.4 0.6 0.8 1.2 1.6 1.4 1.0 1.8 100 10 0.1 1.0 t j = 25 c pulse width 300us


▲Up To Search▲   

 
Price & Availability of 4GBJ10005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X