Part Number Hot Search : 
SBL2030C HS412 2SK2938 ML5203 P6KE68CA 7W14F SFT5001 LTC405
Product Description
Full Text Search
 

To Download 2W08GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 638 - 2w005gm thru 2w10gm single phase 2.0 amps. glass passivated bridge rectifiers voltage range 50 to 1000 volts current 2.0 amperes features ul recognized file # e-96005 glass passivated junction high surge current capability ideal for printed circuit board reliable low cost construction technique results in inexpensive product high temperature soldering guaranteed: 260 / 10 seconds / 0.375? ( 9.5mm ) lead length at 5 lbs. ( 2.3 kg ) tension weight: 1.10 grams wob dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol 2w 005gm 2w 01gm 2w 02gm 2w 04gm 2w 06gm 2w 08gm 2w 10gm units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current @t a = 50 i (av) 2.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 50 a maximum instantaneous forward voltage @2.0a v f 1.1 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r 10 500 ua ua typical thermal resistance (note) r ja r jl 40 15 /w operating temperature range t j -55 to +150 storage temperature range t stg -55 to +150 note: thermal resistance from junction to ambient and from junction to lead at 0.375? (9.5mm) lead len g th for p.c.b. mountin g .
- 639 - ratings and characteristic curves (2w005gm thru 2w10gm) fig.4- typical reverse characteristics 0 20 40 60 80 100 120 140 0.1 1.0 10 100 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.2- maximum forward current derating curve average for ward current . (a) 20 40 60 80 100 120 140 150 0 .5 1.0 1.5 2.0 ambient temperature. ( c) o fig.1- maximum non-repetitive forward surge current per bridge element peak for ward surge current . (a) 1 10 100 0 10 40 30 20 50 number of cycles at 60hz 8.3ms single half sine wave fig.3- typical forward characteristics instantaneous for ward current . (a) 0 .2 .4 .6 .8 1.0 1.2 1.4 .1 .01 1.0 10 forward voltage. (v) tj=25 c pulse width-300 s 0 instantaneous reverse current .( a)


▲Up To Search▲   

 
Price & Availability of 2W08GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X