Part Number Hot Search : 
MC9S12 EA1532A MC9S12 TIP12 80MHZ K50N60 00402 20N1T
Product Description
Full Text Search
 

To Download 2SD2457G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 publication date: october 2007 sjd00345aed this product complies with the rohs directive (eu 2002/95/ec). 2SD2457G silicon npn epitaxial planar type for low-frequency output amplification features ? high collector-emitter voltage (base open) v ceo ? low collector power dissipation p c ? mini power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the maga- zine packing. absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 50 v collector-emitter voltage (base open) v ceo 40 v emitter-base voltage (collector open) v ebo 5v collector current i c 1.5 a peak collector current i cp 3a collector power dissipation * p c 1w junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = 1 ma, i e = 050v collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 040v collector-base cutoff current (emitter open) i cbo v cb = 20 v, i e = 01 a collector-emitter cutoff current (base open) i ceo v ce = 10 v, i b = 0 100 a emitter-base cutoff current (collector open) i ebo v eb = 5 v, i e = 010 a forward current transfer ratio * 1, 2 h fe v ce = 5 v, i c = 1 a 80 220 ? collector-emitter saturation voltage * 1 v ce(sat) i c = 1.5 a, i b = 0.15 a 1.0 v base-emitter saturation voltage * 1 v be(sat) i c = 2 a, i b = 0.2 a 1.5 v transition frequency * 1 f t v cb = 5 v, i e = ? 0.5 a, f = 200 mhz 150 mhz collector output capacitance c ob v cb = 20 v, i e = 0, f = 1 mhz 45 pf (common base, input open circuited) electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * 1: pulse measurement * 2: rank classification note) * : printed circuit board: copper foil area of 1 cm 2 or more, and the board thickness of 1.7 mm for the collector portion rank q r h fe 80 to 160 120 to 220 package ? code minip3-f2 ? pin name 1: base 2: collector 3: emitter marking symbol: 1y maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2SD2457G 2 sjd00345aed this product complies with the rohs directive (eu 2002/95/ec). v be(sat) ? i c h fe ? i c f t ? i e p c ? t a i c ? v ce v ce(sat) ? i c c ob ? v cb 0 160 40 120 80 140 20 100 60 0 1.2 1.0 0.8 0.6 0.4 0.2 copper plate at the collector is more than 1 cm 2 in area, 1.7 mm in thickness collector power dissipation p c ( w ) ambient temperature t a ( c ) 010 8 26 4 0 4.0 3.0 1.0 2.5 3.5 2.0 0.5 1.5 t a = 25 c i b = 40 ma 5 ma 10 ma 15 ma 20 ma 25 ma 30 ma 35 ma collector current i c ( a ) collector-emitter voltage v ce ( v ) 0.01 0.1 1 10 0.001 0.01 0.1 1 10 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) 0.01 0.1 1 10 0.01 0.1 1 10 100 i c / i b = 10 t a = ? 25 c 25 c 75 c base-emitter saturation voltage v be(sat) ( v ) collector current i c ( a ) 0.01 0.1 1 10 0 300 250 200 150 100 50 v ce = 5 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( a ) ? 0.01 ? 0.1 ? 1 ? 10 0 240 200 160 120 80 40 v cb = 5 v t a = 25 c transition frequency f t ( mhz ) emitter current i e ( a ) 1 10 100 0 120 100 80 60 40 20 i e = 0 f = 1 mhz t a = 25 c collector-base voltage v cb ( v ) collector output capacitance (common base, input open circuited) c ob (pf) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
2SD2457G 3 sjd00345aed this product complies with the rohs directive (eu 2002/95/ec). minip3-f2 unit: mm 1.60 0.20 4.50 0.10 4.00 0.20 0.40 0.08 0.50 0.08 1 2 3 2.60 0.10 0.50 max. 3.00 0.15 (5 ) 1.50 0.10 2.50 0.10 0.41 0.03 1.50 0.10 1.00 0.10 (45 ) (5 ) maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of 2SD2457G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X