Part Number Hot Search : 
LM1101N5 1C330M 53253 SI912 PSA3000A AP2302GN A313RUI SM7644HW
Product Description
Full Text Search
 

To Download 13002AHL-T92-F-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 13002ah preliminary npn silicon transistor www.unisonic.com.tw 1 of 4 copyright ? 2014 unisonic technologies co., ltd qw-r223-019.d npn silicon bipolar transistors for low frequency amplification ? description the utc 13002ah is a silicon npn power switching transistor; it uses utc?s advanced technology to provide customers high collector-base breakdown voltage, low reverse leakage current and high reliability, etc. the utc 13002ah is suitable for electronic ballast power switch circuit and the compact electronic energy-saving light. ? features * high collector-base breakdown voltage * low reverse leakage current * high reliability ? equivalent circuit ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 13002ahl-tm3-t 13002ahg-tm3-t to-251 b c e tube 13002ahl-t60-f-k 13002ahg-t60-f-k to-126 b c e bulk 13002ahl-t92-f-b 13002ahg-t92-f-b to-92 b c e tape box 13002AHL-T92-F-K 13002ahg-t92-f-k to-92 b c e bulk note: pin assignment: b: base c: collector e: emitter (1) t: tube, b: bluk, k: bulk (2) refer to pin assignment (3) tm3: to-251, t60: to-126, t92: to-92 (4) l: lead free, g: halogen free 13002ahl -t60 -f -b (1)packing type (2)pin assignment (3)package type (4)green package
13002ah preliminary npn silicon transistor unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r223-019.d ? marking package marking to-251 to-126 to-92
13002ah preliminary npn silicon transistor unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r223-019.d ? absolute maximum ratings (t a =25c, unless otherwise noted) parameter symbol ratings unit collector-base voltage v cbo 700 v collector-emitter voltage v ceo 450 v emitter-base voltage v ebo 9 v collector current continuous i c 1.2 a peak i cm 2.4 a power dissipation (t c =25c) to-251 p d 10 w to-126 20 w to-92 0.8 w junction temperature t j 150 c storage temperature range t stg -55~+150 c note: absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol rating unit junction to ambient to-251 ja 95 c/w to-126 100 to-92 150 junction to case to-251 jc 13 c/w to-126 7.5 to-92 112 ? electrical characteristics (t a =25 c, unless otherwise noted) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =1ma 700 v collector-emitter breakdown voltage bv ceo i c =1ma 450 v emitter-base breakdown voltage bv ebo i e =1ma 10 v collector cut-off current i cbo v cb =700v, i e =0 1 a collector-emitter cut-off current i ceo v ce =450v, i b =0 5 a emitter-base cut-off current i ebo v eb =9v, i c =0 1 a dc current gain (note) h fe v ce =5v, i c =0.1a 25 35 low current and high current h fe2 h fe1 ratio h fe1 / h fe2 i c =0.5a, i b =0.1a 0.2 0.8 i c =0.5a, i b =0.1a 0.9 1.5 collector-emitter saturati on voltage (note) v ce(sat) i c =0.2a, i b =40ma 0.4 v i c =1.2a, i b =500ma 3.0 v base-emitter saturation voltage (note) v be(sat) i c =0.2a, i b =40ma 1.0 v i c =1.2a, i b =500ma 1.2 v storage time t s ui9600, i c =100ma 2.0 4.0 s rise time t r 1.0 s fall time t f 1.0 s transition frequency f t v ce =10v, i c =0.1a, f=1mhz 5 mhz note: pulse test, pulse width tp 300s, duty cycle 2%.
13002ah preliminary npn silicon transistor unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r223-019.d utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 13002AHL-T92-F-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X