Part Number Hot Search : 
MBR05 EP3SL70 LU360 MAX7453 C3500 RF21731 SK301 04424
Product Description
Full Text Search
 

To Download TPEMG24-S240100-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal input ac-dc medical & ite application external desktop switching adapter 20-24 watts green power single output tpemg24 series features: ? accommodate universal ac input ? meet medical standards iec60601-1 & ite standards iec60950-1 ? emi meet en 55011 & en55022 / fcc class b ? meet energy star level v & cec level iv output specification output voltage: see ratings chart. output current: see ratings chart. output wattage: typical 20-24watts. output connector & cord: optional. line regulation: typical 0.1%. load regulation: typical 1.8%-3%. noise & ripple: 1.0% peak to peak. ovp: built-in by auto-recovery. adjustability: factory set. over current protection (ocp): installed. current limiting can be set precisely as per request. general specification efficiency: typical 78%-88% (various with the output voltage) switching frequency: typical 55k hz. circuit topology: fixed frequency flyback circuit. transient response: output voltage returns in less than 3ms following a 25% load change. safety standard: meet medical standards ul60601-1/ en60601-1, and ite ul60950-1/en60950-1 class i for dt7(c14) or class ii for dt8(c8) operating temperature: 0c to +40c. storage temperature: -20 to +85c. cooling: free air convection. construction: impact resistant thermo-plastic enclosure case. power density: 1.6-19.1watts / cubic inch. desktop format. note: (1) all measurements are at nominal input, full load, and +25c unless otherwise specified. (2) load regulation is measured at 115vac or 230vac in percentage to indicate the change in output voltage as the load varied f rom half load to full load ( ? %). (3) the exact obtainable load regulation depends upon the output cord selected and load current. (4) due to requests in market and advances in technology, specifications subject to change without notice. for th e details of safety approval, please consult the factory. specification input specification input voltage: typical 90-264vac. input connector: 3 pole ac inlet iec320-c14(dt7) / 2 pole ac inlet iec320-c8(dt8). input frequency: 47-63hz. inrush current: 6.274arms at 230vac. input current: typical 0.347a at 115vac/ 0.215a at 230vac. dielectric withstand: meet iec60601-1 & iec60950-1. emi: meet en55011 & en55022 / fcc class b. hold-up time: typical 16.8ms at 115vac. typical 86.4ms at 230vac. leakage current: typical 0.25 ma for class i typical 0.1ma for class ii. no load power: less than 0.3w. total power international, inc. total power international, inc. toll free: 877-646-0900(us) ph# 978-453-7272 www.total-power.com
output voltage / cu rrent ratings chart mechanical dimensions: mm [inches] weight: 241.0g (8.5 oz.) single output model no. ac inlet o/p voltage o/p current tpemg24-s05 0400-7 iec320-c14(dt7) 5.0vdc 4.0a tpemg24-s050400-8 iec320-c8(dt8) 5.0vdc 4.0a tpemg24-s07 5300-7 iec320-c14(dt7) 7.5vdc 3.0a tpemg24-s075300-8 iec320-c8(dt8) 7.5vdc 3.0a tpemg24-s12 0200-7 iec320-c14(dt7) 12.0vdc 2.0a tpemg24-s120200-8 iec320-c8(dt8) 12.0vdc 2.0a tpemg24-s15 0160-7 iec320-c14(dt7) 15.0vdc 1.6a tpemg24-s150160-8 iec320-c8(dt8) 15.0vdc 1.6a tpemg24-s24 0100-7 iec320-c14(dt7) 24.0vdc 1.0a tpemg24-s240100-8 iec320-c8(dt8) 24.0vdc 1.0a 100050mm for 5-12v 200050mm for 15-24v total power international, inc. total power international, inc. toll free: 877-646-0900(us) ph# 978-453-7272 www.total-power.com


▲Up To Search▲   

 
Price & Availability of TPEMG24-S240100-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X