Part Number Hot Search : 
EFM32 VIPER1 UF4001 SH7262 73K324L LP2NAC6V BZX85B11 BR88DL
Product Description
Full Text Search
 

To Download SR230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features metal-semiconductor junction with guard ring epitaxial construction low forward voltage drop,low switching losses high surge capability mechanical data case:jedec do--15,molded plastic terminals: axial lead ,solderable per mil- std-750,method 2026 polarity: color band denotes cathode weight: 0.014ounces,0.39 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. s i ng l e p h a s e , h a l f wa v e , 6 0 h z , r e s i s t i v e o r i nd u c t i v e l o a d. f or c a p a c i t i v e l o a d , de r a t e by 2 0 % . SR230 sr240 sr250 sr260 sr280 sr2a0 units max imum r ec u r r ent pea k r e v er s e v olt a ge v rrm 30 40 50 60 80 100 v max imum rms v o lt a ge v rms 21 28 35 42 56 70 v maximum dc blocking voltage v dc 30 40 50 60 80 100 v maximum average f orw ard rectif ied current 9.5mm lead length, @t a =75 peak f orw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg 170 maximum instantaneous f orw ard voltage @ 2.0a (note 1) v f 10.0 1.0 v 0.55 0.7 0.85 50.0 20 sr220 14 20 2.0 3.thermal resistance junction to ambient ma i r i fsm note: 1. pulse test:300us pulse width,1% duty cy cle. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a 35 - 5 5 - - -- + 1 2 5 - 5 5 - - -- + 1 5 0 sr220 --- sr2a0 a for use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications i f(av) s c h o tt k y b arr i e r r ec t i f i e r s v o l t a g e r a ng e : 2 0 --- 1 0 0 v current: 2.0 a do - 1 5 the plastic material carries u/l recognition 94v-0 maximum ratings and electrical characteristics dimensions in millimeters diode semiconductor korea www.diode.kr
amperes amperes amperes capacitance,pf fig.4 -- typical junction capacitance instantaneous forward current sr220 --- sr2a0 lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fig.1 -- forward current derating curve fig.2 -- peak forward surge current average forward rectified current fig.3 -- typical instantaneous forward xxxxxxxxx---- characteristics peak forward surge current reverse voltage,volts 0 . 01 50 0 . 1 1 0 0 .2 0 .4 0 .6 1 .2 1 .4 0 . 8 1 . 0 1 . 6 10 sr220 - sr240 sr280 - sr2a0 sr250 - sr260 pulse width=300 ?? f=1.0mhz vsig=50mvp-p 10 100 400 0 . 1 1 10 100 0 40 1 20 50 30 10 t j =t j max 8.3ms single half sine-wave 100 10 0 25 50 75 100 125 150 0 175 resistive or inductive load 0.375"(9.5mm) lead length 1 . 0 2 . 0 0 . 5 1 . 5 www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of SR230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X