unisonic technologies co., ltd SBL1040 preliminary diode www.unisonic.com.tw 1 of 3 copyright ? 2014 unisonic technologies co., ltd qw-r202-023.a 10a schottky barrier rectifier ? description the utc SBL1040 is a 10a schottky barrier rectifier, it uses utc?s advanced technology to provide customers with low forward voltage drop, high current capability and high efficiency, etc. the utc SBL1040 is suitable for free wheeling, high frequency inverters, low voltage and pol arity protection applications. ? features * low forward voltage drop * high current capability * high surge capability * low power loss * high efficiency ? symbol ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 SBL1040l-ta3-t SBL1040g-ta3-t to-220 a k a tube note: pin assignment: a: athode k: cathode ? marking
SBL1040 preliminary diode unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r202-023.a ? absolute maximum ratings (t a =25c, unless otherwise specified) parameter symbol ratings unit dc blocking voltage v r 40 v working peak reverse voltage v rwm 40 v peak repetitive reverse voltage v rrm 40 v rms reverse voltage v r ( rms ) 28 v average forward rectified current i o 10 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 250 a operating junction temperature t j -65~+150 c storage temperature t stg -65~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal characteristics (t a =25 c, unless otherwise noted.) parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 3.5 c/w ? electrical characteristics (note 1) (t a =25 c, unless otherwise noted.) parameter symbol test conditions min typ max unit instantaneous forward voltage v f i f =10a, t c =25c 0.60 v instantaneous reverse current at rated dc blocking voltage per diode i r t c =25c 1.0 ma t c =100c 50 ma junction capacitance (note 2) c j 700 pf notes: 1. thermal resistance junc tion to case mounted on heatsink. 2. measured at 1.0mhz and appli ed reverse voltage of 4.0v dc.
SBL1040 preliminary diode unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r202-023.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
|