Part Number Hot Search : 
2SC5086 ST626 80P03 5AA04 UT6264 TS3V339 LB011M18 1602H
Product Description
Full Text Search
 

To Download REB154 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19 features applications operating temperature: -40~+100c dimensions x2 class capacitor re series with insulated flexible wire leads. two types of wire (single wire type & multiple wire type). ul, csa (cul), iec/en 60384-14 (class x2). industrial machinery, electric appliances and lighting. circuit unit: mm w0.5 152 16010 h0.5 t0.5 ul1007 awg20 model numbering system series name capacitance reb safety standard file no. ul cul enec :ul60384-14 :csa e60384-14 :iec/en 60384-14 e236227 se/0142-28 the "enec" mark is a common european product certification mark based on testing to harmonised european safety standard. the mark with #14 stands for semko. rated voltage 275vac (ul, cul: 250vac) electrical specifications reb473 reb683 reb104 REB154 reb224 reb334 reb474 reb684 reb105 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1.0 safety standard class model number capacitance f10% dimensions insulation resistance test voltage dissipation factor x2 17.0 20.0 27.0 32.0 w 12.5 13.5 15.0 17.5 18.0 19.5 21.5 23.5 h 5.5 6.5 8.0 8.5 8.0 9.5 10.5 12.5 t 0.003max. (at 10khz) line to line 1,250vac 50/60hz 60sec line to case 2,000vac 50/60hz 60sec line to line c 0.33 f 15,000 m min. (at 100vdc) line to case c=0.47 f 5,000 ?f min. (at 100vdc) suppression capacitors reb series noise suppression capacitor


▲Up To Search▲   

 
Price & Availability of REB154

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X