Part Number Hot Search : 
25N06 WP57EYW SSFP1N65 W005G JHV3436 CL7107 AA1716 NE664M04
Product Description
Full Text Search
 

To Download N002-002-BK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat5e 350mhz molded patch cable (rj45 m/m) - black, 2-ft. model number: N002-002-BK description tripp lite's 2-ft. black category 5e (cat5e) patch cable has 2 standard rj45 molded male connectors featuring integral strain relief. the cable is manufactured from pvc 4-pair stranded utp and is rated for 350mhz/1gbps communication. offered in a variety of lengths and colors for all category 5 (cat5) and 5e cabling needs. snagless category 5e patch cables are also available. features cabling for category 5 (cat5) and 5e (cat5e) applications length: 2-ft./color: black/connectors: rj45 male feature molded connectors with integral strain relief pvc 4-pair stranded utp rated for 350mhz/ 1gbps communication meets most current industry standards including ieee 802.3ab, ieee 802.5, ansi/eia/tia 568, iso/iec 11801 and etl (category 5e draft 11) available in other colors and lengths also available in a snagless design (n001 series) to protect the locking tabs on the rj45 connectors from being damaged or snapped off during installation. also available - cat6 cables (n201 series) specifications general info product group network cables overview intended application computer networking highlights premium cabling for category 5 and 5e applications, rated for 350 mhz/1 gbps communications features boots with integral strain-relief and rj45 (male) connectors pvc 4-pair stranded utp ieee 802.3ab system requirements for 1000base-t (1gbps ethernet), 10/100base-t (ethernet), 100 mbps tpddi, 155 mbps atm, isdn, voice and token ring type3 applications package includes 2-ft. cat5e black molded patch cable 350mhz 1 / 2
cable type cat5/cat5e model type molded input cable length (ft.) 2 cable length (m) 0.61 upc assignment unit carton upc# 037332141200 physical color black style cat5/5e connections connector a rj45 (male) connector b rj45 (male) number of connectors 2 certifications certifications rohs warranty product warranty period (worldwide) lifetime limited warranty ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of N002-002-BK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X