Part Number Hot Search : 
2SCR533 DBLS209G L63ID L63ID WP7113 TDA381 ST441 PEB2445
Product Description
Full Text Search
 

To Download MMZ1005Y241CT000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emc components february 2015 for general signal line mmz1005 1005[0402 inch]* * dimensions code jis[eia] chip beads mmz1005 ty p e mmz series
(2/11) 20150203 / beads_commercial_signal_mmz1005_en.fm emc components reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components chip beads for general signal line features noise reduction solution for general signal line. various frequency characteristics with 8 materials of different features for countermeasures against everything from general si gnals to high-speed signals. application noise removal for mobile devices such as smartphones and tablet terminals, and various modules. noise removal for pcs and recor ders, household appliances such as stbs, smart grids, and industrial equipment. part number construction operating temperature range, package quantity, product weight  the storage temperature range is for after the circuit board is mounted. overview of mmz1005 type mmz 1005 s 800 c t 000 series name lwt dimensions material name impedance characteristic type packaging style internal code (mm) (  ) at 100mhz 1005 1.00.5x0.5 b 800 80 c t taping 000 d 121 120 f s y type temperature range package quantity individual weight operating temperature c  storage temperature  c  (pieces/reel) mg  mmz1005 C55 to +125 C55 to +125 10,000 1 product compatible with rohs directive halogen-free compatible with lead-free solders rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type material characteristics b material: this type is perfectly suited for fast digital signals. by equalizing r components and x components that beads posse ss at a frequency of 5mhz, it is able to suppress overshooting, undershooting and ringing of fast digital signals. s material: standard type that features impedance characteristics similar to those of a typical ferrite core. for signal line ap plications in which the blocking region is near 100mhz. impedance values selected for effectiveness at 40 to 300mhz. y material: high frequency range type intended for the 100mhz region and above. for signal line applications in which the signal frequency is far from the cutoff frequency. impedance values selected for effectiveness at 80 to 400mhz. d material: for applications calling for low insertion loss at low frequencies and sharply increasing impedance at high frequen cies. designed for high impedance at high frequencies (300mhz to 1ghz) for signal line applications. f material: this new product inherits the characteristic of our d-material, namely its sharp impedance rise time, and its impedance peak frequency has been shifted higher into range. the product offers excellent noise suppression from 600mhz to as high as in the ghz range. typical material impedance characteristics b s d y 0 200 400 600 800 1000 1200 1400 1600 1800 2000 10 100 1000 frequency(mhz) impedance ( ) f
(6/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type shape & dimensions recommended land pattern dimensions in mm 0.50.05 10.05 0.1min. 0.50.05 dimensions in mm 0.4 0.5 0.5 0.5
(7/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type electrical characteristics characteristics specification table  measurement equipment ? equivalent measurement equipment may be used. impedance dc resistance rated current part no. [100mhz] (  ) tolerance (  )max. (ma)max. 80 25% 0.19 450 mmz1005b800ct000 120 25% 0.25 400 mmz1005b121ct000 600 25% 0.85 200 mmz1005b601ct000 80 25% 0.12 500 mmz1005s800ct000 120 25% 0.22 500 mmz1005s121ct000 240 25% 0.28 400 mmz1005s241ct000 600 25% 0.52 300 mmz1005s601ct000 1000 25% 0.75 200 mmz1005s102ct000 40 25% 0.10 550 mmz1005y400ct000 80 25% 0.17 450 mmz1005y800ct000 120 25% 0.18 400 mmz1005y121ct000 240 25% 0.26 300 MMZ1005Y241CT000 300 25% 0.38 250 mmz1005y301ct000 470 25% 0.47 250 mmz1005y471ct000 600 25% 0.54 250 mmz1005y601ct000 1000 25% 0.70 200 mmz1005y102ct000 1500 25% 1.00 100 mmz1005y152ct000 1800 25% 0.85 150 mmz1005y182ct000 10 5  0.10 500 mmz1005d100ct000 22 25% 0.17 400 mmz1005d220ct000 33 25% 0.24 400 mmz1005d330ct000 68 25% 0.38 400 mmz1005d680ct000 120 25% 0.60 350 mmz1005d121ct000 240 25% 0.90 200 mmz1005d241ct000 33 25% 0.50 200 mmz1005f330ct000 47 25% 0.60 100 mmz1005f470ct000 56 25% 0.70 100 mmz1005f560ct000 measurement item product no. manufacturer impedance e4991a+16192a agilent technologies dc resistance type-7556 yokogawa
(8/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type electrical characteristics z vs. frequency characteristics (by series) mmz1005b series mmz1005s series mmz1005y series mmz1005d series mmz1005f series 0 100 200 300 400 500 600 700 800 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mmz1005b601c mmz1005b121c mmz1005b800c 0 200 400 600 800 1000 1200 1400 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mmz1005s102c mmz1005s601c mmz1005s241c mmz1005s121c mmz1005s800c 0 200 400 600 800 1000 1200 1400 1600 2200 1800 2000 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mmz1005y152c mmz1005y182c mmz1005y102c mmz1005y601c mmz1005y471c mmz1005y301c mmz1005y241c mmz1005y121c mmz1005y800c mmz1005y400c 0 500 1000 1500 2000 2500 3000 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mmz1005d241c mmz1005d121c mmz1005d680c mmz1005d330c mmz1005d220c mmz1005d100c 0 200 400 600 800 1000 1200 10000 1000 100 10 1 frequency ( mhz ) impedance ( ) mmz1005f560c mmz1005f470c mmz1005f330c
(9/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type electrical characteristics z, x, r vs. frequency characteristics mmz1005b800ct000 mmz1005b121ct000 mmz1005b601ct000 mmz1005s800ct000 mmz1005s121ct000 mmz1005s241ct000 mmz1005s601ct000 mmz1005s102ct000 mmz1005y400ct000 mmz1005y800ct000 mmz1005y121ct000 MMZ1005Y241CT000 mmz1005y301ct000 mmz1005y471ct000 mmz1005y601ct000 120 40 20 60 80 100 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 1 10 100 1000 10000 0 20 40 60 80 100 120 140 160 180 frequency ( mhz ) impedance ( ) z r x 800 700 600 500 400 300 200 100 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 20 40 60 80 100 120 140 160 frequency ( mhz ) impedance ( ) z r x 400 350 300 250 200 150 100 50 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 z r x 50 100 150 200 250 frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 z r x 100 200 300 400 500 600 700 800 900 frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 z x r 200 400 600 800 1000 1200 1400 frequency ( mhz ) impedance ( ) 1 10 100 1000 10000 0 10 20 30 40 50 60 70 80 frequency ( mhz ) impedance ( ) z r x 0 1 10 100 1000 10000 20 40 60 80 100 120 140 160 frequency ( mhz ) impedance ( ) z r x 0 1 10 100 1000 10000 100 200 300 400 500 frequency ( mhz ) impedance ( ) z r x 0 1 10 100 1000 10000 z r x 50 100 150 200 250 frequency ( mhz ) impedance ( ) 800 700 600 500 400 300 200 100 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 z r x 100 200 300 400 500 600 frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 200 400 600 800 1000 1200
(10/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type electrical characteristics z, x, r vs. frequency characteristics mmz1005y102ct000 mmz1005y152ct000 mmz1005y182ct000 mmz1005d100ct000 mmz1005d220ct000 mmz1005d330ct000 mmz1005d680ct000 mmz1005d121ct000 mmz1005d241ct000 mmz1005f330ct000 mmz1005f470ct000 mmz1005f560ct000 0 200 400 600 800 1000 1200 1400 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 1800 1600 1400 1200 1000 800 600 400 200 0 1 10 100 1000 10000 z r x frequency ( mhz ) impedance ( ) 1 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 50 100 150 200 250 300 1 10 100 1000 10000 0 50 100 150 200 frequency ( mhz ) impedance ( ) r x z 70 60 50 40 30 20 10 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) r x z 1 10 100 1000 10000 0 200 400 600 800 1000 frequency ( mhz ) impedance ( ) r x z 3000 2500 2000 1500 1000 500 0 1 10 100 1000 10000 r x z frequency ( mhz ) impedance ( ) 0 100 200 300 400 500 600 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z r x 1200 1000 800 600 400 200 0 1 10 100 1000 10000 z x r frequency ( mhz ) impedance ( ) 1000 900 800 700 600 500 400 300 200 100 0 1 10 100 1000 10000 z x r frequency ( mhz ) impedance ( ) 0 1 10 100 1000 10000 frequency ( mhz ) impedance ( ) z x r 100 200 300 400 500 600 700
(11/11) 20150203 / beads_commercial_signal_mmz1005_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. emc components mmz1005 type packaging style reel dimensions tape dimensions dimensions in mm ty p e a b p1 k mmz1005 0.650.1 1.150.1 2.00.05 0.8max. ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 dimensions in mm 1.0 ?60min. 14.4max. 8.4 +2.0 C0.0 4.00.1 2.00.05 b a p1 8.00.3 1.750.1 3.50.05 k 1.5 +0.1 0 160min. taping 200min. 300min. drawing direction dimensions in mm


▲Up To Search▲   

 
Price & Availability of MMZ1005Y241CT000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X