Part Number Hot Search : 
SB05W05 SB05W05 1N2973 V10E140P FX203LG DMD1006 SMBJ10CA LTC3520
Product Description
Full Text Search
 

To Download HIM032405D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hn electronic components gmbh  birkenweiherstr. 16  d-63505 langenselbold tel. (06184) 92780  fax (06184) 62316  http://www.hn-electronic.de 1 him 03 dc power package 03 watt ultra-wide-input-ranging compact-serie besondere merkmale features weiter eingang 4:1 wide input range 4:1 geringe bauh?he low profile ein/aus isoliert, min. 1500v dc isolation min. 1500v dc hoher wirkungsgrad high efficiency kurzschlu?fest short circuit protection anwendung application telekommunikation telecommunication rechnersysteme computer applications msr control equipments mikroprozessorsysteme microprocessor systems technische daten specification (bei 25c umgebungstemperatur) (at 25c ambient temperature) eingangsdaten input specifications eingangsspannung input voltages 9?36, 18?72 vdc ausgangsdaten output specifications leistung power 3 watt wirkungsgrad efficiency typ. 75% schaltfrequenz switching frequency typ. 100 khz regelabweichung voltage accuracy typ. 2% last load 2% (dual 3%) eingang line 1% restwelligkeit ripple and noise 1% max. allgemeine daten general specifications betriebstemperatur operating temp. ? 25c? + 71c, no derating lagertemperatur storage temperature ? 40c? + 100c temperaturkoeffizient temp. coefficient 0.02% / k kurzschlu?fest short circuit protection fold back mtbf mtbf >200,000 h abschaltung shutdown operating: pin 20 open or 8?10 vdc not operating: pin 20 ? 0.3? + 2 vdc at go 3 w dc/dc him modul
technische ?nderungen vorbehalten. technical specifications are subject to change without notice. memo: hn electronic components gmbh  birkenweiherstr. 16  d-63505 langenselbold tel. (06184) 92780  fax (06184) 62316  http://www.hn-electronic.de 2 him 03 dc power package 03 watt ultra-wide-input-ranging compact-serie bestell-information / order information modell eingang ausgang1 ausgang 2 geh?use input output 1 output 2 case vdc v/ma v/ma him032405s 9-36 05/500 a him032412s 9-36 12/250 a him032415s 9-36 15/200 a him034805s 18-72 05/500 a him034812s 18-72 12/250 a him034815s 18-72 15/200 a HIM032405D 9-36 + 05/250 ? 5/250 a him032412d 9-36 + 12/125 ? 12/125 a him032415d 9-36 + 15/100 ? 15/100 a him034805d 18-72 + 05/250 ? 5/250 a him034812d 18-72 + 12/125 ? 12/125 a him034815d 18-72 + 15/100 ? 12/100 a pin-belegung und zeichnung / pin assignments & drawing, mm (inch) bottom view (von unten) 0,5 (0.02 dia) 12,7 (0.50) 3 (0.12) 15,20 (0.60) 20,3 (0.80) 2,0 (0.08) 17,8 (0.70) 2,5 (0.1) 31,8 (1.25) 24 23 20 15 13 1 2 10 11 12 toleranzen ?,x = 0,5 mm tolerances ?,xx = 0,20 mm alternativ-pinout auf anfrage! alternative pinout on request! pin connection pin no. pin function single output dual output 1 & 2 10 & 11 + vi no pin + vi go 12 13 15 go + vo no pin no pin ? vo + vo 20 shutdown shutdown 23 & 24 gi gi 3 w dc/dc him modul andere typen und spannungen auf anfrage  other models and configurations on request.


▲Up To Search▲   

 
Price & Availability of HIM032405D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X