Part Number Hot Search : 
ZX84C3 A3PN060 H293T 1N473 MC9S0 H293T N5229B AOB440
Product Description
Full Text Search
 

To Download FCS-3054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FCS-3054 ???? ??: 1 fixed dome network camera, 3-megapixel, poe 802.3af key features - ?? ????? ?? micro sdhc/sdxc ?? ?? - 3-???? ???? - vandal-proof ik08-rated housing - ??: h.264/mjpeg - power support: poe (ieee 802.3af) - ?? 64-?? ???? ??? ??(onesecure app ??) www.level1.com page 1 of 4
???? system specifications standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3af power over ethernet (poe) ieee 802.1x network access control tcp, udp, http, https, dhcp, pppoe, rtp, rtsp, ipv6, dns, ddns, ntp, icmp, arp, igmp, smtp, ftp, upnp, snmp, bonjour image sensor: 3-megapixel 1/3.2" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps poe port modularity: 1 x microsdhc/ microsdxc card slot button: reset button indicator: power lens: fixed focal, fixed iris, fixed focus, f2.93mm , f2.0 shutter time: 1/5 ~ 1/10,000 sec angle of view: 83.3 pan/tilt/zoom: digital zoom to very high detail available on software video compression: h.264 / mjpeg resolution: 3m(2048 x 1536) video format: raw audio compression: g.711 power: power consumption: poe class 1 (ieee802.3af) / 2.91w power input: 802.3af poe features general: backup: microsdhc /microsdxc card slot for local storage video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - agc/awb/aes - back light compensation (blc) - 2d noise reduction (2dnr) streaming: up to 2 video streams www.level1.com page 2 of 4
performance data transfer rate: 10/100mbps storage capacity: sd/microsd memory card of up to 64gb frame rate: 15 fps at 2048 x 1536; 30 fps at 1920 x 1080; 30 fps at 1280 x 720; 30 fps at 640 x 480; 15 fps at 320 x 240 minimum illumination: color: 0.1 lux at f2.0 environment temperature (c): operating: -10c ~ 50c humidity (non-condensing): operating: 10% ~ 85% physical specifications dimensions (w x d x h mm): 110 x 58 x 110 weight (g): 202 g enclosure: vandal resistant ik08-reted others approval and compliance: ce, fcc, ik08 deployment: wall/ceiling mount operation systems: microsoft windows 8/7/vista/xp www.level1.com page 3 of 4
?? order information FCS-3054 package contents FCS-3054 mounting kit screw kit quick installation guide resource cd (user manual, utility, qig) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4


▲Up To Search▲   

 
Price & Availability of FCS-3054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X