Part Number Hot Search : 
TA78005 EC821 RD11U C1050 FS5AS NCP1205P 2SC5021 N7615B
Product Description
Full Text Search
 

To Download BD240CBP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  continental device india limited an is/iso 9002 and iecq certified manufacturer pnp silicon epitaxial power transistor bd 240c (bpl) to-220 com p lementar y silicon transistor intended for a wide variet y of switchin g & am p lifier a pp lications , series and shunt re g ulators , driver and out p ut sta g es of hi-fi am p lifiers absolute maximum ratings(ta=25deg c) description symbol value unit collector -base voltage vcbo 115 v collector -emitter voltage vceo 100 v emitter base voltage vebo 5.0 v collector current continuous ic 2.0 a peak icm 4.0 a base current ib 0.6 a collector power dissipation @ ta=25 deg c pd 2.0 w derate above 25 deg c 16 mw/deg c collector power dissipation @ tc=25 deg c pd 30 w derate above 25 deg c 240 mw/deg c unclamped inductive load energy (1) e32 mj junction temperature tj 150 deg c storage temperature range tstg -65 to +150 deg c thermal resistance junction to ambient rth(j-a) 62.5 deg c/w junction to case rth(j-c) 4.17 deg c/w (1)lc=20mh, rbe=100 ohms, re=0.1 ohms , ic=1.8a. electrical characteristics (ta=25 deg c unless specified) description symbol test condition min typ max unit collector emitter (sus) voltage vceo(sus)* ic=30ma, ib=0 100 - - v collector cut off current iceo vce=60v, ib=0 - - 0.3 ma ices vce=100v, vbe=0 - - 0.2 ma emitter cut off current iebo vbe=5v,ic=0 - - 1.0 ma dc current gain hfe* ic=0.2a, vce=4v 40 - - ic=1a, vce=4v 15 - - collector emitter saturation voltage vce(sat)* ic=1a, ib=0.2a - - 0.7 v base emitter on voltage vbe(on)* ic=1a, vce=4v - - 1.3 v electrical characteristics (ta=25 deg c unless specified) bd240c description symbol test condition min typ max unit dynamic characteristics small signal current gain hfe vce=10v, ic=0.2a 20 - f=1khz transition frequency ft vce=10v,ic=0.2a, 3.0 - mhz f=1mhz *pulse condition: pulse width =300us, duty cycle=2% is / iecqc 700000 is / iecqc 750100 is/iso 9002 lic# qsc/l- 000019.2 continental device india limited data sheet page 1 of 3
to-220 plastic package to-220 tube packing b 1 23 pin configuration 1. base 2. collector 3. emitter 4. collector 1 2 3 4 j m g d h a o o k n l f e c dim min. max. all diminsions in mm. a 14.42 16.51 b 9.63 10.67 c 3.56 4.83 d ? 0.90 e 1.15 1.40 f 3.75 3.88 g 2.29 2.79 h 2.54 3.43 j ? 0.56 k 12.70 14.73 l 2.80 4.07 m 2.03 2.92 n ? 31.24 odeg 7 device name label 536.00 1.5 50 pcs./tube 6.87 32.85 13.74 e n d pi n tube thickness sr. qty. ammo pack size 20 tubes/ammo pack 1000 pcs./ammo pack d e v i c e n a m e s r . q t y . d e v i c e n a m e s r . q t y . label 5 3 8 . 0 0 7 5 . 0 92.0 continental device india limited data sheet page 2 of 3
notes disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web site/cd is believed to be accurate and reliable. cdil however, does not assume res ponsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability w hatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these pr oducts (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-579 6150 fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com to-220 / fp 200 pcs/polybag 50 pcs/tube 396 gm/200 pcs 120 gm/50 pcs 3" x 7.5" x 7.5" 3.5" x 3.7" x 21.5" 1.0k 1.0k 17" x 15" x 13.5" 19" x 19" x 19" 16.0k 10.0k 36 kgs 29 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of BD240CBP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X