Part Number Hot Search : 
MP90C IRF730AL P6KE200A TMPD2837 EH1100TS CXA3785R MMBD4448 033CC0
Product Description
Full Text Search
 

To Download BAV99S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount fast switching diodes BAV99S features z high switching speed. z for general purpose switching application. z small plastic smd speed. z low capacitance. z two electrically isolated se ries configuration arrays. applications sot-363 z for general purpose switching application. ordering information type no. marking package code BAV99S k1 sot-363 maximum rating @ ta=25 unless otherwise specified symbol characteristic value unit v rrm repetitive peak reverse voltage 85 v v r continuous reverse voltage 75 v i frm repetitive peak forward current 450 ma i f forward continuous current 200 ma i fsm non-repetitive peak forward surge current @t=1.0 s @t=1.0ms @t=1.0s 4.5 1.0 0.5 a p d power dissipation 250 mw t j, t stg junction and storage temperature -65 to+150 pb lead-free diode semiconductor korea www.diode.kr
surface mount fast switching diodes BAV99S electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =2.5 a 75 - v forward voltage v f i f =1.0ma i f =10ma i f =50ma i f =150ma - 0.715 0.855 1.0 1.25 v reverse current i r v r =75v - 1 a diode capacitance c d v r =0v,f=1.0mhz - 1.5 pf reverse recovery time t rr i f =i r =10mar l =100 ? - 4 ns typical characteristics @ ta=25 unless otherwise specified www.diode.kr diode semiconductor korea
surface mount fast switching diodes BAV99S package outline plastic surface mounted package sot-363 soldering footprint unit : mm package information sot-363 dim min max a 1.8 2.2 b 1.15 1.35 c 1.0typical d 0.10 0.30 e 0.25 0.40 g 0.65typical h 0.02 0.10 j 0.1typical k 2.1 2.3 all dimensions in mm device package shipping BAV99S sot-363 3000/tape&reel www.diode.kr diode semiconductor korea


▲Up To Search▲   

 
Price & Availability of BAV99S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X