Part Number Hot Search : 
EL3021 HA535107 82C6818 OP15EZ MURS360 CY7C372I PFW3506 TVS331
Product Description
Full Text Search
 

To Download BAV99DW-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav99dw document number: ds30145 rev. 15 - 2 1 of 4 www.diodes.com november 2012 ? diodes incorporated bav99dw surface mount switching diode array features ? fast switching speed ? small surface mount package ? for general purpose switching applications ? high conductance ? two ?bav99? circuits in one package ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (notes 3 & 4) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot363 ? case material: molded plasti c, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? polarity: see diagram ? weight: 0.006 grams (approximate) ordering information (note 5) part number case packaging bav99dw-7-f sot363 3000/tape & reel BAV99DW-13-F sot363 10000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. product manufactured with date code uo (week 40, 2007) and newer are built with green molding compound. product manufactured prior to date code uo are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. 5. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2001 2002 2003 2004 ? 2012 2013 2014 2015 2016 2017 2018 code m n p r ? z a b c d e f month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view sot363 top view internal schematic ac 1 ac 2 c 2 a 1 a 2 c 1 kjg = product type marking code ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) kjg ym kjg ym
bav99dw document number: ds30145 rev. 15 - 2 2 of 4 www.diodes.com november 2012 ? diodes incorporated bav99dw maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r ( rms ) 53 v forward continuous current (note 6) i fm 215 ma non-repetitive peak forward surge current @ t = 1.0 s i fsm 2.0 a @ t = 1.0ms 1.0 @ t = 1.0s 0.5 thermal characteristics characteristic symbol value unit power dissipation (note 6) p d 200 mw power dissipation (note 7) p d 300 mw thermal resistance junction to ambient air (note 6) r ja 625 c/w thermal resistance junction to ambient air (note 7) r ja 417 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 8) v ( br ) r 75 ? v i r = 2.5 a forward voltage v f ? 0.715 v i f = 1.0ma ? 0.855 i f = 10ma ? 1.0 i f = 50ma ? 1.25 i f = 150ma reverse current (note 8) i r ? 2.5 a a a na v r = 75v ? 50 v r = 75v, t j = +150 c ? 30 v r = 25v, t j = +150 c ? 25 v r = 20v total capacitance c t ? 2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 6. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.06 2 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com. 7. device mounted on alumina pcb, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as s hown on diodes inc. suggested pad layout doc ument ap02001, which can be found on our w ebsite at http:// www.diodes.com. 8. short duration pulse test used to minimize self-heating effect.
bav99dw document number: ds30145 rev. 15 - 2 3 of 4 www.diodes.com november 2012 ? diodes incorporated bav99dw 0 50 100 150 200 250 25 0 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) a fig. 1 power derating curve, total package 300 note 5 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics, per element f 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics, per element r i, i n s t a n t a n e o u s r eve r se c u r r e n t (na) r 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 c , t o t al c a p a c i t an c e (p f ) t v , dc reverse voltage (v) fig. 4 total capacitance vs. reverse voltage, per element r package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. sot363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 typ f 0.40 0.45 h 1.80 2.20 j 0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.22 0 8 all dimensions in mm a m j l d b c h k f
bav99dw document number: ds30145 rev. 15 - 2 4 of 4 www.diodes.com november 2012 ? diodes incorporated bav99dw suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 x z y c1 c2 c2 g


▲Up To Search▲   

 
Price & Availability of BAV99DW-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X