Part Number Hot Search : 
BAS16T13 MHF2815S B3060 MBR104 XC2336A TPS62130 SH7201 1115A
Product Description
Full Text Search
 

To Download AUIRG4BC30U-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  parameter max. units v ces collector-to-emitter breakdown voltage 600 v i c @ t c = 25c continuous collector current 23 i c @ t c = 100c continuous collector current 12 a i cm pulsed collector current  92 i lm clamped inductive load current  92 v ge gate-to-emitter voltage 20 v e arv reverse voltage avalanche energy  10 mj p d @ t c = 25c maximum power dissipation 100 p d @ t c = 100c maximum power dissipation 42 t j operating junction and -55 to + 150 c t stg storage temperature range AUIRG4BC30U-S AUIRG4BC30U-Sl ultrafast speed igbt insulated gate bipolar transistor e c g n-channel v ces = 600v v ce(on) typ. = 1.95v @v ge = 15v, i c = 12a   features ultrafast: optimized for high operating frequencies 8-40 khz in hard switching,>200 khz in resonant mode industry standard d 2 pak & to-262 package lead-free, rohs compliant automotive qualified * typical applications: smps, pfc benefits parameter typ. max. units r jc junction-to-case CCC 1.2 c/w r ja junction-to-ambient, ( pcb mounted,steady-state)** CCC 40 thermal resistance www.irf.com 1 *  * when mounted on 1" square pcb (fr-4 or g-10 material ). for recommended footprint and soldering techniquesrefer to application note #an-994. * qualification standards can be found at http://www.irf.com/ automotive grade d 2 pak AUIRG4BC30U-S to-262 AUIRG4BC30U-Sl absolute maximum ratingsstresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted  and still air conditions. ambient temperature (t a ) is 25  c, unless otherwise specified gc e gate collector emitter pd - 96335 downloaded from: http:///
AUIRG4BC30U-S/sl 2 www.irf.com parameter min. typ. max. units conditions q g total gate charge (turn-on) 50 75 i c = 12a q ge gate - emitter charge (turn-on) 8.1 12 nc v cc = 400v see fig.8 q gc gate - collector charge (turn-on) 18 27 v ge = 15v t d(on) turn-on delay time 17 t r rise time 9.6 t j = 25c t d(off) turn-off delay time 78 120 i c = 12a, v cc = 480v t f fall time 97 150 v ge = 15v, r g = 23 e on turn-on switching loss 0.16 energy losses include "tail" e off turn-off switching loss 0.20 mj see fig. 10, 11, 13, 14 e ts total switching loss 0.36 0.50 t d(on) turn-on delay time 20 t j = 150c, t r rise time 13 i c = 12a, v cc = 480v t d(off) turn-off delay time 180 v ge = 15v, r g = 23 t f fall time 140 energy losses include "tail" e ts total switching loss 0.73 mj see fig. 13, 14 l e internal source inductance 7.5 nh measured 5mm from package c ies input capacitance 1100 v ge = 0v c oes output capacitance 73 pf v cc = 30v see fig.7 c res reverse transfer capacitance 14 ? = 1.0mhz parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 600 v v ge = 0v, i c = 250a v (br)ecs emitter-to-collector breakdown voltage  18 v v ge = 0v, i c = 1.0a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0.63 v/c v ge = 0v, i c = 1.0ma 1.95 2.1 i c = 12a v ge = 15v v ce(on) collector-to-emitter saturation voltage 2.52 i c = 23a see fig.2, 5 2.09 i c = 12a , t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v ce = v ge , i c = 250a ? v ge(th) / ? t j temperature coeff. of threshold voltage -13 mv/c v ce = v ge , i c = 250a g fe forward transconductance  3.1 8.6 s v ce = 100v, i c = 12a 250 v ge = 0v, v ce = 600v 2.0 v ge = 0v, v ce = 10v, t j = 25c 1000 v ge = 0v, v ce = 600v, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 20v i ces zero gate voltage collector current      pulse width  80s; duty factor 0.1%   pulse width 5.0s, single shot.   repetitive rating; v ge = 20v, pulse width limited by max. junction temperature. ( see fig. 13b )  v cc = 80%(v ces ), v ge = 20v, l = 10h, r g = 23 (see fig. 13a)  repetitive rating; pulse width limited by maximumjunction temperature. dynamic electrical characteristics @ t j = 25c (unless otherwise specified) static or switching characteristics @ t j = 25c (unless otherwise specified) downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 3  
 
      

 
  
  
 http://www.irf.com  
 
 

 
! 
  
" qualification information ? moisture sensitivity level d 2 pak msl1 to-262 n/a rohs compliant yes esd machine model class m4 (+/-450v) aec-q101-002 human body model class h1c (+/-1750v) aec-q101-001 charged device model class c5 (+/-1000v) aec-q101-005 qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. irs industrial and consumer qualification level is granted by extension of the higher automotive level. downloaded from: http:///
AUIRG4BC30U-S/sl 4 www.irf.com fig. 1 - typical load current vs. frequency (for square wave, i=i rms of fundamental; for triangular wave, i=i pk ) fig. 2 - typical output characteristics fig. 3 - typical transfer characteristics 0.1 1 10 100 0.1 1 10 ce c i , collector-to-emitter current (a) v , collector-to-emitter voltage (v) t = 150c t = 25c j j v = 15v 20s pulse width ge a 0.1 1 10 100 567891 01 11 2 c i , collector-to-emitter current (a) ge t = 25c t = 150c j j v , gate-to-emitter voltage (v) a v = 10v 5s pulse width cc 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0.1 1 10 100 f, frequency (khz) load current (a) a 60% of rated voltage ideal diodes square wave: for both: triangular wave: clamp voltage: 80% of rated power dissipation = 1.75w duty cycle: 50% t = 125c t = 55c gate drive as specified sink j downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 5 fig. 6 - maximum effective transient thermal impedance, junction-to-case fig. 5 - collector-to-emitter voltage vs. junction temperature fig. 4 - maximum collector current vs.case temperature 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 ce v , collector-to-emitter voltage (v) v = 15v 80s pulse width ge a t , junction temperature (c) j i = 24a i = 12a i = 6.0a c c c 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 t , rectangular pulse duration (sec) 1 thjc d = 0.50 0.01 0.02 0.05 0.10 0.20 single pulse (thermal response) thermal response (z ) p t 2 1 t dm notes: 1. duty factor d = t / t 2. peak t = p x z + t 12 j dm thjc c 0 5 10 15 20 25 25 50 75 100 125 150 maximum dc collector current (a t , case temperature (c) c v = 15v ge a downloaded from: http:///
AUIRG4BC30U-S/sl 6 www.irf.com fig. 10 - typical switching losses vs. junction temperature fig. 9 - typical switching losses vs. gate resistance fig. 8 - typical gate charge vs. gate-to-emitter voltage fig. 7 - typical capacitance vs. collector-to-emitter voltage 0 400 800 1200 1600 2000 1 10 100 ce c, capacitance (pf) v , collector-to-emitter voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c ge ies ge gc ce res gc oes ce gc c ies c res c oes 0 4 8 12 16 20 0 1 02 03 04 05 0 ge v , gate-to-emitter voltage (v) g q , total gate charge (nc) a v = 400v i = 12a cec 0.2 0.3 0.4 0.5 0 1 02 03 04 05 06 0 g total switching losses (mj) r , gate resistance ( ) a v = 480v v = 15v t = 25c i = 12a ccge j c 0.1 1 10 -60 -40 -20 0 20 40 60 80 100 120 140 160 total switching losses (mj) a i = 6.0a i = 12a i = 24a r = 23 v = 15v v = 480v c c c j t , junction temperature (c) gge cc downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 7 fig. 12 - turn-off soa fig. 11 - typical switching losses vs. collector-to-emitter current 0.0 0.4 0.8 1.2 1.6 01 02 03 0 c total switching losses (mj) i , collector-to-emitter current (a) a r = 23 t = 150c v = 480v v = 15v gj cc ge 0.1 1 10 100 1000 1 10 100 100 0 c ce ge v , collector-to-emitter voltage (v) i , collector-to-emitter current (a) safe operating area v = 20v t = 125c gej downloaded from: http:///
AUIRG4BC30U-S/sl 8 www.irf.com       
d.u.t. 50v l v * c  * driver same type as d.u.t.; vc = 80% of vce(max) * note: due to the 50v power supply, pulse width and inductor will increase to obtain rated id. 1000v    
               480f 960v    t=5s d(on) t t f t r 90% t d(off) 10% 90% 10% 5% v c i c e on e off ts on off e = (e +e )   
      50v driver* 1000v d.u.t. i c c v    l 
        
  downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 9    
   
        
        
    #
$  % & %
   !" # $ '
  ()( **)* +*+ )

,-%. downloaded from: http:///
AUIRG4BC30U-S/sl 10 www.irf.com to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches)  
        
    #
$  % & %
   !" # $% '
  ()( **)* +*+ )

,-%. downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 11   
&'( dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. downloaded from: http:///
AUIRG4BC30U-S/sl 12 www.irf.com ordering information base p art number packa g e t yp e standard pack com p lete part number form quantit y AUIRG4BC30U-Sl to-262 tube 50 AUIRG4BC30U-Sl AUIRG4BC30U-S d2pak tube 50 AUIRG4BC30U-S tape and reel left 800 auirg4bc30ustrl tape and reel right 800 auirg4bc30ustrr downloaded from: http:///
AUIRG4BC30U-S/sl www.irf.com 13  
unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reservethe right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the au prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to irs terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with irs standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterati ons is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product.ir products are neither designed nor intended for use in military/aerospace applications or environments unless the ir products are specifically designated by ir as military-grade or enhanced plastic. only products designated by ir as military-grade meet military specifications. buyers acknowledge and agree that any such use of ir products which ir has not designated as military-grade is solely at the buyers risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation au. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements for technical support, please contact irs technical assistance center http://www .irf.com/technical-info/ world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of AUIRG4BC30U-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X