Part Number Hot Search : 
CD4025AF 328RPDP D4093 MAJ160A F2001 FM101 2SD19 MCR10
Product Description
Full Text Search
 

To Download AMP1601-08A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal 90-264vac input 3 input connection options single outputs from 5 to 36vdc 4000v isolation lps effciency level v ansi/aami es 60601-1: 2005 (ul/cul 3rd edition) en 60601-1:2006 (tuv/t-mark 3rd edition) model number output watts output voltage output amps total regulation (see notes) *amp1601-02(a, b or c) 13 5v 2.6a 5% *amp1601-03(a, b or c) 13 7v 1.85a 5% *amp1601-04(a, b or c) 15 9v 1.66a 5% *amp1601-05(a, b or c) 15 12v 1.25a 5% *amp1601-06(a, b or c) 15 15v 0.93a 5% *amp1601-07(a, b or c) 15 18v 0.83a 5% *amp1601-08(a, b or c) 15 24v 0.62a 3% *amp1601-09(a, b or c) 15 30v 0.5a 3% *amp1601-10(a, b or c) 15 36v 0.41a 3% notes: * denotes a choice of ac input connectors (a, b or c option). please see mechanical dimensions. if not denoted, option a iec-320-c14 input connector is used. low cost 3 wire iec320/c13 (part number accrd-c13), iec320/c5 (part number accrd-c5) and 2 wire iec320/c7 (part number accrd- c7) input power cords are available for these products. inquire to the astrodyne sales depart. on amp1601-02, 03 and 04 a 16awg/4ft output cable is required to meet published regulation and effciency specifcations as well as lps effciency levels. 18awg/4ft is required for all other models. modifying these cables will potentially change and/or waive said specifcations and effciency levels. option a option b 4.11 x 1.65 x 1.22 option c 15w 3rd edition medical grade desktop switching power adapters amp1601 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
input specifications input voltage range 90-264 vac (universal) frequency range 47-63 hz input current max. low line (115vac) 0.33a high line (230vac) 0.18a no load power consumption 0.3w @ 230vac inrush current, typ (cold start) low line (115vac) 23a max. high line (230vac) 45a max. leakage current 0.3ma max. @ 240 vac, fl output specifications voltage and current see selection charts output power range 0 to fl rating load regulation (230vin) 5%, max. line regulation 1%, max. transient response 100vin, fl to 1/2l 4ms temperature coeffcient 0.04%/c, typ ripple/noise fl, 90vin 1% pk-pk over voltage protection 112-132% over current protection 110-150% short circuit protection continuous, self-recovering * thermal shutdown -20 to 125c start up / hold up time 100vin, fl 1s max. / 10 ms min. general specifications input-out isolation 5656vdc (4000vac) isolation resistance 50 m? min. effciency (fl, 230vin) 79%, typ safety ansi/aami es 60601-1: 2005 (ul/cul 3rd edition) en 60601-1:2006 (tuv/t-mark 3rd edition) physical specifications size 4.11 x 1.65 x 1.22 construction desktop style weight 6.0oz (170g) environmental specifications oper. temperature 0 to +50c (fl) * 50% load @ 70c (see derate curve) storage temperature -40 to +85c * humidity 0% to 95%* emc 110vin: fcc part 15 class b en55022b mtbf 100,000 hrs effciency level v derate curve 01 02 03 04 05 06 07 0 20 40 60 80 100 * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifcations are typical at nominal input, full load, and 25c unless other - wise noted 15w 3rd edition medical grade desktop switching power adapters amp1601 series www.astrodynetdi.com astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458
mechanical dimensions - amp1601-xxa dc output connections coaxial plug +vout -vout 5.5mm outer diameter 2.1mm inner diameter, female 11mm length, center + output cord length 48 astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 15w medical grade desktop switching power adapters amp1601 series www.astrodynetdi.com
mechanical dimensions - amp1601-xxb dc output connections coaxial plug +vout -vout 5.5mm outer diameter 2.1mm inner diameter, female 11mm length, center + output cord length 48 astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 15w medical grade desktop switching power adapters amp1601 series www.astrodynetdi.com
mechanical dimensions - amp1601-xxc dc output connections coaxial plug +vout -vout 5.5mm outer diameter 2.1mm inner diameter, female 11mm length, center + output cord length 48 5214 astrodyne usa: 1-800-823-8082 astrodyne pacific: 886-2-26983458 15w medical grade desktop switching power adapters amp1601 series www.astrodynetdi.com


▲Up To Search▲   

 
Price & Availability of AMP1601-08A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X