Part Number Hot Search : 
LX1697 TZM5265B CY7C6 MAX845 112Q11 UBA2072T SMB75 NML0505
Product Description
Full Text Search
 

To Download 98023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  120 dc in red (+) 12? #22awg blue (-) 12? #22awg led 13 led 25 led 37 led 14 led 15 led 1 led 26 led 38 led 49 led 39 led 16 led 17 led 2 led 27 led 40 led 50 led 41 led 29 led 18 led 3 led 4 led 28 led 42 led 51 led 52 led 43 led 30 led 19 led 5 led 6 led 31 led 44 led 54 led 55 led 53 led 21 led 20 led 7 led 8 led 32 led 45 led 57 led 58 led 56 led 22 led 10 led 9 led 33 led 46 led 59 led 47 led 23 led 12 led 11 led 34 led 35 led 24 led 36 led 60 led 48 1.50 [38.1] 4.45 [113.03] 0.23 [5.84] 4.70 [119.38] ? 4.70 [119.38] drawing n0900-0165-r01 tc 0.15 [3.81] r 0.07 [1.78] ? 4.4 [111.76] b.c. for cutouts 0.50 [12.7] 0 .50 [12.7] in [mm] height: 0.062 [1.58] fr-4 pcb 0.020 [0.5] leds 0.082 [2.08] total led light engine, 4.7 round module constant-current dc array, 12 led series x 5 parallel strings engineered by norlux 60 nichia leds 5 yr. warranty 4.7 inch round dc led module @ 450ma model number total board power (w) total current (ma) color temp (k) lumens ( 15%) board lpw 98021 16.2 450 2700 1,970 122 98022 16.2 450 3000 2,100 130 98023 16.2 450 3500 2,200 136 98024 16.2 450 4000 2,265 140 98027 16.2 450 5000 2,335 144 dimensions: specifcations driver type: constant-current drive current: 450ma nominal nom. forward voltage: 35.9v total board power: 16.2w nominal life: 50,000 hrs, 70% lumen maint. @ ta max 40oc, used as specifed max junction temp: 90c max test point temp: 80c operating temp: -40oc to +60oc ambient storage temp: -40oc to +80oc viewing angle (fwhm): 120 lambertian distribution cri: 83 typical ? designed for easy use in standard luminaires ? tight led pitch eliminates pixelization, no complex lens or optics required ? color: ? ansi binning, 3 step macadam ellipse ? suggested applications: commercial or residential downlights ? customizable: engines can be modifed to your application. contact us. rev 5-14-15 ?made in usa? of imported and domestic components for poke-in connectors, use #24-18 awg stranded or solid wire connectivity options suffx connection (blank) 12 in, #22 awg stranded leads -01 no leads -02 push-in connectors thomas research products ? 1215 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com specifcations subject to change without notice. trademarks are property of their respective owners.
pg 2 of 2 cie chromaticity coordinates: x y 0.3783 0.3836 0.3909 0.3906 0.3746 0.3687 0.3864 0.3757 4000k 3 step macadams ellipse x y 0.4045 0.3975 0.4189 0.4044 0.3989 0.3819 0.412 0.3875 3500k 3 step macadams ellipse x y 0.4325 0.4101 0.4452 0.4146 0.4244 0.3923 0.4362 0.3965 3000k 3 step macadams ellipse x y 0.4576 0.4183 0.4698 0.4212 0.4478 0.3999 0.4591 0.4025 2700k 3 step macadams ellipse tc (c) 65ma/led relative luminous flux / tc temperature 0 20 40 60 80 100 120 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 ? led12w-48-c0250 ? led20w-40-c0350-le ? led20w-40-c0350-te ? led20w-57-c0350 ? led20w-57-c0350-d ? ldc25w-048-c0450 ? led25w-56-c0450 ? led25w-56-c0450-d ? led25w-56-c0450-hl-b ? led25w-56-c0450-hl-s ? led25w-56-c0450-hl-bd ? led25w-56-c0450-hl-sd ? led25w-072-c0350 ? led25w-072-c0350-d ? led25w-062-c0400 ? led25w-062-c0400-d ? led25w-072-c0350-le ? led25w-072-c0350-te ? leddc25w-072-c0350 ? leddc25w-072-c0350-d ? led30w-085-c0350 ? led30w-085-c0350-d ? led30w-075-c0400 ? led30w-075-c0400-d ? led30w-066-c0450 ? led30w-066-c0450-d compatible trp drivers: the drivers listed here are all compatible with this module. choose the best driver for your application. 4.7 round std. dc led light engine module step dimming: this light engine can be step-dimmed, with a recommended trp dimmable driver and sd series step-dimming module. see the sd2 or sd3 data sheet for wiring information. maximum run lengths the max number of boards wired in a chain (series) is limited by the max current rating of the frst board wired to the driver. the sum of the board currents, in the chain, funnels through the frst board. multiple chains can connect directly to the power supply in parallel. see table for max chain length. product series/parallel max allowable boards high current (nom) low current 4.7 round series 7 n/a mounting notes the led assembly is supplied with mounting holes, per the dimensional drawing. it is important to mount the board in such a way as to maintain the tc point below the max. the steady state thermals in application will dictate if the board needs to be mounted directly to metallic housing and/or include a thermal pad. for example fully enclosed recessed fxture will require better thermal mounting than an open air pendant. thermal application notes this board requires additional heat sinking to run above 45oc ambient at nominal specifcations. heat sink is also required when operated above specifed drive currents. maximum current max current: 900ma voltage at max current: 40v, power at max current: 36w the total maximum current refects the led maximum forward current only, without considering thermal needs. driving the leds this hard will likely violate their thermal limits, depending on the application. tc point must remain at or below the max temperature, or the warranty will be voided. temperature is directly correlated to led current. static sensitive device handle only at static-safe work stations. packaging 50 per box standard. constant current driver constant current driver parallel series series/parallel confgurations parallel: the positive and negative of one board is connected to the respective positive and negative of the next. current adds, so the supply must be 2x the current for 2 boards. series: the negative of one board is connected to the positive of the next. voltage adds, so the supply must be 2x the voltage for 2 boards. x y 0.3408 0.3461 0.3485 0.3520 0.3416 0.3585 0.3499 0.3644 5000k 3 step macadams ellipse thomas research products ? 1215 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of 98023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X