Part Number Hot Search : 
LT3695 4H087B MS5F5 20457 9000AM 101M35 SMA33 BA10393
Product Description
Full Text Search
 

To Download 3613007U1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information please call 1-800-belden1 general description: cat6+ (400mhz), 4-pair, u/utp-unshielded, plenum-cmp, premise horizontal cable, 23 awg solid bare copper conductors, dual frpo/fep insulation, patented x-spline center member, rip cord, flamarrest? pvc jacket. usage (overall) suitable applications: premise horizontal cable, gigabit ethernet, 100basetx, 100basevg anylan, 155atm, 622atm, ntsc/pal component or composite video, aes/ebu digital audio, aes51, rs-422, noisy environments physical characteristics (overall) conductor awg: # pairs awg stranding conductor material 4 23 solid bc - bare copper total number of conductors: 8 insulation insulation material: insulation material frpo/fep - flame retardant polyolefin/fluorinated ethylene propylene outer shield outer shield material: outer shield material unshielded outer jacket outer jacket material: outer jacket trade name outer jacket material nom. wall thickness (in.) flamarrest(r) ls pvc - low smoke polyvinyl chloride 0.017 outer jacket diameter: nom. dia. (in.) 0.235 outer jacket ripcord: yes overall cable overall cabling separator material: patented x-spline center member overall nominal diameter: 0.235 in. pair pair color code chart: number color 1 white/blue stripe & blue 2 white/orange stripe & orange 3 white/green stripe & green 4 white/brown stripe & brown mechanical characteristics (overall) storage temperature range: -20c to +75c installation temperature range: +5c to +50c operating temperature range: 0c to +75c ul temperature rating: 75c bulk cable weight: 32 lbs/1000 ft. max. recommended pulling tension: 45 lbs. min. bend radius/minor axis: 0.750 in. page 1 of 4 01-09-2015 detailed specifications & technical data english measurement version 3613 multi-conductor - enhanced category 6 nonbonded-pair cable
min. bend/installation: 2.250 in. applicable specifications and agency compliance (overall) applicable standards & environmental programs nec/(ul) specification: cmp cec/c(ul) specification: cmp eu directive 2011/65/eu (rohs ii): yes other standards: iso/iec 11801 ed 2.1 (2008) class e eu ce mark: yes eu directive 2000/53/ec (elv): yes eu directive 2002/95/ec (rohs): yes eu rohs compliance date (mm/dd/yyyy): 04/03/2009 eu directive 2002/96/ec (weee): yes eu directive 2003/11/ec (bfr): yes ca prop 65 (cj for wire & cable): yes mii order #39 (china rohs): yes telecommunications standards: category 6 - tia 568.c.2 other specification: 6 applicable patents: country www.belden.com/p flame test ul flame test: nfpa 262 c(ul) flame test: ft6 suitability suitability - indoor: yes suitability - outdoor: no suitability - aerial: no suitability - burial: no sunlight resistance: no plenum/non-plenum plenum (y/n): yes non-plenum number: 3612 electrical characteristics (overall) nom. mutual capacitance: capacitance (pf/ft) 15.5 maximum capacitance unbalance (pf/100 m): 330 nominal velocity of propagation: vp (%) 70.000 maximum delay: freq. (mhz) delay (ns/100 m) 100.000 537.600 typical delay skew: delay skew (ns/ft) 35.000 maximum conductor dc resistance: dcr @ 20c (ohm/100 m) 7.700 max. operating voltage - ul: voltage 300 v rms maximum dcr unbalanced: dcr unbalance @ 20c (%) page 2 of 4 01-09-2015 detailed specifications & technical data english measurement version 3613 multi-conductor - enhanced category 6 nonbonded-pair cable
3.000 electrical characteristics-premise (overall) premise cable electrical table 1: freq. (mhz) max. attenuation (db/100 m) min. next (db) min. psnext (db) min. acr (db) min. psacr (db) min rl (db) 0.772 1.800 81.0 81.0 79.2 79.2 1 2.000 79.3 79.3 77.3 77.3 20.000 4 3.700 70.3 70.3 66.6 66.6 23.000 8 5.200 65.8 65.8 60.6 60.6 24.500 10 5.800 64.3 64.3 58.5 58.5 25.000 16 7.400 61.2 61.2 53.9 53.9 25.000 20 8.300 59.8 59.8 51.5 51.5 25.000 25 9.300 58.3 58.3 49.1 49.1 24.300 31.25 10.400 56.9 56.9 46.5 46.5 23.600 62.5 15.000 52.4 52.4 37.4 37.4 21.500 100 19.300 49.3 49.3 30.0 30.0 20.800 155 24.600 46.4 46.4 21.8 21.8 19.500 200 28.300 44.8 44.8 16.5 16.5 18.700 250 32.100 43.3 43.3 11.2 11.2 18.000 300 35.600 42.1 42.1 6.5 6.5 17.500 350 38.900 41.1 41.1 2.3 2.3 17.000 400 42.000 38.3 38.3 -3.7 -3.7 16.600 450 45.000 37.5 37.5 16.200 500 47.900 36.8 36.8 15.900 550 50.600 36.2 36.2 15.600 600 53.300 35.6 35.6 15.400 650 55.900 35.1 35.1 15.100 premise cable electrical table 2: freq. (mhz) input (unfitted) imp. (ohms) min. acrf (db) min. psacrf (db) .772 75.0 73.0 1 100 15 72.8 70.8 4 100 15 60.8 58.8 8 100 15 54.7 52.7 10 100 15 52.8 50.8 16 100 15 48.7 46.7 20 100 15 46.8 44.8 25 100 15 44.8 42.8 31.25 100 15 42.9 40.9 62.5 100 15 36.9 34.9 100 100 15 32.8 30.8 155 100 22 28.9 26.9 200 100 22 26.8 24.8 250 100 32 24.8 22.8 300 100 32 23.3 21.3 350 100 32 21.9 19.9 400 100 32 20.8 18.8 450 100 32 19.7 17.7 500 100 32 18.8 16.8 550 100 32 18.0 16.0 600 100 32 17.2 15.2 650 100 32 16.5 14.5 premise cable electrical table 4: frequency (mhz) min. tcl (db) min. eltctl (db) 0.772 40.000 37.200 1.000 40.000 35.000 4.000 40.000 23.000 8.000 40.000 16.900 10.000 40.000 15.000 16.000 38.000 10.900 20.000 37.000 9.000 25.000 36.000 7.000 31.250 35.100 62.500 32.000 100.000 30.000 155.000 28.100 200.000 27.000 page 3 of 4 01-09-2015 detailed specifications & technical data english measurement version 3613 multi-conductor - enhanced category 6 nonbonded-pair cable
250.000 26.000 notes (overall) notes: jacket sequentially marked at 2 ft./1m intervals. third party verified to ansi/tia-568-c.2 category 6. values above 400 mhz are for engineering information only. put ups and colors: item # putup ship weight color notes item desc 3613 d15a1000 1,000 ft 33.000 lb blue cat6e 4pr u/utp cmp rib 3613 d15u1000 1,000 ft 30.000 lb blue cat6e 4pr u/utp cmp box 3613 d151000 1,000 ft 30.000 lb blue cat6e 4pr u/utp cmp reel 3613 d152500 2,500 ft 70.000 lb blue cat6e 4pr u/utp cmp reel 3613 002a1000 1,000 ft 33.000 lb red cat6e 4pr u/utp cmp rib 3613 003a1000 1,000 ft 33.000 lb orange cat6e 4pr u/utp cmp rib 3613 003u1000 1,000 ft 30.000 lb orange cat6e 4pr u/utp cmp box 3613 0031000 1,000 ft 30.000 lb orange cat6e 4pr u/utp cmp reel 3613 004a1000 1,000 ft 33.000 lb yellow cat6e 4pr u/utp cmp rib 3613 004u1000 1,000 ft 30.000 lb yellow cat6e 4pr u/utp cmp box 3613 0041000 1,000 ft 30.000 lb yellow cat6e 4pr u/utp cmp reel 3613 0042500 2,500 ft 70.000 lb yellow cat6e 4pr u/utp cmp reel 3613 005a1000 1,000 ft 33.000 lb green, dark cat6e 4pr u/utp cmp rib 3613 005u1000 1,000 ft 30.000 lb green, dark cat6e 4pr u/utp cmp box 3613 0051000 1,000 ft 30.000 lb green, dark cat6e 4pr u/utp cmp reel 3613 0052500 2,500 ft 70.000 lb green, dark cat6e 4pr u/utp cmp reel 3613 007a1000 1,000 ft 33.000 lb violet cat6e 4pr u/utp cmp rib 3613 007u1000 1,000 ft 30.000 lb violet cat6e 4pr u/utp cmp box 3613 008a1000 1,000 ft 33.000 lb gray cat6e 4pr u/utp cmp rib 3613 008u1000 1,000 ft 30.000 lb gray cat6e 4pr u/utp cmp box 3613 0081000 1,000 ft 30.000 lb gray cat6e 4pr u/utp cmp reel 3613 009a1000 1,000 ft 33.000 lb white cat6e 4pr u/utp cmp rib 3613 009u1000 1,000 ft 30.000 lb white cat6e 4pr u/utp cmp box 3613 0091000 1,000 ft 30.000 lb white cat6e 4pr u/utp cmp reel 3613 0092500 2,500 ft 70.000 lb white cat6e 4pr u/utp cmp reel 3613 010a1000 1,000 ft 33.000 lb black cat6e 4pr u/utp cmp rib 3613 010u1000 1,000 ft 30.000 lb black cat6e 4pr u/utp cmp box 3613 0101000 1,000 ft 30.000 lb black cat6e 4pr u/utp cmp reel 3613 0102500 2,500 ft 70.000 lb black cat6e 4pr u/utp cmp reel 3613 012a1000 1,000 ft 33.000 lb pink cat6e 4pr u/utp cmp rib revision number: 10 revision date: 02-27-2014 ? 2015 belden, inc all rights reserved. although belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not ensure product availability. belden provides the information and specifications herein on an "as is" basis, with no representations or warranties, whether express, statutory or implied. in no event will belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if belden has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. all sales of belden products are subject to belden's standard terms and conditions of sale. belden believes this product to be in compliance with eu rohs (directive 2002/95/ec, 27-jan-2003). material manufactured prior to the compliance date may be in stock at belden facilities and in our distributors inventory. the information provided in this product disclosure, and the identification of materials listed as reportable or restricted within the product disclosure, is correct to the best of beldens knowledge, information, and belief at the date of its publication. the information provided in this product disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. this product disclosure is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. belden declares this product to be in compliance with eu lvd (low voltage directive 73/23/eec), as amended by directive 93/68/eec. page 4 of 4 01-09-2015 detailed specifications & technical data english measurement version 3613 multi-conductor - enhanced category 6 nonbonded-pair cable


▲Up To Search▲   

 
Price & Availability of 3613007U1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X