Part Number Hot Search : 
FQPF3P50 4728A LTP747Y C1812 ST626 30L30 50224 620BPI01
Product Description
Full Text Search
 

To Download 2SB1182-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2s b 1 182-p pnp silicon epitaxial transistors features x  l ow collector saturation voltage x  execllent current-to-gain characteristics maximum ratings symbol rating rating unit v ceo collector-emitter v oltage - 32 v v cbo collector-base voltage - 4 0 v v ebo emitter-base voltage - 5 .0 v i c collector cur r ent -2.0 a p c co l lector p ower dissipation 1. 5 w t j junction temperature 150 : t stg storage temperature -55 to +150 : electrical characteristics @ 25 : unless otherwise specified symbol parameter min typ max units v (b r ) c b o co l lector - base breakdow n v oltage (i c = -5 0 u ad c , i e =0) - 4 0 --- -- - v d c i cbo collector-base cutoff current (v c b = -2 0v d c , i e =0) -- - --- - 1 . 0 u a d c i ebo emitter-base cutoff current (v e b = -4 vdc, i c =0) -- - --- - 1 . 0 u a d c h fe(1) dc current gain (i c = - 0.5adc, v c e = - 3 .0v d c ) 82 --- 39 0 -- - v ce(sat) collector-emitter saturation voltage (i c = -2 adc, i b = - 200m adc ) -- - --- - 0.8 v dc f t transition frequency (v c e = -5 vdc, i c = -500m adc ,f=30mhz ) 1 0 0 --- mhz c ob collector output capacitance (v c b = -1 0vdc, i e =0, f=1.0mh z ) -- - 5 0 --- pf revision: b 20 1 3 /0 1 /0 1   
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components classification of h fe (1) rank p q r range 82 -18 0 120-270 180-390 w w w. m c c se m i .c om 1 of 4 2s b 1182 - q 2s b 1 1 82 - r v (b r ) c e o co l lector - e m itter breakdow n v oltage (i c = - 1mad c , i b =0) - 32 --- -- - v d c v (b r ) e b o e m itter -base breakdow n v oltage (i e = -50u ad c , i c =0) - 5 --- -- - v d c dpak epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 dimensions mm dim min max min max note a 0.087 0.094 2.20 2.40 b 0.000 0.005 0.00 0.13 c 0.026 0.034 0.66 0.86 d 0.018 0.023 0.46 0.58 e 0.256 0.264 6.50 6.70 f 0.201 0.215 5.10 5.46 g 0.190 4.83 h 0.236 0.244 6.00 6.20 j 0.386 0.409 9.80 10.40 p i n 1 . base pin 2 . 4 collector p i n 3 . emitter inches o 0.043 0.051 1.10 1.30 q a d b l g v k c i j h o m f 12 3 i 0.086 0.094 2.18 2.39 k 0.114 2.90 4 e m 0.063 1.60 l 0.055 0.067 1.40 1.70q 0.000 0.012 0.00 0.30 v 0.211 5.35 h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
revision: b 20 1 3 /0 1 /0 1 m cc tm micro commercial components w w w. m c c se m i .c om 2 of 4 2s b 1 182 downloaded from: http:///
revision: b 20 1 3 /0 1 /0 1 m cc tm micro commercial components w w w. m c c se m i .c om 3 of 4 2s b 1 182 downloaded from: http:///
m cc revision: b 20 1 3 /0 1 / 0 1 tm micro commercial components w w w. m c c se m i .c om of d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 2 . 5 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SB1182-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X