Part Number Hot Search : 
00850 1766136 C122F1 TD112 00090 ADXRS623 MMBT5 NTE2976
Product Description
Full Text Search
 

To Download 2SA1694G-O-T3N-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 2sa1694 pnp epitaxial silicon transistor www.unisonic.com.tw 1 of 4 copyright ? 2013 unisonic technologies co., ltd qw-r214-016.c silicon pnp epitaxial planar transistor ? description the utc 2sa1694 is a silicon pnp epitaxial planar transistor, it uses utc?s advanced technology to provide the customers with high dc current gain and high collector-base breakdown voltage, etc. the utc 2sa1694 is suitable for audio and general purpose, etc. ? features * high dc current gain * high collector-base breakdown voltage ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 2sa1694l-x-t3p-t 2sa1694g-x-t3p-t to-3p b c e tube 2sa1694l-x-t3n-t 2sa1694g-x-t3n-t to-3pn b c e tube note: pin assignment: b: base c: collector e: emitter
2sa1694 pnp epitaxial silicon transistor unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r214-016.c ? absolute maximum ratings (t a =25 c) parameter symbol ratings unit collector-base voltage v cbo -120 v collector-emitter voltage v ceo -120 v emitter-base voltage v ebo -6 v collector current i c -8 a base current i b -3 a collector power dissipation (t c =25c) p c 80 w junction temperature t j 150 c storage temperature t stg -55 ~150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c) parameter symbol test conditions min typ max unit collector cut-off current i cbo v cb =-120v -10 a emitter cut-off current i ebo v eb =-6v -10 a collector-emitter breakdown voltage bv ceo i c =-50ma -120 v dc current gain h fe v ce =-4v, i c =-3a 50 180 collector-emitter satu ration voltage v ce ( sat ) i c =-3a, i b =-0.3a -1.5 v current gain bandwidth product f t v ce =-12v, i e =0.5a 20 mhz output capacitance c ob v cb =-10v, f=1mhz 300 pf switching time turn-on time t on v cc =-40v, r l =10 ? , i c =-4a, i b1 =0.4a i b2 =0.4a 0.14 s storage time t s 1.40 s fall time t f 0.21 s ? classification of h fe rank o p y range 50~100 70~140 90~180
2sa1694 pnp epitaxial silicon transistor unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r214-016.c ? test circuit
2sa1694 pnp epitaxial silicon transistor unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r214-016.c ? typical characteristics collector current, -i c (ua) collector current, -i c (ma) emitter current, -i e (ua) collector current, -i c (a) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 2SA1694G-O-T3N-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X