Part Number Hot Search : 
IRF131 2N675 A1011 MBH6045C 0M106 UPD4713 SF163 ES100
Product Description
Full Text Search
 

To Download 1SS419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1SS419 2007-11-01 1 toshiba diode silicon epitaxial schottky barrier type 1SS419 high-speed switching applications ? small package ? low forward voltage: v f (3) = 0.56 v (typ.) ? low reverse current: i r = 5 a (max) absolute maximum ratings (ta = 25c) characteristic symbol rating unit maximum (peak) reverse voltage v rm 45 v reverse voltage v r 40 v maximum (peak) forward current i fm 200 ma average forward current i o 100 ma surge current (10 ms) i fsm 1 a power dissipation p * 100 mw junction temperature t j 125 c storage temperature range t stg ?55~125 c operating temperature range t opr ?40~100 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability signific antly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). * mounted on a glass-epoxy circuit board of 20 20 mm, pad dimensions of 4 4 mm. electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit v f (1) i f = 1 ma D 0.28 D v f (2) i f = 10 ma D 0.36 D forward voltage v f (3) i f = 50 ma D 0.56 0.62 v reverse current i r v r = 40 v D D 5 a total capacitance c t v r = 0, f = 1 mh z D 15 D pf equivalent circuit (top view) marking cathode mark jedec D jeita D toshiba 1-1k1a weight: 0.0011 g (typ.) unit: mm x
1SS419 2007-11-01 2 0 0 0 0 0 1 10 100 010203040 100u 10u 1u 100n 10n 1n 100p 10p ta=100c 75 50 25 0 -25 if - vf 0.1 1 10 100 0 0.2 0.4 0.6 0.8 forword voltage vf (v) forward current if (ma) -25 25 ta = 100c ct - vr 0.1 1 10 100 0 1 02 03 04 0 reverse voltage vr (v) total capacitance ct (pf) ta = 25c f = 1mhz p - ta 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 ambient temperature ta (c) power dissipation p (mw) mounted on a glass glass- epoxy circuit board of 20 x 20 mm, pad dimensions of 4 x 4 mm. ir ? vr reverse voltage vr (v) reverse current ir (a)
1SS419 2007-11-01 3 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale fo r product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of 1SS419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X