Part Number Hot Search : 
TST1284B TA0826A 7C126 FAN3122C CM7214 584A5 A2240 LCE20
Product Description
Full Text Search
 

To Download 10X-4-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4600x series - thick film conformal sips specifications are subject to change without notice. customers should verify actual device performance in their specific applications. product characteristics resistance range ......................10 ohms to 10 megohms maximum operating voltage..........100 v temperature coefficient of resistance 50 ? to 2.2 m ? ................?00 ppm/? below 50 ? ......................?50 ppm/? above 2.2 m ? ..................?50 ppm/? tcr tracking .........................50 ppm/? maximum; equal values resistor tolerance ................see circuits insulation resistance ..................10,000 megohms minimum dielectric withstanding voltage .............................................200 vrms operating temperature .................................-55 ? to +125 ? environmental characteristics tests per mil-std-202......... ? r max. short time overload..................?.25 % load life ....................................?.00 % moisture resistance ..................?.50 % resistance to soldering heat ....?.25 % terminal strength.......................?.25 % thermal shock...........................?.25 % physical characteristics flammability .........conforms to ul94v-0 body material........................epoxy resin standard packaging ....................bulk, ammo-pak available watts ambient temperature ( c ) 0 70 125 3.50 3.00 2.50 2.00 1.50 1.00 .50 25 4612x 4608x 4606x 4614x 4604x 4610x package power ratings (watts) ambient ambient temperature temperature pkg. 70 c pkg. 70 c 4604x 0.50 4610x 1.25 4605x 0.63 4611x 1.38 4606x 0.75 4612x 1.50 4607x 0.88 4613x 1.63 4608x 1.00 4614x 1.75 4609x 1.13 a maximum pin #1 ref. 5.08 (.200) max. 3.43 +.38/ -.508 (.135 +.015/ -.020) 1.24 (.049) max. both ends .508 .050 (.020 .002) typ. 2.54 .07 (.100 .003*) typ. non-accum. 2.49 (.098) max. .254 .050 (.010 .002) max. maximum package length is equal to 2.54mm (.100") times the number of pins, less .005mm (.002"). governing dimensions are in metric. dimensions in parentheses are inches and are approximate. *terminal centerline to centerline measurements made at point of emergence of the lead from the body. number of pins 6x-2-222 yyww circuit resistance code pin one indicator manufacturer's trademark date code typical part marking represents total content. layout may vary. how to order 46 06 x - 101 - 222 __ __ model (46 = conformal sip) number of pins physical configuration (x = thick film low profile) electrical configuration 101 = bussed 102 = isolated 104 = dual terminator ap1 = bussed ammo** ap2 = isolated ammo** ap4 = dual ammo** resistance code first 2 digits are significant third digit represents the number of zeros to follow. resistance tolerance blank = ? % (see ?esistance tolerance? on next page for resistance range) f = ? % (100 ohms - 5 megohms) terminations all electrical configurations except 104 & ap4: lf = tin-plated (lead free) only electrical configurations 104 & ap4: l = tin-plated (lead free) blank = tin/lead-plated consult factory for other available options. **available for packages with 10 pins or less. part number part number 4606x-101-rc 6x-1-rc 4608x-102-rc 8x-2-rc 4610x-104-rc/rc 10X-4-RC/rc rc = ohmic value, 3-digit resistance code. pin a maximum count mm (inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) package power temp. derating curve product dimensions features lead free version available (see how to order termination option) rohs compliant (lead free version)* low profile is compatible with dips wide assortment of pin packages enhances design flexibility ammo-pak packaging available recommended for rosin flux and solvent clean or no clean flux processes marking on contrasting background for permanent identification lead free versions are rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. isolated resistors (102 circuit) model 4600x-102-rc 4, 6, 8, 10, 12, 14 pin bussed resistors (101 circuit) model 4600x-101-rc 4 through 14 pin dual terminator (104 circuit) model 4600x-104-r1/r2 4 through 14 pin 1 4 6 12 14 ... 1 14 1 8 r2 r1 r2 r1 r2 r1 r2 r1 r2 r1 r2 r1 these models incorporate 2 to 7 isolated thick-film resistors of equal value, each connected between two pins. resistance tolerance 10 ohms to 49 ohms ...................? ohm 50 ohms to 5 megohms.................? %* above 5 megohms..........................? % power rating per resistor at 70 ? ...................................0.30 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 these models incorporate 3 to 13 thick-film resistors of equal value, each connected between a common bus (pin 1) and a separate pin. resistance tolerance 10 ohms to 49 ohms ...................? ohm 50 ohms to 5 megohms.................? %* above 5 megohms..........................? % power rating per resistor at 70 ? ...................................0.20 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 the 4608x-104 (shown above) is an 8- pin configuration and terminates 6 lines. pins 1 and 8 are common for ground and power, respectively. twelve thick-film resistors are paired in series between the common lines (pins 1 and 8). resistance tolerance below 100 ohms........................? ohms 100 ohms to 5 megohms...............? %* above 5 megohms..........................? % power rating per resistor at 70 ? ...................................0.20 watt power temperature derating curve watts ambient temperature ( c ) 0 70 125 .50 .40 .30 .20 .10 25 .60 popular resistance values (101, 102 circuits) ** * 1 % tolerance is available by adding suffix code f after the resistance code. **non-standard values available, within resistance range. ohms code ohms code ohms code ohms code ohms code 10 100 180 181 1,800 182 15,000 153 120,000 124 22 220 220 221 2,000 202 18,000 183 150,000 154 27 270 270 271 2,200 222 20,000 203 180,000 184 33 330 330 331 2,700 272 22,000 223 220,000 224 39 390 390 391 3,300 332 27,000 273 270,000 274 47 470 470 471 3,900 392 33,000 333 330,000 334 56 560 560 561 4,700 472 39,000 393 390,000 394 68 680 680 681 5,600 562 47,000 473 470,000 474 82 820 820 821 6,800 682 56,000 563 560,000 564 100 101 1,000 102 8,200 822 68,000 683 680,000 684 120 121 1,200 122 10,000 103 82,000 823 820,000 824 150 151 1,500 152 12,000 123 100,000 104 1,000,000 105 popular resistance values (104 circuit) ** resistance (ohms) code r 1 r 2 r 1 r 2 160 240 161 241 180 390 181 391 220 270 221 271 220 330 221 331 330 390 331 391 330 470 331 471 3,000 6,200 302 622 4600x series - thick film conformal sips rev. 01/05 for information on specific applications, download bourns application notes: dram applications dual terminator resistor networks r/2r ladder networks scsi applications


▲Up To Search▲   

 
Price & Availability of 10X-4-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X