Part Number Hot Search : 
A1318 LPC47N 380011 BGY587B ACS32K 00568 M62417SP LT1676
Product Description
Full Text Search
 

To Download 0766805006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/10/2016 please check www.molex.com for latest part information part number: 0766805006 status: active overview: gbx i-trac? backplane connector system description: gbx i-trac? nxt right-angle daughtercard module, 1.85mm by 3.70mm pitch, right guide, 11 rows, 6 columns, 132 circuits documents: 3d model packaging specification pk-70873-609 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-75710-999 (pdf) agency certification ul e29179 general product family backplane connectors series 76680 application coplanar, daughtercard component type pcb receptacle overview gbx i-trac? backplane connector system product name gbx i-trac? upc 883906577476 physical circuits (loaded) 132 circuits (maximum) 132 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 22.846/g number of columns 6 number of pairs open pin field number of rows 11 orientation right angle pc tail length 1.30mm pcb locator yes pcb retention yes pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.85mm, 3.70mm pitch - termination interface 1.00mm, 2.70mm plating min - mating 0.762m plating min - termination 0.762m polarized to pcb yes stackable yes surface mount compatible (smc) yes temperature range - operating -55c to +80c termination interface: style through hole - compliant pin electrical series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/79/2015 (17 december 2015) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant search parts in this series 76680 series mates with 75705-5603 gbx i-trac? vertical header
current - maximum per contact 1.0a data rate 12.0 gbps shield type n/a shielded no voltage - maximum 120v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers packaging specification pk-70873-609 product specification ps-75710-999 sales drawing sd-76680-004 this document was generated on 06/10/2016 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0766805006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X