Part Number Hot Search : 
31ILPR 74LVCH 2CWCDG2 MUR1520 TF202 RPM7138 XSD411 TK65922
Product Description
Full Text Search
 

To Download TS321IYLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2014 docid6298 rev 9 1 / 15 this is information on a product in full production. www.st.com ts321 low - power single operational amplifier datasheet - production data features ? large output voltage swing ? 0 to 3.5 v min (v cc = 5 v) ? low supply current: 500 a ? low input bias current: 20 na ? low input offset voltage ? 2 mv max. for ts321a ? 4 mv max. for ts321 ? wide power supply range ? single supply: 3 to 30 v ? dual supplies: 1.5 to 15 v ? stable with high capacitive loads description the ts321 device is intended for cost - sensitive applications where space - saving is of great importance. this bipolar operational amplifier (op amp) offers the benefits of a reduced component size (sot23 - 5 package) wi th specifications that match (or are better than) industry standard devices (such as the popular lm358a, lm324, and other similar devices). the ts321 device has an input common mode range (vicm) that includes ground and therefore can be employed in single supply applications. s o t 23- 5 ( p l a s t i c pa c k ag e ) p i n c o n n ect i on s (t o p v i ew )
contents ts321 2 / 15 docid6298 rev 9 contents 1 schematic diagram .......................................................................... 3 2 absolute maximum ratings and op erating conditions ................. 4 3 electrical characteristics ................................................................ 5 4 macromodel ..................................................................................... 8 4.1 important note concerning this macromodel ..................................... 8 4.2 macromodel code .............................................................................. 8 4.3 electrical characteristics of the macromodel ................................... 10 5 package information ..................................................................... 11 5.1 sot23 - 5 package information ........................................................ 12 6 ordering information ..................................................................... 13 7 revision history ............................................................................ 14
ts321 schematic diagram docid6298 rev 9 3 / 15 1 schematic diagram figure 1 : schematic diagram t
absolute maximum ratings and operating conditions ts321 4 / 15 docid6298 rev 9 2 absolute maximum ratings and operating conditions table 1: absolute maximum ratings symbol parameter value unit v cc + supply voltage 16 to 32 v v in input voltage - 0.3 to 32 v id differential input voltage 32 output short - circuit duration (1) infinite i in input current (2) 50 ma t stg storage temperature range - 65 to 150 c t j maximum junction temperature 150 r thja thermal resistance junction -to - ambient (3) 250 c/w r thjc thermal resistance junction -to - case (3) 81 esd hbm: human body model (4) 500 v mm: machine model (5) 200 cdm: charged device model (6) 1000 notes: (1) short - circuits from the output to v cc can cause excessive heating if v cc > 15 v. the maximum output current is approximately 40 ma independent of the magnitude of v cc . (2) this input current only exists when the voltage at any of the input leads is driven negative. it is due to the collector - base junction of the input pnp transis tor becoming forward biased and thereby acting as input diodes clamps. in addition to this diode action, there is also npn parasitic action on the ic chip. this transistor action can cause the output voltages of the op amp to go to the v cc voltage level (o r to ground for a large overdrive) for the time during which an input is driven negative. this is not destructive and normal output is restored when the input voltage goes back above - 0.3 v. (3) short - circuits can cause excessive heating. destructive dissip ation can result from simultaneous short - circuits on all amplifiers. all values are typical. (4) human body model: a 100 pf capacitor is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the device. this is done for all couples of connected pin combinations while the other pins are floating. (5) machine model: a 200 pf capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal r esistor < 5 ). this is done for all couples of connected pin combinations while the other pins are floating. (6) charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to ground through onl y one pin. this is done for all pins. table 2: operating conditions symbol parameter value unit v cc + supply voltage 3 to 30 v v icm input common mode voltage range (v cc + = 30 v) t amb = 25 c 0 to (v cc + ) - 1.5 t min t amb t max 0 to (v cc + ) - 2 t oper operating free air temperature range - 40 to 125 c
ts321 electrical characteristics docid6298 rev 9 5 / 15 3 electrical characteristics table 3: electrical characteristics at v cc + = 5 v, v cc - = ground, v o = 1.4 v, t amb = 25 c (unless otherwise specified) symbol parameter test conditions min. typ. max. unit v io input offset voltage (1) ts321 0.5 4 mv ts321a 2 t min t amb t max , ts321 5 t min t amb t max , ts321a 3 i io input offset current 2 30 na t min t amb t max 50 i ib input bias current (2) 20 150 t min t amb t max 200 a vd large signal voltage gain v cc + = 15 v, r l = 2 k, v o = 1.4 to 11.4 v 50 100 v/mv t min t amb t max , v cc + = 15 v, r l = 2 k, v o = 1.4 to 11.4 v 25 svr supply voltage rejection ratio r s 10 k, v cc + = 5 to 30 v 65 110 db i cc supply current, no load v cc + = 5 v 500 800 a v cc + = 30 v 600 900 t min t amb t max , v cc + = 5 v 600 900 t min t amb t max , v cc + = 30 v 1000 cmr common mode rejection ratio r s 10 k 65 85 db i source output current source v id = 1 v, v cc + = 15 v, v o = 2 v 20 40 ma i sink output sink current v id = - 1 v, v cc + = 15 v, v o = 2 v 10 20 ma v id = - 1 v, v cc + = 15 v, v o = 0.2 v 12 50 a i o short - circuit to ground v cc + = 15 40 60 ma v oh high - level output voltage v cc + = 30 v, r l = 2 k 26 27 v t min t amb t max , v cc + = 30 v, r l = 2 k 25.5 v cc + = 30 v, r l = 10 k 27 28 t min t amb t max , v cc + = 30 v, r l = 10 k 26.5 v cc + = 5 v, r l = 2 k 3.5 t min t amb t max , v cc + = 5 v, r l = 2 k 3 v ol low level output voltage r l = 10 k 5 15 mv t min t amb t max , r l = 10 k 20 sr slew rate v cc + = 15 v, v i = 0.5 to 3 v, r l = 2 k, c l = 100 pf, unity gain 0.4 v/s
electrical characteristics ts321 6 / 15 docid6298 rev 9 n v h z - - -- - - - -- - - - symbol parameter test conditions min. typ. max. unit gbp gain bandwidth product v cc + = 30 v, f = 100 khz, v in = 10 mv, r l = 2 k, c l = 100 pf 0.8 mhz ?m phase margin 60 degrees thd total harmonic distortion f = 1 khz, a v = 20 db, r l = 2 k, v o = 2 v pp , c l = 100 pf, v cc + = 30 v 0.015 % en equivalent input noise voltage f = 1 khz, r s = 100 , v cc + = 30 v 40 notes: (1) v o = 1.4 v, r s = 0 , 5 v < (v cc + ) < 30 v, 0 < v icm < (v cc + ) - 1.5 v (2) the direction of the input current is out of the ic. this current is essentially constant and independent of the state of the output. therefore, there is no change in the load on the input lines. figure 2 : current consumption versus temperature figure 3 : ac - coupled inverting amplifier figure 4 : non - inverting dc gain figure 5 : ac - coupled non- inverting amplifier v
ts321 electrical characteristics docid6298 rev 9 7 / 15 figure 6 : dc summing amplifier
macromodel ts321 8 / 15 docid6298 rev 9 4 macr omodel 4.1 important note concerning this macromodel please not the following points before using this macromodel ? all models are a trade - off between accuracy and complexity (that is, simulation time) ? macromodels are not a substitute for breadboarding, rather, they confirm the validity of a design approach and help to select surrounding component values . ? a macromodel emulates the nominal performance of a typical device within specified operating conditions (for example, temperature and supply voltage). thus, the macromodel is often not as exhaustive as the datasheet. its purpose is to illustrate the main parameters of the product. data derived from macromodels used outside the specified conditions (for example, v cc and temperature) or even worse, outside of the device?s operating conditions (for example, v cc and vicm), are not reliable in any way. 4.2 macromo del code ** standard linear ics macromodels, 1993. ** connections : * 1 inverting input * 2 non-inverting input * 3 output * 4 positive power supply * 5 negative power supply .subckt ts321 1 2 3 4 5 *************************** .model mdth d is=1e-8 kf=3.104131e-15 cjo=10f * input stage cip 2 5 1.000000e-12 cin 1 5 1.000000e-12 eip 10 5 2 5 1 ein 16 5 1 5 1 rip 10 11 2.600000e+01 rin 15 16 2.600000e+01 ris 11 15 2.003862e+02 dip 11 12 mdth 400e-12 din 15 14 mdth 400e-12 vofp 12 13 dc 0 vofn 13 14 dc 0 ipol 13 5 1.000000e-05 cps 11 15 3.783376e-09 dinn 17 13 mdth 400e-12
ts321 macromodel docid6298 rev 9 9 / 15 vin 17 5 0.000000e+00 dinr 15 18 mdth 400e-12 vip 4 18 2.000000e+00 fcp 4 5 vofp 3.400000e+01 fcn 5 4 vofn 3.400000e+01 fibp 2 5 vofn 2.000000e-03 fibn 5 1 vofp 2.000000e-03 * amplifying stage fip 5 19 vofp 3.600000e+02 fin 5 19 vofn 3.600000e+02 rg1 19 5 3.652997e+06 rg2 19 4 3.652997e+06 cc 19 5 6.000000e-09 dopm 19 22 mdth 400e-12 donm 21 19 mdth 400e-12 hopm 22 28 vout 7.500000e+03 vipm 28 4 1.500000e+02 honm 21 27 vout 7.500000e+03 vinm 5 27 1.500000e+02 eout 26 23 19 5 1 vout 23 5 0 rout 26 3 20 cout 3 5 1.000000e-12 dop 19 25 mdth 400e-12 vop 4 25 2.242230e+00 don 24 19 mdth 400e-12 von 24 5 7.922301e-01 .ends
macromodel ts321 10 / 15 docid6298 rev 9 4.3 electrical characteristics of the macromodel table 4: electrical characteristics at v cc + = 3 v, v cc - = 0 v, r l and c l connected to v cc /2, t amb = 25 c (unless otherwise s pecified) symbol conditions value unit v io 0 mv a vd r l = 2 k 100 v/mv i cc no load, per operator 300 a v icm 0 to 3.5 v v oh r l = 2 k 3.5 v v ol 5 mv i os v o = 0 v 40 ma gbp r l = 2 k, c l = 100 pf 0.8 mhz sr 0.4 v/s ?m 60 degrees
ts321 package information docid6298 rev 9 11 / 15 5 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ec opack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package information ts321 12 / 15 docid6298 rev 9 5.1 sot23 - 5 package information figure 7 : sot23 - 5 package mechanical drawing table 5: sot23 - 5 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.90 1.20 1.45 0.035 0.047 0.057 a1 0.15 0.006 a2 0.90 1.05 1.30 0.035 0.041 0.051 b 0.35 0.40 0.50 0.014 0.016 0.020 c 0.09 0.15 0.20 0.004 0.006 0.008 d 2.80 2.90 3.00 0.110 0.114 0.118 d1 1.90 0.075 e 0.95 0.037 e 2.60 2.80 3.00 0.102 0.110 0.118 f 1.50 1.60 1.75 0.059 0.063 0.069 l 0.10 0.35 0.60 0.004 0.014 0.024 k 0 degrees 10 degrees 0 degrees 10 degrees
ts321 ordering information docid6298 rev 9 13 / 15 6 ordering information table 6: order codes order code temperature range package packaging marking ts321ilt - 40 c to 125 c sot23 -5 tape and reel k401 ts321ailt k402 TS321IYLT (1) k406 ts321aiylt (1) k407 notes: (1) qualified and characterized according to aec q100 and q003 or equivalent, advanced screening according to aec q001 and q 002 or equivalent.
revision history ts321 14 / 15 docid6298 rev 9 7 revision history table 7: document revision history date revision changes 30- jun - 2001 1 initial release 04- jul - 2005 2 ppap references inserted in the datasheet, see order codes table. esd protection inserted in table 1: absolute maximum ratings . 06- sep - 2005 3 correction of errors in package names and markings in order codes table. minor grammatical and formatting corrections. 12- dec - 2005 4 missing ppap references inserted, see order codes table. thermal resistance junction to ambient and thermal resistance junction to case information added in table 1: absolute maximum ratings . macromodel updated see section 4: macromodel . 08- nov -2007 5 added cdm value for so - 8 in table 1: absolute maximum ratings . added tj value in table 1: absolute maximum ratings . macromodel updated see section 4: macromodel . reformatted package information. added footnote in table 7 : order codes . removed ts321iyd/iydt and ts321aiyd/aiydt order codes. 08- jul - 2008 6 added cdm value for sot23 - 5 package in table 1: absolute maximum ratings . 10- may -2010 7 updated package information in chapter 5 . 12- sep - 2010 8 qualified status of TS321IYLT and ts321aiylt order codes in table 7: order codes , minor corrections throughout document. 12- nov -2014 9 removed so8 package and all references to it table 1: absolute maximum ratings : updated esd, hbm data section 5.1 : updated sot23 - 5 package information table 7: order codes : removed obsolete order codes ( ts321id, ts321idt, ts321aid, ts321aidt)
ts321 docid6298 rev 9 15 / 15 important notice ? please read carefully stmicroelectronics nv and its subsidiaries (?st?) reserve the right to make changes, corrections, enhancements, modifications , and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant information on st products before placing orders. st products are sold pursuant to st?s terms and conditions of sale in place at the time of or der acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and s t assumes no liability for application assistance or the design of purchasers? products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information se t forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2014 stmicroelectronics ? all rights reserved


▲Up To Search▲   

 
Price & Availability of TS321IYLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X