Part Number Hot Search : 
SMA75 1N4750 TTY5003 RFX10 574MT TDA4853 2SB16 GP1U273X
Product Description
Full Text Search
 

To Download TS1005IG5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts1005 ts1005 rev. 1.0 page 1 features single 0.8v to 5.5v operation supply current: 1.3 a (typ) input bias current: 2pa (typ) low tcv os : 9v/c (typ) a vol driving 100k ? load: 90db (min) gain-bandwidth product: 20khz unity gain stable rail-to-rail input and output no output phase reversal 5-pin sc70 or 5-pin sot23 package applications battery/solar-powered instrumentation portable gas monitors low-voltage signal processing micropower active filters wireless remote sensors battery-powered industrial sensors active rfid readers powerline or battery current sensing handheld/portable pos terminals description the ts1005 is a 1.3a supply current, precision cmos operational amplifier designed to operate over a supply voltage range from 0.8v to 5.5v with a gbwp of 20khz. fully spec ified at 1.8v, the ts1005 is optimized for ultra-long-life battery-powered applications. the ts1005 is the fifth operational amplifier in the ?nanowatt analog?? high- performance analog integrated circuits portfolio. the ts1005 exhibits a typical i nput bias current of 2pa, and has rail-to-rail input and output stages. the ts1005?s combined features make it an excellent choice in applications where very low supply current and low operating supply voltage translate into very long equipment operating time. applications include: micropower active filters, wireless remote sensors, battery and powerline current sensors, portable gas monitors, and handheld/portable pos terminals. the ts1005 is fully specified over the industrial temperature range ( ? 40c to +85c) and is available in a pcb-space saving 5-lead sc70 and sot23 packaging. typical application circuit a microwatt 2-pole sallen ke y low pass filter 15% 1.15 1.2 1.25 1.3 1.35 percent of units - % 20% 30% 25% 10% 5% 0% supply current distribution supply current - a v dd = 1.8v a 0.8v to 5.5v, 1.3a, 20khz rail-to-rail single op amp
ts1005 page 2 ts1005 rev. 1.0 absolute maximum ratings total supply voltage (v dd to v ss ) .............................. +6.0v voltage inputs (in+, in-) ........... (v ss - 0.3v) to (v dd + 0.3v) differential input voltage ............................................ 6.0 v input current (in+ , in-) .............................................. 20 ma output short-circuit dura tion to gnd .................... indefinite continuous power dissipation (t a = +70c) 5-pin sc70 (derate 3.87mw/c above +70c) .... 310 mw 5-pin sot23(derate 3.87mw/c above +70c) ... 312 mw operating temper ature range .................... - 40c to +85c junction temper ature .............................................. +150c storage temperature rang e ..................... -65c to +150c lead temperature (soldering, 10s ) ............................. +300 electrical and thermal stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the op erational sections of the specifications is not implied. ex posure to any absolute maximum rating conditions for extended periods may affect device reliability and lifetime. package/ordering information tape & reel order number part marking package quantity tape & reel order number part marking package quantity ts1005ij5 taj --- TS1005IG5 taeb --- ts1005ij5t 3000 TS1005IG5t 3000 lead-free program: silicon labs supplies only lead-free packaging. consult silicon labs for produ cts specified with wider oper ating temperature ranges.
ts1005 ts1005 rev. 1.0 page 3 electrical characteristics v dd = +1.8v, v ss = 0v, v incm = v ss ; r l = 100k ? to (v dd -v ss )/2; t a = -40c to +85c, unless otherwise noted. typical values are at t a = +25c. see note 1 parameters symbol conditions min typ max units supply voltage range v dd -v ss 0.8 5.5 v supply current i sy r l = open circuit t a = 25 c 1.3 1.6 a -40 c t a 85 c 1.8 input offset voltage v os v in = v ss or v dd t a = 25 c 0.8 3 mv -40 c t a 85 c 5 input offset voltage drift tcv os 9 v/c input bias current i in+ , i in- v in+ , v in- = (v dd - v ss )/2 t a = 25 c 2 pa -40 c t a 85 c 100 input offset current i os specified as i in+ - i in- v in+ , v in- = (v dd - v ss )/2 t a = 25 c 2 pa -40 c t a 85 c 50 input voltage range ivr guaranteed by input offset voltage test v ss v dd v common-mode rejection ratio cmrr vdd = 5.5v, 0v v in(cm) 5.0v t a = 25 c 70 90 db -40 c t a 85 c 68 power supply rejection ratio psrr 0.8v (v dd - v ss ) 5.5v t a = 25 c 70 90 db -40 c t a 85 c 67 output voltage high v oh specified as v dd - v out , r l = 100k ? to v ss t a = 25 c 3.7 mv -40 c t a 85 c 6 specified as v dd - v out , r l = 10k ? to v ss t a = 25 c 30 -40 c t a 85 c 60 output voltage low v ol specified as v out - v ss , r l = 100k ? to v dd t a = 25 c 1.5 mv -40 c t a 85 c 6 specified as v out - v ss , r l = 10k ? to v dd t a = 25 c 15 -40 c t a 85 c 30 short-circuit current i sc+ v out = v ss t a = 25 c 4 ma -40 c t a 85 c 2 i sc- v out = v dd t a = 25 c 15 -40 c t a 85 c 7 open-loop voltage gain a vol v ss +50mv v out v dd -50mv t a = 25 c 91 110 db -40 c t a 85 c 84 gain-bandwidth product gbwp r l = 100k ? to v ss , c l = 20pf 20 khz phase margin m unity-gain crossover, r l = 100k ? to v ss , c l = 20pf 70 degrees slew rate sr r l = 100k ? to v ss, a vcl = +1v/v 7.5 v/ms full-power bandwidth fpbw fpbw = sr/( ? v out,pp ); v out,pp = 0.7v pp 3400 hz input voltage noise density e n f = 1khz 0.6 v/ note 1: all specifications are 100% tested at t a = +25c. specification lim its over temperature (t a = t min to t max ) are guaranteed by device characterization, not production tested.
ts1005 ts1005 rev. 1.0 page 4 typical performance characteristics supply current vs supply voltage supply curent - a supply voltage - volt supply current vs input common-mode voltage supply curent - a input common-mode voltage - volt supply current vs input common-mode voltage input offset voltage vs input common-mode voltage input offset voltage - mv input offset voltage - mv input common-mode voltage - volt input offset voltage vs supply voltage input common-mode voltage - volt supply curent - a supply voltage - volt v dd =1.8v t a = +25 c input offset voltage vs input common-mode voltage input offset voltage - mv input common-mode voltage - volt v dd = 5.5v t a = +25 c +25c +85c -40c 1.1 1.2 1.3 1.4 1.5 t a = +25 c 1.5 1.3 1.1 1.0 0 0.6 1.8 t a = +25 c 1.5 1.4 1.2 1.0 0 1.1 3.3 4.4 5.5 t a = +25 c 0.8 3.1 4.7 5.5 1.6 v incm = v dd 2.5 1.25 -2.5 v incm = 0v 0 1.2 1.8 0.7 0.35 0 -0.35 0.9 0.45 -0.9 -0.45 0 3.3 4.4 5.5 2.2 2.4 3.9 0.8 5.5 1.6 3.1 4.7 1.2 1.4 1.2 1.3 1.1 2.2 0 1.25 2.4 3.9 0.6 -0.7 1.1 0
ts1005 ts1005 rev. 1.0 page 5 -40 typical performance characteristics input bias current (i in+ , i in- ) vs input common-mode voltage input bias current - p a input common-mode voltage - volt output voltage high (v oh ) vs temperature, r load =100k ? temperature - c output voltage low (v ol ) vs temperature, r load =100k ? temperature - c output voltage high (v oh ) vs temperature, r load =10k ? output voltage low (v ol ) vs temperature, r load =10k ? input bias current (i in+ , i in- ) vs input common-mode voltage output saturation voltage - mv input common-mode voltage - volt input bias current - p a output saturation voltage - mv v dd = 5.5v v dd =1.8v 0 0.6 1.2 1.8 0 1.1 3.3 4.5 5.5 2.2 6 -6 -4 4 6 2 -6 -2 0 r l = 100k ? v dd = 1.8v v dd = 5.5v r l = 100k ? v dd = 1.8v v dd = 5.5v 11 2 5 8 4.75 0.75 1.75 2.75 +25 +85 -40 +25 +85 80 20 50 110 output saturation voltage - mv output saturation voltage - mv temperature - c temperature - c -40 +25 +85 -40 +25 +85 r l = 10k ? v dd = 1.8v v dd = 5.5v r l = 10k ? v dd = 1.8v v dd = 5.5v 40 20 10 30 50 0 3.75 2 -2 t a = +25 c t a = +85 c 4 -4 t a = +25 c t a = +85 c
ts1005 page 6 ts1005 rev. 1.0 v out(n) - 100v/div 0.1hz to 10hz output voltage noise typical performance characteristics output short circuit current, i sc+ vs temperature output short-circuit current - ma output short circuit current, i sc- vs temperature large-signal transient response v dd = 5.5v, v ss = gnd, r load = 100k ?, c load = 15pf 200 s/div output short-circuit current - ma input small-signal transient response v dd = 5.5v, v ss = gnd, r load = 100k ?, c load = 15pf 2ms/div output input output temperature - c temperature - c -40 +25 +85 -40 +25 +85 v dd = 1.8v v dd = 5.5v v dd = 1.8v v dd = 5.5v v out = 0v v out = v dd 10 4 5.5 7 8.5 14.5 10 19 28 1 second/div 100v pp 23.5 gain and phase vs. frequency gain - db frequency - hz phase - de g rees 10 1k 10k 100 40 -10 0 20 60 83 49 65 100 100k phase gain 20khz 70 10 30 50
ts1005 ts1005 rev. 1.0 page 7 pin functions pin label function 1 out amplifier output. 2 v ss negative supply or analog gnd. if applying a negative voltage to this pin, connect a 0.1f capacitor from this pin to analog gnd. 3 +in amplifier non-inverting input. 4 -in amplifier inverting input. 5 v dd positive supply connection. connect a 0.1f bypass capacitor from this pin to analog gnd. theory of operation the ts1005 is fully functional for an input signal from the negative supply (v ss or gnd) to the positive supply (v dd ). the input stage consists of two differential amplifiers, a p-channel cmos stage and an n-channel cmos stage that are active over different ranges of the input common mode voltage. the p-channel input pair is active for input common mode voltages, v incm , between the negative supply to approximately 0.4v below the positive supply. as the common-mode input voltage moves closer towards v dd , an internal current mirror activates the n-channel input pair differ ential pair. the p-channel input pair becomes inactive for the balance of the input common mode voltage range up to the positive supply. because both input stages have their own offset voltage (v os ) characteristic, the offset voltage of the ts1005 is a function of the applied input common-mode voltage, v incm . the v os has a crossover point at ~0.4v from v dd (refer to the v os vs. v cm curve in the typical operating characteristics section). caution should be taken in applications where the input signal amplitude is comparable to the ts1005?s v os value and/or the design requires high accuracy. in these situations, it is necessary for the input signal to avoid the crossover point. in addition, amplifier parameters such as psrr and cmrr which involve the input offset voltage will also be affected by changes in the input common-mode voltage across the differential pair transition region. the second stage is a folded-cascode transistor arrangement that converts the input stage differential signals into a single-ended output. a complementary drive generator supplies current to the output transistors that swing rail to rail. the ts1005 output stages voltage swings within 3.5mv from the rails at 1.8v supply when driving an output load of 100k ? - which provides the maximum possible dynamic range at the output. this is particularly important when operating on low supply voltages. when driving a stiffer 10k ? load, the ts1005 swings within 30mv of v dd and within 13mv of v ss (or gnd). applications information portable gas detection sensor amplifier gas sensors are used in m any different industrial and medical applications. gas sensors generate a current that is proporti onal to the percentage of a particular gas concentration sensed in an air sample. this output current flows through a load resistor and the resultant voltage drop is amplified. depending on the sensed gas and sensitivity of the sensor, the output current can be in the range of tens of microamperes to a few milliamperes. gas sensor datasheets often specify a recommended load resistor value or a ra nge of load resistors from which to choose. there are two main applications for oxygen sensors ? applications which sense oxygen when it is abundantly present (that is, in air or near an oxygen tank) and those which detect traces of oxygen in parts-per-million concentration. in medical applications, oxygen sensors are used when air quality or oxygen delivered to a patient needs to be monitored. in fresh air, the concentration of oxygen is 20.9% and air samples containing less than 18% oxygen are considered dangerous. in industrial
ts1005 page 8 ts1005 rev. 1.0 applications, oxygen sensors are used to detect the absence of oxygen; for example, vacuum-packaging of food products is one example. the circuit in figure 1 illustrates a typical implementation used to amplify the output of an oxygen detector. the ts1005 makes an excellent choice for this application as it only draws 1.3a of supply current and operat es on supply voltages down to 0.8v. with the components shown in the figure, the circuit consumes less than 1.4 a of supply current ensuring that small form-factor single- or button-cell batteries (exhibiting low mah charge ratings) could last beyond the operating life of the oxygen sensor. the precision specifications of the ts1005, such as its low offset voltage, low tcv os , low input bias current, high cmrr, and high psrr are other factors which make the ts1005 an excellent choice for this application. since oxygen sensors typically exhibit an operating life of one to two years, an oxygen sensor amplifier built around a ts1005 can operate from a conventionally-available single 1.5-v alkaline aa battery for over 145 years! at such low power consumption from a single cell, the oxygen sensor could be replaced over 75 times before the battery requires replacing! microwatt, buffered si ngle-pole low-pass filters when receiving low-level signals, limiting the bandwidth of the incoming sign als into the system is often required. as shown in figure 2, the simplest way to achieve this objective is to use an rc filter at the noninverting terminal of the ts1005. if additional attenuation is needed, a tw o-pole sallen-key filter can be used to provide the additional attenuation as shown in figure 3. for best results, the filt er?s cutoff frequency should be 8 to 10 times lower than the ts1005?s crossover frequency. additional operational amplifier phase margin shift can be avoided if the amplifier bandwidth-to-signal bandwidth ratio is greater than 8. the design equations for the 2-pole sallen-key low- pass filter are given below with component values selected to set a 2khz low-pass filter cutoff frequency: r1 = r2 = r = 1m ? c1 = c2 = c = 80pf q = filter peaking factor = 1 f?3db = 1/(2 x x rc) = 2khz r3 = r4/(2-1/q); with q = 1, r3 = r4. a single +1.5 v supply, two op amp instrumentation amplifier the ts1005?s ultra-low supply current and ultra-low voltage operation make it ideal for battery-powered applications such as the instrumentation amplifier shown in figure 4. the circuit utilizes the classic two op amp instrumentation amplifier t opology with four resistors figure 2: a simple, single-pole active low-pass filter. figure 3: a micropower 2-pole sallen-key low-pass filter. figure 4: a two op amp instrumentation amplifier. figure 1 : a micropower, precision oxygen gas sensor amplifier.
ts1005 ts1005 rev. 1.0 page 9 to set the gain. the equation is simply that of a noninverting amplifier as shown in the figure. the two resistors labeled r1 should be closely matched to each other as well as both resistors labeled r2 to ensure acceptable common-mode rejection performance. resistor networks ensure the closest matching as well as matched drifts for good temperature stability. capacitor c1 is included to limit the bandwidth and, therefore, the noise in sensitive applications. the value of this capacitor should be adjusted depending on the desired closed-loop bandwidth of the instrumentation amplifier. the rc combination creates a pole at a frequency equal to 1/(2 r1c1). if the ac-cmrr is critical, then a matched capacitor to c1 should be included across the second resistor labeled r1. because the ts1005 accepts rail-to-rail inputs, the input common mode range includes both ground and the positive supply of 1.5v. furthermore, the rail-to-rail output range ensures the widest signal range possible and maximizes the dynamic range of the system. also, with its low supply current of 1.3 a, this circuit consumes a quiescent current of only ~2.7 a, yet it still exhibits a 2-khz bandwidth at a circuit gain of 2. driving capacitive loads while the ts1005?s internal gain-bandwidth product is 20khz, it is capable of driving capacitive loads up to 50pf in voltage follower configurations without any additional components. in many applications, however, an operational amplifier is required to drive much larger capacitive loads. the amplifier?s output impedance and a large capacitive load create additional phase lag that further reduces the amplifier?s phase margin. if enough phase delay is introduced, the amplifier?s phase margin is reduced. the effect is quite evident when the transient response is observed as th ere will appear noticeable peaking/ringing in the output transient response. if the ts1005 is used in an application that requires driving larger capacitive loads, an isolation resistor between the output and the capacitive load should be used as illustrated in figure 5. table 1 illustrates a range of r iso values as a function of the external c load on the output of the ts1005. the power supply voltage used on the ts1005 at which these resistor values were determined empirically wa s 1.8v. the oscilloscope capture shown in figure 6 illustrates a typical transient response obtained with a c load = 100pf and an r iso = 120k ? . note that as c load is increased a smaller r iso is needed for optimal transient response. in the event that an external r load in parallel with c load appears in the application, the use of an r iso results in gain accuracy lo ss because the external series r iso forms a voltage-divider with the external load resistor r load . external capacitive load, c load external output isolation resistor, r iso 0-50pf not required 100pf 120k ? 500pf 50k ? 1nf 33k ? 5nf 18k ? 10nf 13k ? figure 5: using an external resistor to isolate a c load from the ts1005?s output figure 6 : ts1003 transient response for r iso = 50k ? and c load = 500pf . v in v out
ts1005 page 10 ts1005 rev. 1.0 configuring the ts1005 as microwatt analog comparator although optimized for use as an operational amplifier, the ts1005 can also be used as a rail-to- rail i/o comparator as illu strated in figure 7. external hysteresis can be employed to minimize the risk of output oscillati on. the positive feedback circuit causes the input threshold to change when the output voltage changes state. the diagram in figure 8 illustrates the ts1005?s analog comparator hysteresis band and output transfer characteristic. the design of an analog comparator using the ts1005 is straightforward. in this application, a 3.0v power supply (v dd ) was used and the resistor divider network formed by rd1 and rd2 generated a convenient reference voltage (v ref ) for the circuit at ? the supply voltage, or 1.5v, while keeping the current drawn by this resistor divider low. capacitor c1 is used to filter any extraneous noise that could couple into the ts1005?s inverting input. in this application, the desired hysteresis band was set to 100mv (v hyb ) with a desired high trip-point (v hi ) set at 2.1v and a desired low trip-point (v lo ) set at 2.0v. since the ts1005 is a low supply current amplifier (1.3a, typical), it is desired that the design of an analog comparator using the ts1005 should also use as little current as practical. the first step in the design, therefore, was to set the feedback resistor r3: r3 = 10m ? calculating a value for r1 is given by the following expression: r1 = r3 x (v hyb /v dd ) substituting v hyb =100mv, v dd =3.0v, and r3=10m ? into the equation above yields: r1 = 333k ? the following expression was then used to calculate a value for r2: r2 = 1/[v hi /(v ref x r1) ? (1/r1) ? (1/r3)] substituting v hi = 2.1v, v ref = 1.5v, r1 = 333k ? , and r3 = 10m ? into the above expression yields: r2 = 909k ? printed circuit board layout considerations even though the ts1005 operates from a single 0.8v to 5.5v power suppl y and consumes very little supply current, it is always good engineering practice to bypass the power supplies with a 0.1 f ceramic capacitor placed in close proximity to the v dd and v ss (or gnd) pins. good pcb layout techniques and analog ground plane management improve the performance of any analog circuit by decreasi ng the amount of stray capacitance that could be introduced at the op amp's inputs and outputs. excess stray capacitance can easily couple noise into the input leads of the op amp and excess stray capacitance at the output will add to any external capacitive load. therefore, pc board trace lengths and external component leads should be kept a short as practical to any of the ts1005?s package pins. second, it is also good engineering practice to route/remove any analog ground plane from the inputs and the output pins of the ts1005. figure 8: analog comparator hysteresis band and output switching points. figure 7: a microwatt analog comparator with user- programmable hysteresis.
ts1005 ts1005 rev. 1.0 page 11 package outline drawing 5-pin sc70 package outline drawing (n.b., drawings are not to scale)
ts1005 page 12 silicon laboratories, inc. ts1005 rev. 1.0 400 west cesar chavez, austin, tx 78701 +1 (512) 416-8500 ? www.silabs.com package outline drawing 5-pin sot23 package outline drawing (n.b., drawings are not to scale) patent notice silicon labs invests in research and development to help our custom ers differentiate in the market with innovative low-power, s mall size, analog-intensive mixed-signal solutions. s ilicon labs' extensive patent portfolio is a testament to our unique approach and wor ld-class engineering team. the information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice. silicon laboratories assumes no responsibility for errors and om issions, and disclaims responsib ility for any consequences resu lting from the use of information included herein. additionally, silicon laborat ories assumes no responsibility for the functioning of undescr ibed features or parameters. silicon laboratories reserves the right to make c hanges without further notice. silicon laboratories makes no warra nty, representation or guarantee regarding the suitability of its pr oducts for any particular purpose, nor does silicon laboratories assume any liability arising out of the application or use of any product or circ uit, and specifically disclaims any and all liability, in cluding without limitation consequential or incidental damages. silicon laboratories products are not designed, intended, or authorized for use in applica tions intended to support or sustain life, or for any other application in wh ich the failure of the silicon laboratories product could create a situation where personal injury or death may occur. should buyer purchase or use silicon laboratories products for any such unintended or unaut horized application, buyer shall indemnify and hold silicon laboratories harmless against all claims and damages. silicon laboratories and silicon labs are tr ademarks of silicon laboratories inc. other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
disclaimer silicon laboratories intends to provide customers with the latest, accurate, and in-depth documentation of all peripherals and modules available for system and software implementers using or intending to use the silicon laboratories products. characterization data, available modules and peripherals, memory sizes and memory addresses refer to each specific device, and "typical" parameters provided can and do vary in different applications. application examples described herein are for illustrative purposes only. silicon laboratories reserves the right to make changes without further notice and limitation to product information, specifications, and descriptions herein, and does not give warranties as to the accuracy or completeness of the included information. silicon laboratories shall have no liability for the consequences of use of the information supplied herein. this document does not imply or express copyright licenses granted hereunder to design or fabricate any integrated circuits. the products must not be used within any life support system without the specific written consent of silicon laboratories. a "life support system" is any product or system intended to support or sustain life and/or health, which, if it fails, can be reasonably expected to result in significant personal injury or death. silicon laboratories products are generally not intended for military applications. silicon laboratories products shall under no circumstances be used in weapons of mass destruction including (but not limited to) nuclear, biological or chemical weapons, or missiles capable of delivering such weapons. trademark information silicon laboratories inc., silicon laboratories, silicon labs, silabs and the silicon labs logo, cmems?, efm, efm32, efr, energy micro, energy micro logo and combinations thereof, "the world?s most energy friendly microcontrollers", ember?, ezlink?, ezmac?, ezradio?, ezradiopro?, dspll?, isomodem ?, precision32?, proslic?, siphy?, usbxpress? and others are trademarks or registered trademarks of silicon laboratories inc. arm, cortex, cortex-m3 and thumb are trademarks or registered trademarks of arm holdings. keil is a registered trademark of arm limited. all other products or brand names mentioned herein are trademarks of their respective holders. http://www.silabs.com silicon laboratories inc. 400 west cesar chavez austin, tx 78701 usa smart. connected. energy-friendly products www.silabs.com/products quality www.silabs.com/quality support and community community.silabs.com


▲Up To Search▲   

 
Price & Availability of TS1005IG5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X