Part Number Hot Search : 
HUKIT30 JKC5819 BY627 NCP1910 GL4HY8 ESD05 05WS1 MC141
Product Description
Full Text Search
 

To Download TC74LVX74FT-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74lvx74f/ft 2012-02-29 1 toshiba cmos digital integrat ed circuit silicon monolithic tc74lvx74f,tc74lvx74ft dual d-type flip-flop with preset and clear the tc74lvx74f/ ft is a high-speed cmos d-flip flop fabricated with silicon gate cm os technology. designed for use in 3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. this device is suitable for low-voltage and battery operated systems. the signal level applied to the d input is transferred to q output during the positive goin g transition of the ck pulse. clr and pr are independent of the ck and are accomplished by setting the appropriate input low. an input protection circuit en sures that 0 to 5.5v can be applied to the input pins withou t regard to the supply voltage. this device can be used to interface 5v to 3v systems and two supply systems such as battery back up. this circuit prevents device destruction due to mismat ched supply and input voltages. features ? high-speed: f max = 145 mhz (typ.) (v cc = 3.3 v) ? low power dissipation: i cc = 2 a (max) (ta = 25c) ? input voltage level: v il = 0.8 v (max) (v cc = 3 v) v ih = 2.0 v (min) (v cc = 3 v) ? power-down protection provided on all inputs ? balanced propagation delays: t plh ? t phl ? pin and function compatible with 74hc74 tc74lvx74f tc74lvx74ft weight sop14-p-300-1.27a : 0.18 g (typ.) tssop14-p-0044-0.65a : 0.06 g (typ.)
tc74lvx74f/ft 2012-02-29 2 pin assignment (top view) iec logic symbol truth table inputs outputs clr pr d ck q q function l h x x l h clear h l x x h l preset l l x x h h ? h h l l h ? h h h h l ? h h x qn q n no change x: don?t care absolute maximum ratings (note) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7.0 v dc input voltage v in ? 0.5 to 7.0 v dc output voltage v out ? 0.5 to v cc + 0.5 v input diode current i ik ? 20 ma output diode current i ok 20 ma dc output current i out 25 ma dc v cc /ground current i cc 50 ma power dissipation p d 180 mw storage temperature t stg ? 65 to 150 c note: exceeding any of the absolute maximum ratings, even br iefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). v cc clr2 2d 2ck pr 2 2q 14 13 12 11 10 clr1 1 2 3 4 5 6 7 1d 1ck pr1 1q q1 gnd q2 9 8 ck q d q ck q d q 1q q1 2q q2 (5) (6) (9) (8) (3) (1) (11) (13) (4) (2) (10) (12) pr1 1d pr2 2d 1ck cl r 1 2ck clr2 s c1 1d r
tc74lvx74f/ft 2012-02-29 3 operating ranges (note) characteristics symbol rating unit supply voltage v cc 2.0 to 3.6 v input voltage v in 0 to 5.5 v output voltage v out 0 to v cc v operating temperature t opr ? 40 to 85 c input rise and fall time dt/dv 0 to 100 ns/v note: the operating ranges must be maintained to ensure the normal oper ation of the device. unused inputs must be tied to either vcc or gnd. electrical characteristics dc characteristics ta = 25c ta = ? 40 to 85c characteristics sym- bol test condition v cc (v) min typ. max min max unit 2.0 1.5 ? ? 1.5 ? 3.0 2.0 ? ? 2.0 ? h-level v ih ? 3.6 2.4 ? ? 2.4 ? 2.0 ? ? 0.5 ? 0.5 3.0 ? ? 0.8 ? 0.8 input voltage l-level v il ? 3.6 ? ? 0.8 ? 0.8 v i oh = ? 50 a 2.0 1.9 2.0 ? 1.9 ? i oh = ? 50 a 3.0 2.9 3.0 ? 2.9 ? h-level v oh v in = v ih or v il i oh = ? 4 ma 3.0 2.58 ? ? 2.48 ? i ol = 50 a 2.0 ? 0 0.1 ? 0.1 i ol = 50 a 3.0 ? 0 0.1 ? 0.1 output voltage l-level v ol v in = v ih or v il i ol = 4 ma 3.0 ? ? 0.36 ? 0.44 v input leakage current i in v in = 5.5 v or gnd 3.6 ? ? 0.1 ? 1.0 a quiescent supply current i cc v in = v cc or gnd 3.6 ? ? 2.0 ? 20.0 a timing requirements (input: t r = t f = 3 ns) ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) limit limit unit 2.7 8.5 10.0 minimum pulse width (ck) t w (l) t w (h) ? 3.3 0.3 6.0 7.0 ns 2.7 8.5 10.0 minimum pulse width ( clr , pr ) t w (l) ? 3.3 0.3 6.0 7.0 ns 2.7 8.0 9.5 minimum set-up time t s ? 3.3 0.3 5.5 6.5 ns 2.7 0.5 0.5 minimum hold time t h ? 3.3 0.3 0.5 0.5 ns 2.7 6.5 7.5 minimum removal time ( clr , pr ) t rem ? 3.3 0.3 5.0 5.0 ns
tc74lvx74f/ft 2012-02-29 4 ac characteristics (input: t r = t f = 3 ns) ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) c l (pf) min typ. max min max unit 15 ? 7.3 15.0 1.0 18.5 t plh 2.7 50 ? 9.8 18.5 1.0 22.0 15 ? 5.7 9.7 1.0 11.5 propagation delay time (ck-q, q) t phl ? 3.3 0.3 50 ? 8.2 13.2 1.0 15.0 ns 15 ? 8.4 15.6 1.0 18.5 t plh 2.7 50 ? 10.9 19.1 1.0 22.0 15 ? 6.6 10.1 1.0 12.0 propagation delay time ( clr , pr -q, q) t phl ? 3.3 0.3 50 ? 9.1 13.6 1.0 15.5 ns 15 55 135 ? 50 ? 2.7 50 45 60 ? 40 ? 15 95 145 ? 80 ? maximum clock frequency f max ? 3.3 0.3 50 60 85 ? 50 ? mhz 2.7 50 ? ? 1.5 ? 1.5 output to output skew t oslh t oshl (note 1) 3.3 0.3 50 ? ? 1.5 ? 1.5 ns input capacitance c in (note 2) ? 4 10 ? 10 pf power dissipation capacitance c pd (note 3) ? 25 ? ? ? pf note 1: parameter guaranteed by design. (t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln |) note 2: parameter guaranteed by design. note 3: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption. average operating current can be obtained by the equation: i cc (opr) = c pd ?v cc ?f in + i cc /2 (per f/f) noise characteristics (ta = 25c, input: t r = t f = 3 ns, c l = 50 pf) characteristics symbol test condition v cc (v) typ. limit unit quiet output maximum dynamic v ol v olp ? 3.3 0.3 0.5 v quiet output minimum dynamic v ol v olv ? 3.3 ? 0.3 ? 0.5 v minimum high level dynamic input voltage v ih v ihd ? 3.3 ? 2.0 v maximum low level dynamic input voltage v il v ild ? 3.3 ? 0.8 v input equivalent circuit input
tc74lvx74f/ft 2012-02-29 5 package dimensions weight: 0.18 g (typ.)
tc74lvx74f/ft 2012-02-29 6 package dimensions weight: 0.06 g (typ.)
tc74lvx74f/ft 2012-02-29 7 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest ve rsions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba se miconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications , including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in financ e-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this documen t, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related soft ware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulat ions. export and re-export of product or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74LVX74FT-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X