Part Number Hot Search : 
G1525AJ PS9113 LA8638NV CXA20 BC182 M28W231 KF5N40D BSF310
Product Description
Full Text Search
 

To Download SSF1331P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSF1331P -1.5a, -30v, r ds(on) 0.112 ? p-channel mosfet elektronische bauelemente 17-jun-2010 rev. a page 1 of 4 rohs compliant product a suffix of ?-c? specifies halogen & lead-free description these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. features ? low rds(on) provides higher efficiency and extends battery life. ? low thermal impedance copper leadframe sot-323 saves board space. ? fast switching speed. ? high performance trench technology. product summary v ds (v) r ds (on) ( ? ? i d (a) -30 0.112@v gs = -10v -1.5 0.172@v gs = -4.5v -1.2 maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit drain ? source voltage v ds -30 v gate ? source voltage v gs 20 v continuous drain current a i d @ t a =25c -1.5 a i d @ t a =70c -1.2 pulsed drain current b i dm -2.5 a continuous source current (diode conduction) a i s 0.28 a power dissipation a p d @ t a =25c 0.34 w p d @ t a =70c 0.22 operating junction & storage temperature range t j , t stg -55~150 c thermal resistance ratings maximum thermal resistance junction-ambient a t Q 5 sec r ja 375 c / w steady-state 430 note: a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature. ref. millimete r ref. millimete r min. max. min. max. a 1.80 2.20 g 0.100 ref. b 1.80 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.25 d 0.80 1.10 k - - e 1.20 1.40 l 0.650 typ. f 0.20 0.40 sot-323 top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? gate ? ? source ? ? drain
SSF1331P -1.5a, -30v, r ds(on) 0.112 ? p-channel mosfet elektronische bauelemente 17-jun-2010 rev. a page 2 of 4 electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min typ max unit test condition static caracteristics gate-threshold voltage v gs(th) -1 - - v v ds = v gs, i d = -250 a gate-source leakage current i gss - - 100 na v ds = 0v, v gs = 20v zero gate voltage drain current i dss - - -1 a v ds = -24v, v gs = 0v - - -10 v ds = -24v, v gs = 0v, t j = 55c on-state drain current a i d(on) -5 - - a v ds = -5v, v gs = -10v drain-source on-resistance a r ds(on) - - 112 m ? v gs = -10v, i d = -1.5a - - 172 v gs = -4.5v, i d = -1.2a forward transconductance a g fs - 9 - s v ds = -5v, i d = -1.5a diode forward voltage v sd - -0.65 - v i s = -0.46a, v gs = 0v dynamic characteristics b total gate charge q g - 7.2 - nc v ds = -10v v gs = -5v i d = -1.5a gate-source charge q gs - 1.7 - gate-drain charge q gd - 1.5 - turn-on delay time t d(on) - 10 - ns v dd = -10v i l = -1a v gen = -4.5v r g = 6 ? rise time t r - 9 - turn-off delay time t d(off) - 27 - fall time t f - 11 - notes a. pulse test pw Q 300us duty cycle Q 2%. b. guaranteed by design, not s ubject to production testing. c. repetitive rating, pulse width limited by junction temperature.
SSF1331P -1.5a, -30v, r ds(on) 0.112 ? p-channel mosfet elektronische bauelemente 17-jun-2010 rev. a page 3 of 4 characteristic curves
SSF1331P -1.5a, -30v, r ds(on) 0.112 ? p-channel mosfet elektronische bauelemente 17-jun-2010 rev. a page 4 of 4 characteristic curves


▲Up To Search▲   

 
Price & Availability of SSF1331P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X