Part Number Hot Search : 
BR107 K1322 W9825 7820RPDB BR107 A30RCK LT1039A 1N2812B
Product Description
Full Text Search
 

To Download SM4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SM4001 SM4001 - sm4007 case: ll41(do-213ab), plastic current: 1.0 a voltage range: 50 - 1000v glass passivated junction high current capability low forward voltage drop high reliability and low leakage for surface mount application plastic material - ul flammability classification rating 94v-0 features single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data terminals: solderable per mil-std-202, method 208 polarity: cathode band approx weight: 0.25 grams mounting position: any 1 of 2 www.sunmate.tw m a x i m u m r e c u rr e n t p ea k r e v e r s e v o l t a ge v rrm 50 100 200 400 600 800 1000 v m a x i m u m r m s v o l t a ge v r ms 35 70 140 280 420 560 700 v m a x i m u m dc b l o c k ing v o l t a g e v dc 50 100 200 400 600 800 1000 v m a x i m u m a v e r a g e f o r w a rd r e c t i f i e d c u rr e n t @t l =100 p ea k f o r w a r d s u r g e c u rr e nt 8 . 3 m s s ingl e h a l f s in e - w a ve s up e r i m p o s e d o n r a t e d l oa d ( j e d e c m e t h o d) m a x i m u m f o r w a r d v o l t a g e a t 1 . 0 a dc v f v m a x i m u m dc r e v e r s e c u rr e n t @t j =25 a t r a t e d dc b l o c k ing v o l t a g e @t j =100 t y pi c a l j un c t i o n c a p a c i t a n c e ( n o t e 1) c j pf t y pi c a l t h e r m a l r e s i s t a n c e ( n o t e 2) r jc /w o p e r a t ing t e m p e r a t u r e r a nge t j s t o r a g e t e m p e r a t u r e r a ng e t s tg i r 100 5 .0 10 - 55 t o +125 n o t es : 1 . m ea s u r e d a t 1 . 0 m h z a nd a ppli e d r e v e r s e v o l t a g e o f 4 . 0 v dc. 2 . t h e r m a l r e s i s t a n c e jun c t i o n t o l ea d. i f sm a i ( av) 1 .0 a 30 30 - 55 t o +125 1 .1 ua SM4001 sm4002 sm4004 sm4005 sm4006 sm4007 surface mount silicon rectifier diodes characteristic symbol unit ! ! ! ! ! ! ! ! ! ! ! dim min max ll41 /do-213ab a 4.80 5.20 b 2.40 2.60 c 0.55 nominal all dimensions in mm c a b /
2 of 2 40 60 80 100 120 140 160 180 0 .2 .4 .6 .8 1 . 0 i , average output current (a) o t , ambient temperature (oc) fi g . 1 forward current deratin g curve a single phase half wave 60 hz resistive or inductive load 5 10 15 20 25 30 1 10 100 peak fwd s ur g e c urrent ( a ) number of cycles at 60 hz fig. 4 max non-repetitive peak fwd surge curren t 8.3ms single half sine-wave jedec method 0 1 10 100 1 10 100 c , juncti o n cap acitance (pf) j v , reverse voltage (v) fig. 3 typical junction capacitance r t = 25oc j 0.01 0.1 1.0 i , instantaneous fwd current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f 10 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 t = 25oc pulse width = 300 ms 1% duty cycle j www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of SM4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X