Part Number Hot Search : 
240QJ1 SCH1332 BR3010 TIP32A RB1E13N PY5305S 91900 SR050
Product Description
Full Text Search
 

To Download SDR0302-2R2ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr0302 series - smd power inductors *rohs compliant inductance 1khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency min. max. max. typ. (mhz) (mhz) ( ? ? ) (a) (a) sdr0302-1r0ml 1.0 20 20 7.96 125.0 0.06 2.100 2.700 sdr0302-1r2ml 1.2 20 22 7.96 100.0 0.07 2.000 2.500 sdr0302-1r4ml 1.4 20 22 7.96 95.0 0.07 1.500 2.300 sdr0302-1r5ml 1.5 20 23 7.96 95.0 0.07 1.900 2.300 sdr0302-1r8ml 1.8 20 23 7.96 85.0 0.08 1.800 2.000 SDR0302-2R2ML 2.2 20 22 7.96 75.0 0.09 1.650 1.850 sdr0302-2r7ml 2.7 20 22 7.96 72.0 0.10 1.500 1.700 sdr0302-3r3ml 3.3 20 23 7.96 68.0 0.11 1.400 1.600 sdr0302-3r9ml 3.9 20 24 7.96 50.0 0.12 1.300 1.500 sdr0302-4r7ml 4.7 20 18 7.96 45.0 0.15 1.200 1.350 sdr0302-5r6ml 5.6 20 18 7.96 42.0 0.16 1.100 1.300 sdr0302-6r8ml 6.8 20 18 7.96 40.0 0.18 1.000 1.200 sdr0302-8r2ml 8.2 20 16 7.96 35.0 0.20 0.900 1.050 sdr0302-100ml 10.0 20 18 2.52 34.0 0.25 0.800 0.900 sdr0302-120ml 12.0 20 15 2.52 33.0 0.28 0.750 0.850 sdr0302-150ml 15.0 20 20 2.52 32.0 0.40 0.650 0.800 sdr0302-180ml 18.0 20 18 2.52 28.0 0.46 0.580 0.750 sdr0302-220ml 22.0 20 23 2.52 22.0 0.66 0.520 0.650 sdr0302-270ml 27.0 20 23 2.52 20.0 0.75 0.480 0.550 sdr0302-330kl 33.0 10 20 2.52 18.0 0.85 0.420 0.500 sdr0302-390kl 39.0 10 24 2.52 18.0 1.12 0.380 0.450 sdr0302-470kl 47.0 10 23 2.52 17.0 1.27 0.360 0.400 sdr0302-560kl 56.0 10 18 2.52 16.0 1.45 0.340 0.350 sdr0302-680kl 68.0 10 24 2.52 14.0 1.85 0.300 0.320 sdr0302-820kl 82.0 10 24 2.52 12.0 2.10 0.280 0.300 sdr0302-101kl 100.0 10 40 0.796 10.0 2.85 0.260 0.280 sdr0302-121kl 120.0 10 40 0.796 10.0 3.20 0.220 0.250 sdr0302-151kl 150.0 10 38 0.796 9.0 4.60 0.200 0.230 sdr0302-181kl 180.0 10 45 0.796 8.5 5.00 0.185 0.210 sdr0302-221kl 220.0 10 40 0.796 8.0 5.70 0.170 0.190 sdr0302-271kl 270.0 10 45 0.796 7.0 8.60 0.150 0.170 sdr0302-331kl 330.0 10 40 0.796 6.0 10.00 0.130 0.150 sdr0302-391kl 390.0 10 40 0.796 5.5 10.80 0.120 0.140 sdr0302-471kl 470.0 10 42 0.796 5.0 14.30 0.105 0.130 sdr0302-561kl 560.0 10 43 0.796 4.8 16.00 0.095 0.120 sdr0302-681kl 680.0 10 43 0.796 4.3 18.00 0.085 0.110 sdr0302-821kl 820.0 10 45 0.796 4.0 22.50 0.080 0.100 sdr0302-102kl 1000.0 10 40 0.252 3.2 26.00 0.070 0.090 sdr0302-122kl 1200.0 10 40 0.252 3.0 30.00 0.060 0.080 features available in e12 series low profile of only 2.5 mm low inductance values rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communication equipment ? camcorders ? lcd tvs ? car radios electrical specifications product dimensions recommended layout 3.0 0.3 (.118 .012) max. max. 2.5 0.3 (.098 .012) general specifications test voltage........................................1 v reflow soldering ...230 c, 50 sec. max. operating temperature .....................................-40 c to +125 c (temperature rise included) storage temperature .................................-40 c to +125 c resistance to soldering heat ..................................260 c for 5 sec. materials core .......................................ferrite dr wire .............enameled copper wire 130 terminal.....................................ag/ni/sn rated current ...................ind. drop 10 % typ. at isat temperature rise ..................40 c max. at rated irms packaging ..................2000 pcs. per reel 0.9 (.035) max. typ. 2.8 0.3 (.110 .012) 3.0 (.118) 0.8 (.031) 1.4 (.055) 1.4 (.055) typical part marking 100 electrical schematic 14 dimensions: mm (inches) *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. specifications are subject to change without notice. customers should verify actual device performance in their specific applications.
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 02/12 sdr0302 series - smd power inductors 14.0 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 330.0 (13.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications end start user direction of feed 200 (7.874) no component no component components 400 (15.748) 4.0 (.157) 12.0 (.472) 8.0 (.315) qty: 2000 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SDR0302-2R2ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X