Part Number Hot Search : 
RMPG06 AT93C4 AOB1606L FDMC561 DW1T1 3386C504 7NT103 D7801
Product Description
Full Text Search
 

To Download MS06935 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 01 may 1998 freq specification ageing temperature part no per day stability tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com 19 may 2004 ocxo sine output hcd360 
  
  
             
 !"# $# %&'()#
*(!# +!,,)- %(!#,!# .(!$/0
" 1234       features ? temperature stability down to 5ppb ? single 12v ?supply (15v or 18v ?optional) ? compact package ? standard european iec co-08 pin-out ? custom options available part no, or product name + option codes + frequency eg: hcd360/dpfn 10.0mhz hcd360/erfn 5.0mhz option code x (eg hcd360/x) denotes a custom specification. ordering information specifications option codes hcd360 product parameters ? standard. ? optional - please specify required code(s) when ordering 5.0mhz hcd360/dpfn 1x10 -9 2x10 -8 -20+70c MS06935 5.0mhz hcd360/erfn 5x10 -10 1x10 -8 -20+70c ms06936 10.0mhz hcd360/dpfn 1x10 -9 2x10 -8 -20+70c ms06933 10.0mhz hcd360/erfn 5x10 -10 1x10 -8 -20+70c ms06522 standard models the table shows the most common models. in most cases selecting one of these models will ensure the best combination of price / performance and availability. frequency range: 5.0 ~ 20.0mhz ? ageing per day (at despatch): < ? 1x10 -9 ?? d < ? 5x10 -10 ?? e < ? 2x10 -10 ?? f frequency stability: < ?5x10 -8 per year ?? < ?1x10 -9 per 10% change in v dd ? short term stability: < ? 1x10 -11 over 1 sec ?? temperature stability: < 2x10 -8 ?? p < 1x10 -8 ?? r < 5x10 -9 ?? s oper ating temperature range: 0 to +50c ?? a -10 t o +60c ?? c -20 t o +70c ?? f -40 t o +70c ?? g st orage temperature range: -40 to +90c ? output waveform: sine wave, 7dbm (2dbm) into 50 ? frequency adjustment: 5x10 -7 (typ) over +0.5 to +7.0v ? (sufficient for 10 years ageing min) stabilised +7.0v supply provided supply voltage (v dd ): +12v (0.5v) ?? n +15v (0.5v) ?? p +18v (0.5v) ?? r po wer consumption: 5.0w max at switch on ? 1.2w typ when stabilised at 25c ? warm up: < ?1x10 -8 after 10mins at +20c ? phase noise (@ 10.0mhz): < ? -125 dbc/hz @?10hz ? < ?-135 dbc/hz @?100hz ? < ?-150 dbc/hz @?1khz ? < ?-155 dbc/hz @?10khz ? < ?-155 dbc/hz @?50khz ? harmonics: < -30db wrt c arrier ? shock: iec 68-2-27 t est ea 50g for 11ms ? vibration: ie c 68-2-06 test fc 10-55hz, 1.5mm. 55-500hz, 10g ? 2 011 / 65 / eu


▲Up To Search▲   

 
Price & Availability of MS06935

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X