Part Number Hot Search : 
AN8538 SM3515 1N5819RL MC74HC 25006 TPS820 2SK175 2SC30
Product Description
Full Text Search
 

To Download LPM3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 1 of 7 LPM3400 - 20v/4.2a n-channel enhancement mode field effect transistor general description the LPM3400 is n-channel logic enhancement mode power field effect transistor, which are produced by using high cell density, dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suitable for low voltage applications, notebook computer power management and other battery powered circuits where high-side switching are needed. ordering information LPM3400- f: pb-free package type b3: sot23-3 features 20v/4.2a, rdc(on)50m(typ.)@vgs=4.5v 20v/3.9a, rdc(on)63m(typ.)@vgs=2.5v 20v/3.0a, rdc(on)87m(typ.)@vgs=1.8v super high density cell design for extremely low rdc(on) sot23 package applications portable media players cellular and smart mobile phone lcd dsc sensor wireless card marking information xxx : the production cycle and the batch. pin configurations device marking package shipping LPM3400b3f a2xxx sot23-3 3k/reel sot23l(top view)
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 2 of 7 functional pin description name description g gate electrode s source d drain electrode absolute maximum ratings absolute maximum ratings ta=25 unless otherwise noted parameter symbol maximum units drain-source voltage vds 20 v gate-source voltage vgs 8 v continuous drain current a ta=25 id 4.2 a ta=70 3.2 pulsed drain current e idm 15 power dissipation ta=25 po 1.4 w ta=70 0.9 junction and storage temperature range tj, tstg -55 to 150 thermal characteristics parameter symbol typ. max. units maximum junction-to-ambient a t 10s rja 70 90 /w maximum junction-to-ambient a steady-state 100 125 /w maximum junction-to-lead c steady-state rjl 63 80 /w
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 3 of 7 electrical characteristics symbol parameter condition min. typ. max. units static parameter bvdss drain-source breakdown voltage id=250 avgs=0v 20 v idss zero-gate voltage drain current vds=16v,vgs=0v tj=55 1 a 5 igss gate-body leakage current vds=0v,vgs=8v 100 na vgs(th) gate threshold voltage vds=vgs,id=250 a 0.4 0.6 1 v id(on) on state drain current vds=5v,vgs=4.5v 15 a rds(on) static drain-source on-resistance vgs=4.5v, id=4.2 a tj=125 41 50 m 58 70 vgs=2.5v, id=3.9a 52 63 m vgs=1.8v, id=3a 67 87 m gfs forward transconductance vds=5v,id=4.2a 11 s vsd diode forward voltage is=1a,vgs=0v 0.76 1 v is maximum body-diode continuous current 2 a dynamic parameters ciss input capacitance vds=10v,vgs=0v f = 1mhz 436 pf cdss output capacitance 66 pf crss reverse transfer capacitance 44 pf rg gate resistance vds=0v,vgs=0v f = 1mhz 3 switching parameters qg total gate charge vds=10v,vgs=4.5v id=4.2a 6.2 nc qgs gate source charge 1.6 nc qgd gate drain charge 0.5 nc t d(on) turn-on delay time vds=10v,vgs=5v rl=2.7,rgen=6 5.5 ns tr turn-on rise time 6.3 ns t d(off) turn-off delay time 40 ns tf turn-off fall time 12.7 ns trr body-diode reverse recovery time if=4a,d i/dt=100/s 12.3 ns qrr body-diode reverse recovery charge if=4a,d i/dt=100/s 3.5 nc
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 4 of 7
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 5 of 7
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 6 of 7
preliminary datasheet LPM3400 LPM3400 C 01 may.-2013 email: marketing@lowpowersemi.com www.lowpowersemi.com page 7 of 7 packaging information


▲Up To Search▲   

 
Price & Availability of LPM3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X