Part Number Hot Search : 
7818A 05250 TA170 TA170 2SB11321 UC33063A 2045C TL432
Product Description
Full Text Search
 

To Download LM358QT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  june 2014 docid2163 rev 12 1 / 23 this is information on a product i n full production. www.st.com lm158, lm258, lm358 low - power dual operational amplifiers datasheet - production data feature s ? internally frequency - compensated ? large dc voltage gain: 100 db ? wide bandwidth (unity gain): 1.1 mhz (temperature compensated) ? very low supply current per channel essentially i ndependent of supply voltage ? low input bias current: 20 na (temperature compensated) ? low input offset voltage: 2 mv ? low input offset current: 2 na ? input common - mode voltage range includes negative rails ? differential input voltage range equal to the p ower supply voltage ? large output voltage swing 0 v to (v cc + - 1.5 v) related products ? see lm158w for enhanced esd ratings description these circuits consist of two independen t, high - gain, internally frequency - compensated op - amps, specifically designed to operate from a single power supply over a wide range of voltages. the low - power supply drain is independent of the magnitude of the power supply voltage. application areas inc lude transducer amplifiers, dc gain blocks and all the conventional op - amp circuits, which can now be more easily implemented in single power supply systems. for example, these circuits can be directly supplied with the standard +5 v, which is used in logi c systems and will easily provide the required interface electronics with no additional power supply. in linear mode, the input common - mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a sing le power supply voltage. miniso8 dfn8 2x2 (nb) mm tssop8 so8 1 2 3 o u t 1 in 1 - in 1 + 4 v c c - 8 7 6 v c c + o u t 2 i n 2 - 5 i n2 + pin connections (top view)
contents lm158, lm258, lm358 2 / 23 docid2163 rev 12 contents 1 schematic diagram .......................................................................... 3 2 absolute maximum ratings ............................................................. 4 3 operating conditions ...................................................................... 5 4 electrical characteristics ................................................................ 6 5 typical applications ...................................................................... 11 6 package information ..................................................................... 14 6.1 so8 package information ................................................................ 15 6.2 miniso8 package inf ormation ......................................................... 16 6.3 dfn8 2 x 2 (nb) package information ............................................ 17 6.4 tssop8 package information ......................................................... 19 7 ordering information ..................................................................... 20 8 revision history ............................................................................ 21
lm158, lm258, lm358 schematic diagram docid2163 rev 12 3 / 23 1 schematic diagram figure 1 : schematic diagram (1/2 lm158) 6 a 4 a q2 q3 q4 q1 inverting input non-invertin g input q8 q9 q1 0 q1 1 q1 2 50 a q1 3 output q7 q6 q5 r sc v cc c c gnd a 100
absolute maximum ratings lm158, lm258, lm358 4 / 23 docid2163 rev 12 2 absolute maximum ratings table 1: absolute maximum ratings symbol paramete r lm158,a lm258,a lm358,a unit v cc supply voltage 16 or 32 v v i input voltage 32 v id differential input voltage 32 output short - circuit duration (1) infinite i in input current (2) 5 ma in dc or 50 ma in ac (duty cycle = 10 %, t = 1 s) ma t oper operating free - air temperature range - 55 to 125 - 40 to 105 0 to 70 c t stg storage temperature range - 65 to 150 t j maximum junction temperature 150 r thja thermal resistance junction to ambient (3) so8 125 c/w miniso8 190 dfn8 2x2 (nb) 57 tssop8 120 r thjc thermal resistance junction to case (3) so8 40 miniso8 39 tssop8 37 esd hbm: human body model (4) 300 v mm: machine model (5) 200 cdm: charged device model (6) 1.5 kv notes: (1) short - circuits from the output to v cc can cause excessive heati ng if v cc > 15 v. the maximum output current is approximately 40 ma independent of the magnitude of v cc . destructive dissipation can result from simultaneous short circuits on all amplifiers. (2) this input current only exists when the voltage at any of the input leads is driven negative. it is due to the collector - base junction of the input pnp transistor becoming forward - biased and thereby acting as input diode clamp. in addition to this diode action, there is npn parasitic action on the ic chip. this tran sistor action can cause the output voltages of the op - amps to go to the v cc voltage level (or to ground for a large overdrive) for the time during which an input is driven negative. this is not destructive and normal output is restored for input voltages a bove - 0.3 v. (3) short - circuits can cause excessive heating and destructive dissipation. r th are typical values. (4) human body model: a 100 pf capacitor is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the d evice. this is done for all couples of connected pin combinations while the other pins are floating. (5) machine model: a 200 pf capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series r esistor (internal resistor < 5 ). this is done for all couples of connected pin combinations while the other pins are floating. (6) charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. this is done for all pins.
lm158, lm258, lm358 operating conditions docid2163 rev 12 5 / 23 3 operating conditions table 2: operating conditions symbol parameter value unit v cc supply voltage 3 to 30 v v icm common mode input voltage range (1) v cc - - 0.3 to v cc + - 1.5 t oper operating free air temperature range lm158 - 55 to +125 c lm258 - 40 to +105 lm358 0 to +70 notes: (1) when used in comparator, the func tionality is guaranteed as long as at least one input remains within the operating common mode voltage range.
electrical characteristics lm158, lm258, lm358 6 / 23 docid2163 rev 12 4 electrical characteristics table 3: electrical characteristics for vcc+ = +5 v, vcc - = ground, vo = 1.4 v, tamb = +25 c (unless otherwise specified) symbol parameter min. typ. max. unit v io input offset voltage (1) lm158a 2 mv lm258a, lm358a 1 3 lm158, lm25 8 5 lm358 2 7 t min t amb t max lm158a, lm258a, lm358a 4 lm158, lm258 7 lm358 9 v io /t input offset voltage drift lm158a, lm258a, lm358a 7 15 v/c lm158, lm258, lm358 7 30 i io input offset current lm158a, lm258a, lm358a 2 10 na lm158, lm258, lm358 2 30 t min t amb t max lm158a, lm258a, lm358a 30 lm158, lm258, lm358 40 i io /t input offset current drift lm158a, lm258a, lm358a 10 200 pa/c lm158, lm258, lm358 10 300 i ib input bias current (2) lm158a, lm258a, lm358a 20 50 na lm158, lm258, lm358 20 150 t min t amb t max lm158a, lm258a, lm358a 100 lm158, lm258, lm358 200 a vd large signal voltage gain v cc + = +15 v, r l = 2 k, v o = 1.4 v to 11.4 v 50 1 00 v/mv t min t amb t max 25 svr supply voltage rejection ratio v cc + = 5 v to 30 v, r s 10 k 65 100 db t min t amb t max 65 i cc supply current, all amp, no load t min t amb t max v cc + = +5 v 0.7 1.2 ma t min t amb t max v cc + = +30 v 2 v icm input common mode voltage range v cc + = +30 v (3) 0 v cc + - 1.5 v t min t amb t max 0 v cc + - 2 cmr common mode rejection ratio r s 10 k 70 85 db t min t amb t max 60 i source output current so urce v cc + = +15 v, v o = +2 v, v id = +1 v 20 40 60 ma
lm158, lm258, lm358 electrical characteristics docid2163 rev 12 7 / 23 symbol parameter min. typ. max. unit i sink output sink current v cc + = +15 v, v o = +2 v, v id = -1 v 10 20 ma v cc + = +15 v, v o = +0.2 v, v id = -1v 12 50 a v oh high level output voltage r l = 2 k, v cc + = 30 v 26 27 v t min t amb t max 26 r l = 10 k, v cc + = 30 v 27 28 t min amb t max 27 v ol low level output voltage r l = 10 k 5 20 mv t min t amb t max 20 sr slew rate v cc + = 15 v, v i = 0.5 to 3 v, r l = 2 k, c l = 100 pf, unity gain 0.3 0.6 v/s gbp gain b andwidth product v cc + = 30 v, f = 100 khz, v in = 10 mv, r l = 2 k, c l = 100 pf 0.7 1.1 mhz thd total harmonic distortion f = 1 khz, a v = 20 db, r l = 2 k, v o = 2 v pp , c l = 100 pf, v o = 2 v pp 0.02 % e n equivalent input noise voltage f = 1 khz, r s = 100 , v cc + = 30v 55 v o1 /v o2 channel separation (4) 1khz f 20 khz 120 db notes: (1) v o = 1.4 v, r s = 0 , 5 v < v cc + < 30 v, 0 < v ic < v cc + - 1.5v (2) the direction of the input current is out of the ic. this curr ent is essentially constant, independent of the state of the output so there is no change in the load on the input lines. (3) the input common - mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3v. the upper end of the common - mode voltage range is v cc + - 1.5 v, but either or both inputs can go to +32 v without damage. (4) due to the proximity of external components, ensure that stray capacitance between these external parts does not cause coupling. typically, this can be detected because this type of capacitance increases at higher frequencies. figure 2 : open - loop frequency response figure 3 : large signal frequency response vo lt age gain (db) 1.0 10 100 1k 10k 100k 1m 10m vcc = +10 to +15 v & frequenc y (hz) 10 m v i vcc/2 vcc = 30 v & -55c 0.1 f vcc v o - + -55c t amb +125c 140 120 100 80 60 40 20 0 t amb +125c ? - + outpu t swing (vpp) 1k 10k 100k 1m frequenc y (hz) 100 k v i 1 k v o 20 15 10 5 0 2 k +15 v +7 v
electrical characteristics lm158, lm258, lm358 8 / 23 docid2163 rev 12 figure 4 : voltage follower pulse response with vcc = 15 v figure 5 : voltage follower pulse response with vcc = 30 v figure 6 : input current figure 7 : output voltage vs sink current figure 8 : output voltage vs source current figure 9 : current limiting inpu t vo lt age (v) time ( s) r l 2 k outpu t vo lt age (v) 4 3 2 1 0 3 2 1 vcc = +15 v 0 10 20 30 40 input output 50 pf + - outpu t vo lt age (mv) 0 1 2 3 4 5 6 7 8 e i t amb = +25c vcc = 30 v 500 450 400 350 300 250 e o s) time (
lm158, lm258, lm358 electrical characteristics docid2163 rev 12 9 / 23 figure 10 : input voltage range figure 11 : open - loop gain figure 12 : supply current figure 13 : input current figure 14 : gain bandwidth product figure 15 : power supply rejection ratio vo lt age gain (db) positive supp l y vo lt age (v) 0 10 20 30 40 120 40 160 80 ? rl = 20 k rl = 2 k ?
electrical characteristics lm158, lm258, lm358 10 / 23 docid2163 rev 12 figure 16 : common- mode rejection ratio figure 17 : phase margin vs. capacitive load phase margin at vcc = 15 v and v icm = 7.5 v vs. iout and capacitive load value phase margin () 50 40 30 20 10 0 -100 0 100 200 300 400 500 600 700 800 900 1000 iout (a) source for positive values/sink for negative values 70 p f , 103 p f , 138 p f , 170 p f , 220 p f , 290 pf capacitive load values ci = 70 pf ci = 290 pf t = 25 c
lm158, lm258, lm358 typical applications docid2163 rev 12 11 / 23 5 typical applications single supply voltage v cc = +5 v dc . fig ure 18 : ac - coupled inverting amplifier figure 19 : non - inverting dc amplifier figure 20 : ac - coupled non - inverting amplifier figure 21 : dc summing amp lifier ? ? ? ? ? ? ? ? ?
typical applications lm158, lm258, lm358 12 / 23 docid2163 rev 12 figure 22 : high input z, dc differential amplifier figure 23 : high input z adjustable gain dc instrumentation amplifier figure 24 : using symmetrical amplifiers to r educe input current figure 25 : low drift peak detector ? ? ? ?
lm158, lm258, lm358 typical applications docid2163 rev 12 13 / 23 figure 26 : active band - pass filter 1/ 2 lm 15 8 r8 100k c3 10 f r7 100k r5 470k c1 330pf v o v cc r6 470k c2 330 p f r4 10m r1 100k r2 100k +v 1 r3 100k 1/ 2 lm158 1/ 2 lm 15 8
package information lm158, lm258, lm358 14 / 23 docid2163 rev 12 6 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
lm158, lm258, lm358 package information docid2163 rev 12 15 / 23 6.1 so8 package information figure 27 : so8 package mechanical drawing table 4: so8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.75 0.069 a1 0.10 0.25 0.004 0.010 a2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.010 d 4.80 4.90 5.00 0.189 0.193 0.197 e 5.80 6.00 6.20 0.228 0.236 0. 244 e1 3.80 3.90 4.00 0.150 0.154 0.157 e 1.27 0.050 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 l1 1.04 0.040 k 1 8 1 8 ccc 0.10 0.004
package information lm158, lm258, lm358 16 / 23 docid2163 rev 12 6.2 miniso8 package information figure 28 : miniso8 package mechanical drawing table 5: miniso8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.1 0.043 a1 0 0.15 0 0.006 a2 0.75 0.85 0.95 0.030 0.033 0.037 b 0.22 0.40 0.009 0.016 c 0.08 0.23 0.003 0.009 d 2.80 3.00 3.20 0.11 0.118 0.126 e 4.65 4.90 5.15 0.183 0.193 0.203 e1 2.80 3.00 3.10 0.11 0.118 0.122 e 0.65 0.026 l 0.40 0.60 0.80 0.016 0.024 0.0 31 l1 0.95 0.037 l2 0.25 0.010 k 0 8 0 8 ccc 0.10 0.004
lm158, lm258, lm358 package information docid2163 rev 12 17 / 23 6.3 dfn8 2 x 2 (nb) package information figure 29 : df n8 2 x 2 (nb) package mechanical drawing table 6: dfn8 2 x 2 x 0.6 (nb) mm package mechanical data (pitch 0.5 mm) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.51 0.55 0.60 0.020 0.022 0.024 a1 0.05 0.002 a3 0.15 0.00 6 b 0.18 0.25 0.30 0.007 0.010 0.012 d 1.85 2.00 2.15 0.073 0.079 0.085 d2 1.45 1.60 1.70 0.057 0.063 0.067 e 1.85 2.00 2.15 0.073 0.079 0.085 e2 0.75 0.90 1.00 0.030 0.035 0.039 e 0.50 0.020 l 0.425 0.017 ddd 0.08 0.003
package information lm158, lm258, lm358 18 / 23 docid2163 rev 12 figure 30 : dfn8 2 x 2 (nb) footprint recommendation
lm158, lm258, lm358 package information docid2163 rev 12 19 / 23 6.4 tssop8 package information figure 31 : tssop8 package mechanical dr awing table 7: tssop8 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.008 d 2.90 3.00 3.10 0.114 0.118 0.122 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.177 e 0.65 0.0256 k 0 8 0 8 l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1 0.039 aaa 0.1 0.004
ordering information lm158, lm258, lm358 20 / 23 docid2163 rev 12 7 ordering information table 8: order codes order code temperature range package packaging marking lm158qt -55 c, +125 c dfn8 2x2 (nb) tape and reel k4a lm158dt so8 158 lm258adt -40 c, +105 c so8 258a lm258aydt (1) so8 automotive grade 258ay lm258dt so8 258 lm258apt tssop8 258a lm258ast lm258st miniso8 k408 k416 lm258qt dfn8 2x2 (nb) k4c lm358dt 0 c, +70 c so8 358 lm358ydt (1) so8 automotive grade 358y lm358adt so8 358a lm358pt lm358apt tssop8 358 358a lm358ypt (2) lm358aypt (2) tssop8 automotive grade 358y 358ay lm358st lm358ast miniso8 k405 k404 LM358QT dfn8 2x2 (nb) k4e notes: (1) qualified and characterized according to aec q100 and q003 or equivalent, advanced screening according to aec q001 & q 002 or equivalent. (2) qualified and characterized according to aec q100 and q003 or eq uivalent, advanced screening according to aec q001 & q 002 or equivalent are on - going.
lm158, lm258, lm358 revision history docid2163 rev 12 21 / 23 8 revision history table 9: document revision history date revision changes 01- jul - 2003 1 first release. 02- jan - 2005 2 r thja and t j parameters added in amr table 1: "absolute maximum ratings" . 01- jul - 2005 3 esd protection inserted in table 1: "absolute maximum ratings" . 05- oct - 2006 4 added figure 17: phase margin vs. capacitive load. 30- nov -2006 5 added missing ordering information. 25- apr- 2007 6 removed lm158a, lm258a and lm358a from document title. corrected error in miniso - 8 package data. l1 is 0.004 inch. added a utomotive grade order codes in section 7: "ordering information" . 12- feb - 2008 7 corrected v cc max (30 v instead of 32 v) in operating conditions. changed presentation of electrical characteristics table. deleted v opp param eter in electrical characteristics table. corrected miniso - 8 package information. corrected temperature range for automotive grade order codes. updated automotive grade footnotes in order codes table. 26- aug - 2008 8 added limitations on input current in table 1: "absolute maximum ratings" . corrected title for figure 11 . added e and l1 parameters in table 4: "so8 package mechanical data" . changed figure 31: "tssop8 package mechanical drawing" . 02- sep - 2011 9 in section 6: "package information" , added: ? dfn8 2 x 2 mm package mechanical drawing ? dfn8 2 x 2 mm recommended footprint ? dfn8 2 x 2 mm order codes. 06- apr- 2012 10 removed order codes lm158yd, lm258ayd, lm258yd and lm358yd from table 8: "order codes" . 11- jun - 2013 11 table 8: "order codes" : removed order codes lm158d, lm158ydt, l m258ydt, and lm258ad; added automotive grade qualification to order codes lm258atdt and lm358ydt; updated marking for order codes lm158dt and lm258d/lm258dt; updated temperature range, packages, and packaging for several order codes.
revision history lm158, lm258, lm358 22 / 23 docid2163 rev 12 date revision changes 20- jun - 2014 12 remove d dip8 package corrected typ os (w replaced with , replaced with ) updated features added related products table 3 : replaced dv io with v io /t and di io with i io /t. updated table 7 for exposed pad dimensions table 8: "order codes" : removed order codes lm258ypt and lm258aypt; removed all order codes for devices with tube packing; added package code (nb) to dfn8 2x2 package.
lm158, lm258, lm358 docid2163 rev 12 23 / 23 please read carefully information in this document is provided solely in connection with st produc ts. stmicroelectronics nv and its subsidiaries ("st") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. all st products are sold pu rsuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st assumes no liability whatsoever relating to the choice, selection or use of the st p roducts and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. if any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoeve r of such third party products or services or any intel lectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchan tability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critica l applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is express ly designated by st as being intended for "automotive, automotive safety or medical" industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shal l immediately void any warranty granted by st for the st product or service described herein and shall not cr eate or extend in any manner whatsoever, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st log o is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czec h republic - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of LM358QT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X