Part Number Hot Search : 
71801 DD311 00350 0603L MAX1836 06113 20N06L FC107
Product Description
Full Text Search
 

To Download JHB12864ASBRNLAMUA-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jhb12864a-tp ver: 5.01 - 0 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . module no. jhb12864a-tp jewel hill electronic co.,ltd . specifications for lcd module e-mail: sales@jhlcd.com website: www.jhlcd.com
jhb12864a-tp ver: 5.01 - 1 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . table of contents lcm number system ..................................................................... 2 1. general description ........................................................... 3 2. features...................................................................................... 3 3. mechanical specification .............................................. 3 4. mechanical dimension ....................................................... 4 5. maximum ratings .................................................................. 5 6. electrical characteristics ......................................... 5 7. module function description ...................................... 6 8. electro-optical characteristics .......................... 12 9. reliability............................................................................... 16 10. precautions for using lcd modules ...................... 17 11. using lcd modules .............................................................. 19 12. revision history .................................................................. 21 sample approved report ....................................................... 22
jhb12864a-tp ver: 5.01 - 2 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . lcm number system peculiar code: c:cable......... tp:with tp;f:with fpc/ffc;p: with pin; lcd display mode: p: positive; n: negative jewel hill electronic co.,ltd. m: middle temperature range w: wide temperature range s: super wide temperature range lcd type: n: tn; h: htn; s: stn; lcd color mode: g: gray; y: yellow-green; b: blue; w: black-white; o: other o: other type d: smt ic, without controller c: smt ic, with controller b: bonding ic, without controller a: bonding ic, with controller l: left(9:00); r: right(3:00); o: other u: upper(12:00); d: down(6:00) n: normal temperature range r: red; w: white; o: ther color a: amber; b: blue; y: yellow-green; g: green; e: transflective; o: other r: reflective; t: transmissive; lcd polarizer type: e: el; l: led; c: ccfl; n: none; o: other character modules: number of line character modules: backlight color: b: cob & smt lcm; t: tab lcm; g: cog lcm; graphic modules:number of segments graphic modules: number of commons serial number: az backlight type: temperature range: viewing direction: ic type: version number: v00v99 jh b 128 64 a s b t n l w w d a-v00-tp f: fstn; o: other number of char. per line f: cof lcm; o: other
jhb12864a-tp ver: 5.01 - 3 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 1. general description the jhb12864a is a 128 x 64 dots graphics lcd module. it has a stn panel composed of 128 segments and 64 commons. the lcm can be easily accessed by micro-controller via parallel interface. 2. features transmissive and negative display mode stn(blue) module display format graphic 128 x 64 dots input data 8-bit parallel data input from mpu multiplexing ratio 1/64duty bias 1/9 bias viewing direction 6 o?clock backlight led(white) tp with tp 3. mechanical specification item specifications unit dimensional outline 113.0 x 65.0 x 15.0(max) mm resolution 128segs x 64coms dots viewing area 73.0(w) x 38.5(h) mm active area 66.52(w) x 33.24(h) mm dots pitch 0.52 (w)0.52(h) mm dots size 0.48(w)0.48(h) mm
jhb12864a-tp ver: 5.01 - 4 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 4. mechanical dimension 15.0 -- type led r&el *1 10.0 -- *2 ?
jhb12864a-tp ver: 5.01 - 5 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 5. maximum ratings item symbol min max unit note v dd - v ss -0.3 7.0 v supply voltage v dd - v ee -0.3 14.0 v input voltage v in -0.3 v dd +0.3 v operating temperature t opr -20 +70 storage temperature t str -30 +80 humidity --- --- 90 %rh 6. electrical characteristics item symbol condition min. typ. max. unit supply voltage logic v dd --- --- 5.0 5.5 v h level v ih v dd -2.2 --- v dd input voltage l level v il --- v ss --- 0.2v dd v current consumption (lcd driver) i dd v dd =5.0v; v lcd =12.7v; t amb =25 ; --- 15.0 20.0 ma lcd driving voltage v lcd bias=1/9 v lcd =v dd -v 0 12.5 12.7 13.0 v power supply for led v f if=55ma 4.8 5.0 5.2 v current consumption (with led backlight) if v dd =5.0v; v f =5.0v,t amb =25 ; --- 55 70 ma
jhb12864a-tp ver: 5.01 - 6 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 7. module function description 7.1. pin description pin no. symbol description 1 vss power supply for ground (0v) 2 vdd power supply for positive (5v) 3 vo lcd driver voltage regulation pin 4 d/i data/instruction register selection; ?h?: data ?l?: instruction 5 r/w read/write selection signal, ?h?: read; ?l?: write 6 e read/write enable signal input pin 7 db0 8 db1 9 db2 10 db3 11 db4 12 db5 13 db6 14 db7 8-bit bi-directional data bus 15 cs1 chip select 1 16 cs2 chip select 2 17 /rst reset signal input pin, low level is active 18 vee power supply for negative voltage 19 led+ power supply voltage for backlight positive 20 led- power supply voltage for backlight negative tp interface pin1 xl tp left controller pin2 yd tp down controller pin3 xr tp right controller pin4 yu tp up controller
jhb12864a-tp ver: 5.01 - 7 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 7.2 timing characteristics 1. system bus read/write characteristic
jhb12864a-tp ver: 5.01 - 8 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 2. display control output timing
jhb12864a-tp ver: 5.01 - 9 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 7.3 circuit block diagram led backlight led- led+ cs2 db0-db7 /r st d/i,r/w,e cs1 5 clk m frm cl2 cl1 64seg 64seg 64com driver common segm ent driver driver segm ent lcd panel 3 8 3. clock timing
jhb12864a-tp ver: 5.01 - 10 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 7.4 application of lcm ? reference circuit
jhb12864a-tp ver: 5.01 - 11 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 7.5 table of command
jhb12864a-tp ver: 5.01 - 12 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 8. electro-optical characteristics item symbol condition temp min typ. max units note 0 - 13.0 - 25 12.5 12.7 13.0 lcd driving voltage v lcd = = 0 50 - 12.5 - v note1 rise time (tr) --- --- -- decay time (tf) 0 --- ---- --- rise time (tr) --- 225 340 decay time (tf) 25 --- 240 360 rise time (tr) --- --- -- response time decay time (tf) = = 0 50 --- --- -- msec note2 contrast ratio cr = = 0 25 5 10 --- --- note4 viewing angle range ( = 0 ) (6?) = 90 (3?) =180 (12?) =270 (9?) ] (25 ) cr 2 40 35 20 30 deg note3 z for panel only
jhb12864a-tp ver: 5.01 - 13 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . ? electro-optical characteristics measuring equipment(dms501) printer detector positioning ( , ) display driver temperature control lcd illumination (d65) system
jhb12864a-tp ver: 5.01 - 14 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . ? note 1. definition of driving voltage( vlcd) : ? note 2. definition of optical response time : % % % 30 1 00 50 50 % v l cd vth1 vth2 se l ected wave f o r m no n- se l ected wave f o r m o p eration volta g e selected waveform (1 0s ec) waveform no selected (10s ec) no selected waveform (10s ec) brightn ess 90 % 10 0 % tr rise ti me 10 % 10 0 % tf fall time t
jhb12864a-tp ver: 5.01 - 15 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . ? note 3. definition of viewing angle and : ? note 4. definition of contrast ratio( cr) : brightness of non-selected segment (b2) brightness of selected segment (b1) cr = v , max cr,max contrast driving voltage brightness (%) b2 b1 brightness curve for selected segment brightness curve for non-selected se g ment 100% 0% 12 o?clock direction 9 o?clock direction 3 o?clock direction =90 =0 viewing direction 6 o?clock direction normal : =0
jhb12864a-tp ver: 5.01 - 16 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 9. reliability 9.1. mtbf the lcd module shall be designed to meet a minimum mtbf value of 30000 hours with normal. (25c in the room without sunlight) 9.2. tests no. item condition criterion 1 high temperature operating 70 120hrs 2 low temperature operating -20 120hrs 3 high temperature/ humidity non-operating 70 ,90%rh ,120 hrs 4 high temperature non-operating 80 120hrs 5 low temperature non-operating -30 120hrs 6 temperature cycling non-operating -20 (30min ) ? 60 (30min) 10 cycles no defect of operational function in room temperature are allowable. idd of lcm in pre-and post-test should follow specification notes: judgments should be mode after exposure in room temperature for two hours.
jhb12864a-tp ver: 5.01 - 17 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 10. precautions for using lcd modules 10.1. handling precautions (1) the display panel is made of glass. do not subj ect it to a mechanical shock or impact by dropping it. (2) if the display panel is damaged and the liquid crysta l substance leaks out, be sure not to get any in your mouth. if the substance contacts your skin or clothes, wash it off using soap and water. (3) do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. (4) the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. (5) if the display surface becomes contaminated, breathe on the surface and gently wipe it with a soft dry cloth. if it is heavily contaminated, moisten a cloth with one of the following solvents: - isopropyl alcohol - ethyl alcohol (6) solvents other than those above mentioned may damage the polarizer. especially, do not use the following: - water - ketone - aromatic solvents (7) extra care to minimize corrosion of the electrode . water droplets, moisture condensation or a current flow in a high-humidity environment accelerates corrosion of the electrode. (8) install the lcd module by using the mounting holes. when mounting the lcd module, make sure it is free of twisting, warping and distortion. in particular, do not forcibly pull or bend the i/o cable or the backlight cable. (9) do not attempt to disassemble or process the lcd module. (10) nc terminal should be open. do not connect anything. (11) if the logic circuit power is off, do not apply the input signals. (12) to prevent destruction of the elements by sta tic electricity, be careful to maintain an optimum work environment. - be sure to ground the body when handling he lcd module. - tools required for assembling, such as soldering irons, must be properly grounded. -to reduce the amount of static electricity generated, do not conduct assembling and other work under dry conditions.
jhb12864a-tp ver: 5.01 - 18 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . -the lcd module is coated with a film to protect the display surface. exercise care when peeling off this protective film since static electricity may be generated. 10.2. storage conditions when storing, avoid the lcd module to be exposed to direct sunlight of fluorescent lamps. for stability, to keep it away form high temperature and high humidity environment (the best condition is : 235c, 4520%rh). esd protection is necessary for long-term storage also. 10.3. others liquid crystals solidify under low temperature (bel ow the storage temperature range) leading to defective orientation or the generation of air bubbl es (black or white). air bubbles may also be generated if the module is subject to a low temperature. if the lcd module have been operating for a long tim e showing the same display patterns the display patterns may remain on the screen as ghost images a nd a slight contrast irregularity may also appear. a normal operating status can be recovered by suspe nding use for some time. it should be noted that this phenomenon does not adversely affect performance reliability. to minimize the performance degradation of the lcd module resulting from destruction caused by static electricity etc. exercise care to avoid hol ding the following sections when handling the modules. - exposed area of the printed circuit board. - terminal electrode sections.
jhb12864a-tp ver: 5.01 - 19 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 11. using lcd modules 11.1 liquid crystal display modules lcd is composed of glass and polarizer. pay attention to the following items when handling. (1) please keep the temperature within specified range for use and storage. polarization degradation, bubble generation or polarizer peel-off may o ccur with high temperature and high humidity. (2) do not touch, push or rub the exposed polarizers with anything harder than a hb pencil lead (glass, tweezers, etc). (3) n-hexane is recommended for cleaning the adhesi ves used to attach front/rear polarizers and reflectors made of organic substances, which will be damaged by chemicals such as acetone, toluene, toluene, ethanol and isopropyl alcohol. (4) when the display surface becomes dusty, wipe gently with absorbent cotton or other soft material like chamois soaked in petroleum ether. do not scrub hard to avoid damaging the display surface. (5) wipe off saliva or water drops immediately, c ontact with water over a long period of time may cause deformation or color fading. (6) avoid contacting oil and fats. (7) condensation on the surface and contact with te rminals due to cold will damage, stain or polarizers. after products are tested at low temp erature they must be warmed up in a container before coming is contacting with room temperature air. (8) do not put or attach anything on the display area to avoid leaving marks on. (9) do not touch the display with bare hands. this will stain the display area and degrade insulation between terminals (some cosmetics are determinate to the polarizers). (10)as glass is fragile, it tends to become or ch ipped during handling especially on the edges. please avoid dropping or jarring. 11.2 installing lcd module attend to the following items when installing the lcm. (1) cover the surface with a transparent protective plate to protect the polarizer and lc cell. (2) when assembling the lcm into other equipment, the spacer to the bit between the lcm and the fitting plate should have enough height to avoid cau sing stress to the module surface, refer to the individual specifications for measurements. the measurement tolerance should be 0.1mm. 11.3 electro-static discharge control since this module uses a cmos lsi, the same car eful attention should be paid for electrostatic discharge as for an ordinary cmos ic.
jhb12864a-tp ver: 5.01 - 20 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . (1) make certain that you are grounded when handing lcm. (2) before removing lcm from its packing case or inco rporating it into a set, be sure the module and your body have the same electric potential. (3) when soldering the terminal of lcm, make cer tain the ac power source for the soldering iron does not leak. (4) when using an electric screwdriver to att ach lcm, the screwdriver should be of ground potentiality to minimize as much as possible a ny transmission of electromagnetic waves produced sparks coming from the commutator of the motor. (5) as far as possible, make the electric potential of your work clothes and that of the workbenches to the ground potential. (6) to reduce the generation of electro-static discharge, be careful that the air in the work is not too dried. a relative humidity of 50%-60% is recommended. 11.4 precautions for operation (1) viewing angle varies with the change of liquid cr ystal driving voltage (vo). adjust vo to show the best contrast. (2) driving the lcd in the voltage above the limit will shorten its lifetime. (3) response time is greatly delayed at temperature below the operating temperature range. however, this does not mean the lcd will be out of the order. it will recover when it returns to the specified temperature range. (4) if the display area is pushed hard during operati on, the display will become abnormal. however, it will return to normal if it is turned off and then on. (5) condensation on terminals can cause an electrochem ical reaction disrupting the terminal circuit. therefore, this product must be used and stor ed within the specified condition of 235c, 4520%rh. (6) when turning the power on, input each signal after the positive/negative voltage becomes stable. 11.5 safety (1) it is recommended to crush damaged or unnecessa ry lcds into pieces and wash them off with solvents such as acetone and ethanol, which should later be burned. (2) if any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off thoroughly with soap and water.
jhb12864a-tp ver: 5.01 - 21 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . 13. revision history version revise record date 1.0 original version 05-01-01 2.0 change specification format 05-11-20 3.0 change contact mode 06-08-01 4.0 change module temperature from normal to wide temperature 09-12-04 5.0 change module for stn/blue,white led and add the tp 12-10-14 5.01 perfect the ver5.0spec commany internal modify. 13-08-01
jhb12864a-tp ver: 5.01 - 22 - issue date: 2013/08/01 j e w el hill ele c tr on i c co., ltd . sample approved report ( ??? ) sample model no. ( ?? ) jhb12864a sample series number no. ( ? ) sample quantity ( ? ) color/type ( ? / ) stn/blue viewing direction ( ? ) 6:00 driving method ( ) 1/64duty, 1/9bias logic voltage (ic ? ) 5.0v lcd vop (lcd ? ) 12.7v operating temp. ( ? ) -20 ~ 70 storage temp. ( ? ) -30 ~ 80 polarizer----front ( ?? ) polarizer----back ( ?? ) transmissive controller/driver ic( / ic) sbn0064/sbn6400 backlight color/type ( ? / ? ) white led drawing rev/no./quantity ( ?? / ) specification ( ) with tp with tp remarks ( ? ) writ by _________ date _________ aprov by _________ date ________ customer?s approval ( ?? ) 1 function ? ok n.g. 2 driver condition ok n.g. 3 display mode ??? ok n.g. 4 viewing angle ?? ok n.g. 5 backlight ? ok n.g. 6 displaying pattern ? ok n.g. customer?s conclusions ( ? ) ______________________________________ _______________________________________________________________________________ ________________________________________ customer?s signature ?? _____________ date ( ) ___________


▲Up To Search▲   

 
Price & Availability of JHB12864ASBRNLAMUA-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X