Part Number Hot Search : 
MC56F 14014 0512E 03800 HN3C09FU 2SK2157 2481B44 SS471
Product Description
Full Text Search
 

To Download FTB100-12-GASSING Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  length width container height total height terminal 2 i [m6 bolt] m6x1.0 2 . 0 ( 0 . 0 8 ) vrla rechargeable battery ftb100-12 technology measures innovation values absorbent glass mat technology for efficient gas recombination front accessible terminal for ease of assembly carry handles for ease of installation strengthened rib design to maintain structural integrity flame-arrestor is installed to ensure safety b.b. battery co., ltd. powered by t elecom upsbroadband electric utility railroad signal central office application features specifications o u te r d im e n s io n s t e r m in a l t y p e dimension(mm/inch) nominal voltage nominal capacity t erminals 25 a oo o o charge 0 c ~ 40 c(32 f ~ 104 f) oo o o discharge -20 c ~ 50 c(-4 f ~ 122 f) oo o o storage. -20 c ~ 40 c(-4 f ~ 104 f) internal resistance 12 v max. charge current container material approx. weight max. discharge current (fully charged ) operating t emperature range 100ah @ 8 hour rate f.v.(1.75v/cell) 36.8kg(81.13lbs.) 3.5m 800 a (5 sec.) safety v alve opening pressure 10~35 kpa 394 2.0 110 2.0 287 2.0 287 2.0 terminal hardware initial torque: 5.5nm 5% (11.30 0.08) (4.33 0.08) (15.51 0.08) (11.30 0.08) (central gassing) iec60896 bs6290/4gb/t 19638 eurobat guide i 2 (m6 female thread) 3 9 4 .0 2 .0 ( 1 5 .5 1 0 .0 8 ) 1 1 0 .0 2 .0 ( 4 .3 3 0 .0 8 ) 2 8 7 . 0 2 . 0 ( 1 1 . 3 0 0 . 0 8 ) 2 7 2 . 8 2 . 0 ( 1 0 . 7 4 0 . 0 8 ) 1 5 6 .0 (6 .1 4 ) m 6 x 1 .0 5 2 . 0 ( 2 . 0 5 ) one-way self-resealing safety valve with gas collection system for long life guarantee (v/cell) f.v. discharge time unit: w unit: a o o const ant cu rrent d ischar ge cha racter istics at 25 c/77 f o o const ant po wer di scharg e char acteris tics at 25 c/77 f rev. jul. 2 013 a/3 all d ata and artw orks sha ll be cha nge d w itho ut p rior noti ce, bb rese rves the righ t to exp lain and upd ate the info rma tion con tain ed h erei nto. (v/cell) f.v. discharge time 1.90v 1.85v 1.80v 1.75v 1.70v 1.65v 1.60v 15 min 45 min 1 hr 1355 1598 1806 1983 2123 2216 2238 814889 939 971 990 10031012 647.4719.9 760.5 778.6 791.5 802.2 807.0 394.3434.1 451.4 459.9 464.3 468.5 470.4 293.3320.5 332.4 336.7 340.0 343.3 344.3 232.4254.2 262.9 267.3 269.5 271.6 272.2 194.2 211.6 218.2222.5 223.6 224.7 225.1 132.00142.82 147.55 150.00 150.00 150.00 151.81 107.67 117.05 121.20122.40 122.40 122.40 123.38 2 hr 3 hr 4 hr 5 hr 8 hr 10 hr 57.1662.18 64.36 65.45 65.45 65.45 65.72 20 hr 30 min 1.90v 1.85v 1.80v 1.75v 1.70v 1.65v 1.60v 15 min 45 min 1 hr 2 hr 3 hr 4 hr 5 hr 8 hr 10 hr 20 hr 30 min 67.874.6 79.2 81.9 83.5 84.6 85.3 55.0961.27 64.73 66.27 67.36 68.27 68.68 33.2736.64 38.09 38.82 39.18 39.55 39.70 24.5526.82 27.82 28.18 28.45 28.73 28.81 19.3621.18 21.91 22.27 22.45 22.64 22.68 16.1817.64 18.18 18.55 18.64 18.73 18.76 11.0011.90 12.3012.50 12.50 12.50 12.65 8.979.75 10.1010.20 10.20 10.20 10.28 4.765.18 5.36 5.45 5.45 5.45 5.48 114.4 135.2 155.0 173.3 187.4 196.0 198.3 111 4 12261302 1351 1381 1401 1415 92.9 103.2 110.4114.5 117.1 118.8 119.9 standard: abs( ul 94-hb) ftb100-12 ftb100 -12fr optional: flame retardant abs(ul 94-v0)


▲Up To Search▲   

 
Price & Availability of FTB100-12-GASSING

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X