Part Number Hot Search : 
10180 AE9964 KV2151 UD4015 PD7801 PK25F120 TA0506A PK25F120
Product Description
Full Text Search
 

To Download DTC114YMFHA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc114y series npn 100ma 50v digital transistors (bias resistor bu ilt-in transistors) datasheet ll outline parameter value vmt3 emt3f v cc 50v i c(max.) 100ma r 1 10k dtc114ym dtc114yeb r 2 47k (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in biasing resistors 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types: dta114y series 6) complex transistors: emh9/ umh9n/ imh9a/ emg5/ umg5n npn type 7) lead free/rohs compliant. dtc114ye dtc114yub sot-416(sc-75a) (sc-85) umt3 smt3 dtc114yua dtc114yka sot-323(sc-70) sot-346(sc-59) ll inner circuit ll application switching circuit, inverter circuit, interface circ uit, driver circuit ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc114ym vmt3 1212 t2l 180 8 8000 64 dtc114yeb emt3f 1616 tl 180 8 3000 64 dtc114ye emt3 1616 tl 180 8 3000 64 dtc114yub umt3f 2021 tl 180 8 3000 64 dtc114yua umt3 2021 t106 180 8 3000 64 dtc114yka smt3 2928 t146 180 8 3000 64 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/10 20121023 - rev.001 downloaded from: http:///
dtc114y series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc 50 v input voltage v in -6 to 40 v output current i o 70 ma collector current i c(max) *1 100 ma power dissipation dtc114ym p d *2 150 mw dtc114yeb 150 dtc114ye 150 dtc114yub 200 dtc114yua 200 dtc114yka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = 5v, i o = 100a - - 0.3 v v i(on) v o = 0.3v, i o = 1ma 1.4 - - output voltage v o(on) i o / i i = 5ma / 0.25ma - 0.1 0.3 v input current i i v i = 5v - - 0.88 ma output current i o(off) v cc = 50v, v i = 0v - - 0.5 a dc current gain g i v o = 5v, i o = 5ma 68 - - - input resistance r 1 - 7 10 13 k resistance ratio r 2 /r 1 - 3.7 4.7 5.7 - transition frequency f t *1 v ce = 10v, i e = -5ma, f = 100mhz - 250 - mhz *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc cur rent gain vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll electrical characteristic curves (t a =25c) fig.5 output voltage vs. output current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www. rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 9/10 20121023 - rev.001 downloaded from: http:///
dtc114y series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 10 /10 20121023 - rev.001 downloaded from: http:///
downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC114YMFHA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X